Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDT1446-DI-SC Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

Part # PDT1446-DI-SC
Description  Pigtailed PIN Photodiodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

PDT1446-DI-SC Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard)

  PDT1446-DI-SC Datasheet HTML 1Page - Agilent(Hewlett-Packard) PDT1446-DI-SC Datasheet HTML 2Page - Agilent(Hewlett-Packard) PDT1446-DI-SC Datasheet HTML 3Page - Agilent(Hewlett-Packard) PDT1446-DI-SC Datasheet HTML 4Page - Agilent(Hewlett-Packard) PDT1446-DI-SC Datasheet HTML 5Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
512
PDT Mechanical Outline Options
PDT1X4X-D
PDT Electrical Pin-Outs
1
PIN 1: CATHODE + ve
PIN 2: ANODE – ve
PIN 3: CASE
2
3
PDT1X41
21
1
PIN 1: ANODE – ve
PIN 2: CATHODE + ve
PIN 3: CASE
23
PDT1X42
12
1
PIN 1: CATHODE + ve
PIN 2: CASE
PIN 3: ANODE – ve
2
3
PDT1X46
31
1
PIN 1: ANODE – ve
PIN 2: CATHODE + ve
PIN 3: CASE
2
3
PDT1X47
12
F
H
L
J
∅N
∅E
C
A
D
M
∅B
G
DIM.
MIN.
MAX.
A
∅B
C
D
∅E
F
G
12.0
0.41
1000
25.0
6.25
9.5
0.47
18.0
DIM.
H
J
K
L
M
∅N
∅P
MIN.
12.7 NOM.
0.9
3.8
2.54 NOM.
2.1
MAX.
7.5
1.1
7.5
4.2
2.4
ALL DIMENSIONS IN MILLIMETERS
∅P
K


Similar Part No. - PDT1446-DI-SC

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PDT10012 NIEC-PDT10012 Datasheet
322Kb / 5P
   THYRISTOR MODULE 100A/1200 to 1600V
PDT10012 NIEC-PDT10012 Datasheet
261Kb / 4P
   100A Avg 1200~1600 Volts
PDT10012 NIEC-PDT10012_1 Datasheet
261Kb / 4P
   100A Avg 1200~1600 Volts
PDT10016 NIEC-PDT10016 Datasheet
322Kb / 5P
   THYRISTOR MODULE 100A/1200 to 1600V
PDT10016 NIEC-PDT10016 Datasheet
261Kb / 4P
   100A Avg 1200~1600 Volts
More results

Similar Description - PDT1446-DI-SC

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
PDA2446 HP-PDA2446 Datasheet
267Kb / 8P
   Analog Pigtailed PIN Photodiodes
PPA1515-155 HP-PPA1515-155 Datasheet
207Kb / 4P
   Pigtailed PIN-PREAMP
logo
KODENSHI_AUK CORP.
HPI6FFR4 KODENSHI-HPI6FFR4 Datasheet
124Kb / 2P
   PIN PHOTODIODES
HPI6FER2 KODENSHI-HPI6FER2 Datasheet
69Kb / 2P
   PIN PHOTODIODES
HPI6FGR4 KODENSHI-HPI6FGR4 Datasheet
69Kb / 2P
   PIN PHOTODIODES
HPI307 KODENSHI-HPI307 Datasheet
66Kb / 2P
   PIN PHOTODIODES
HPI5FCR2 KODENSHI-HPI5FCR2 Datasheet
67Kb / 2P
   PIN PHOTODIODES
HPI6FFR2 KODENSHI-HPI6FFR2 Datasheet
69Kb / 2P
   PIN PHOTODIODES
logo
Panasonic Semiconductor
PNZ0300 PANASONIC-PNZ0300 Datasheet
103Kb / 4P
   Silicon PIN Photodiodes
logo
Hamamatsu Corporation
S2506 HAMAMATSU-S2506_15 Datasheet
163Kb / 5P
   Si PIN photodiodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com