Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAM-D21 Datasheet(PDF) 5 Page - ATMEL Corporation

Part # SAM-D21
Description  SMART ARM-Based Microcontroller
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SAM-D21 Datasheet(HTML) 5 Page - ATMEL Corporation

  SAM-D21_14 Datasheet HTML 1Page - ATMEL Corporation SAM-D21_14 Datasheet HTML 2Page - ATMEL Corporation SAM-D21_14 Datasheet HTML 3Page - ATMEL Corporation SAM-D21_14 Datasheet HTML 4Page - ATMEL Corporation SAM-D21_14 Datasheet HTML 5Page - ATMEL Corporation SAM-D21_14 Datasheet HTML 6Page - ATMEL Corporation SAM-D21_14 Datasheet HTML 7Page - ATMEL Corporation SAM-D21_14 Datasheet HTML 8Page - ATMEL Corporation SAM-D21_14 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
5
Atmel | SMART SAM D21 [DATASHEET SUMMARY]
Atmel-42181DS–SAM-D21_Summary–09/2014
2.
Ordering Information
2.1
SAM D21E
SAMD 21 E 15 A - M U T
Product Family
SAMD = General Purpose Microcontroller
21 = Cortex M0 + CPU, Basic Feature Set
E = 32 Pins
G = 48 Pins
J = 64 Pins
No character = Tray (Default)
T = Tape and Reel
U = 40 - 85
O
C Matte Sn Plating
A = TQFP
M = QFN
+ DMA + USB
Product Series
Flash Memory Density
Device Variant
A = Default Variant
Pin Count
Package Carrier
Package Grade
Package Type
18 = 256KB
17 = 128KB
16 = 64KB
15 = 32KB
Ordering Code
FLASH (bytes)
SRAM (bytes)
Package
Carrier Type
ATSAMD21E15A-AU
32K
4K
TQFP32
Tray
ATSAMD21E15A-AUT
TQFP32
Tape & Reel
ATSAMD21E15A-MU
QFN32
Tray
ATSAMD21E15A-MUT
QFN32
Tape & Reel
ATSAMD21E16A-AU
64K
8K
TQFP32
Tray
ATSAMD21E16A-AUT
TQFP32
Tape & Reel
ATSAMD21E16A-MU
QFN32
Tray
ATSAMD21E16A-MUT
QFN32
Tape & Reel
ATSAMD21E17A-AU
128K
16K
TQFP32
Tray
ATSAMD21E17A-AUT
TQFP32
Tape & Reel
ATSAMD21E17A-MU
QFN32
Tray
ATSAMD21E17A-MUT
QFN32
Tape & Reel


Similar Part No. - SAM-D21_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
SAM-D21-XPLAINED-PRO ATMEL-SAM-D21-XPLAINED-PRO Datasheet
3Mb / 23P
   SMART ARM-based Microcontrollers
SAM-D21E ATMEL-SAM-D21E Datasheet
17Mb / 1111P
   SMART ARM-Based Microcontroller
SAM-D21G ATMEL-SAM-D21G Datasheet
17Mb / 1111P
   SMART ARM-Based Microcontroller
SAM-D21G ATMEL-SAM-D21G_14 Datasheet
631Kb / 23P
   SMART ARM-Based Microcontroller
SAM-D21J ATMEL-SAM-D21J Datasheet
17Mb / 1111P
   SMART ARM-Based Microcontroller
More results

Similar Description - SAM-D21_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
SAM-D21G ATMEL-SAM-D21G_14 Datasheet
631Kb / 23P
   SMART ARM-Based Microcontroller
SAM-D20G ATMEL-SAM-D20G_14 Datasheet
979Kb / 32P
   SMART ARM-Based Microcontroller
SAM-D20E ATMEL-SAM-D20E_14 Datasheet
979Kb / 32P
   SMART ARM-Based Microcontroller
SAM-D21J ATMEL-SAM-D21J_14 Datasheet
631Kb / 23P
   SMART ARM-Based Microcontroller
SAM-D21E ATMEL-SAM-D21E Datasheet
17Mb / 1111P
   SMART ARM-Based Microcontroller
SAMD20G ATMEL-SAMD20G_14 Datasheet
4Mb / 676P
   SMART ARM-Based Microcontroller
SAMD20J ATMEL-SAMD20J_14 Datasheet
979Kb / 32P
   SMART ARM-Based Microcontroller
SAM-R21E ATMEL-SAM-R21E_14 Datasheet
762Kb / 22P
   SMART ARM-Based Wireless Microcontroller
SAM-R21G ATMEL-SAM-R21G_14 Datasheet
762Kb / 22P
   SMART ARM-Based Wireless Microcontroller
ATSAMD ATMEL-ATSAMD Datasheet
673Kb / 25P
   ARM-Based Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com