Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATTINY15L Datasheet(PDF) 9 Page - ATMEL Corporation

Part # ATTINY15L
Description  Advanced RISC Architecture
Download  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATTINY15L Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button ATTINY15L_14 Datasheet HTML 5Page - ATMEL Corporation ATTINY15L_14 Datasheet HTML 6Page - ATMEL Corporation ATTINY15L_14 Datasheet HTML 7Page - ATMEL Corporation ATTINY15L_14 Datasheet HTML 8Page - ATMEL Corporation ATTINY15L_14 Datasheet HTML 9Page - ATMEL Corporation ATTINY15L_14 Datasheet HTML 10Page - ATMEL Corporation ATTINY15L_14 Datasheet HTML 11Page - ATMEL Corporation ATTINY15L_14 Datasheet HTML 12Page - ATMEL Corporation ATTINY15L_14 Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 85 page
background image
9
ATtiny15L
1187H–AVR–09/07
Constant byte address is specified by the Z-register contents. The 15 MSBs select word
address (0 - 511), and LSB selects low byte if cleared (LSB = 0) or high byte if set
(LSB = 1).
Subroutine and Interrupt
Hardware Stack
The ATtiny15L uses a 3-level-deep Hardware Stack for subroutines and interrupts. The
Hardware Stack is nine bits wide and stores the Program Counter (PC) return address
while subroutines and interrupts are executed.
RCALL instructions and interrupts push the PC return address onto Stack level 0, and
the data in the other Stack levels 1 - 2 are pushed one level deeper in the Stack. When
a RET or RETI instruction is executed the returning PC is fetched from Stack level 0,
and the data in the other Stack levels 1 - 2 are popped one level in the Stack.
If more than three subsequent subroutine calls or interrupts are executed, the first val-
ues written to the Stack are overwritten. Pushing four return addresses A1, A2, A3, and
A4 followed by four subroutine or interrupt returns, will pop A4, A3, A2, and once more
A2 from the Hardware Stack.
The EEPROM Data
Memory
The ATtiny15L contains 64 bytes of data EEPROM memory. It is organized as a sepa-
rate data space, in which single bytes can be read and written. The EEPROM has an
endurance of at least 100,000 write/erase cycles. The access between the EEPROM
and the CPU is described on page 36, specifying the EEPROM Address Register, the
EEPROM Data Register, and the EEPROM Control Register.
Memory Access and
Instruction Execution Timing
This section describes the general access timing concepts for instruction execution and
internal memory access.
The AVR CPU is driven by the System Clock Ø, directly generated from the external
clock crystal for the chip. No internal clock division is used.
Figure 10 shows the parallel instruction fetches and instruction executions enabled by
the Harvard architecture and the fast-access Register File concept. This is the basic
pipelining concept to obtain up to 1 MIPS per MHz with the corresponding unique results
for functions per cost, functions per clocks, and functions per power-unit.
Figure 10. The Parallel Instruction Fetches and Instruction Executions
Figure 11 shows the internal timing concept for the Register File. In a single clock cycle
an ALU operation using two register operands is executed, and the result is stored back
to the destination register.
System Clock Ø
1st Instruction Fetch
1st Instruction Execute
2nd Instruction Fetch
2nd Instruction Execute
3rd Instruction Fetch
3rd Instruction Execute
4th Instruction Fetch
T1
T2
T3
T4


Similar Part No. - ATTINY15L_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATTINY15L-1PC ATMEL-ATTINY15L-1PC Datasheet
210Kb / 11P
   8-bit AVR Microcontroller with 1K Byte Flash
ATTINY15L-1PC ATMEL-ATTINY15L-1PC Datasheet
758Kb / 85P
   8-bit Microcontroller with 1K Byte Flash
ATTINY15L-1PC ATMEL-ATTINY15L-1PC Datasheet
1Mb / 79P
   8-BIT AVR짰 Microcontroller with 1K Byte Flash
ATTINY15L-1PI ATMEL-ATTINY15L-1PI Datasheet
210Kb / 11P
   8-bit AVR Microcontroller with 1K Byte Flash
ATTINY15L-1PI ATMEL-ATTINY15L-1PI Datasheet
758Kb / 85P
   8-bit Microcontroller with 1K Byte Flash
More results

Similar Description - ATTINY15L_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA8HVA ATMEL-ATMEGA8HVA_14 Datasheet
333Kb / 22P
   Advanced RISC Architecture
ATMEGA48PB ATMEL-ATMEGA48PB Datasheet
1Mb / 25P
   Advanced RISC architecture
ATTINY15L ATMEL-ATTINY15L_07 Datasheet
1Mb / 85P
   High-performance, Low-power AVR 8-bit Microcontroller Advanced RISC Architecture
ATMEGA16U4 ATMEL-ATMEGA16U4_10 Datasheet
694Kb / 26P
   High Performance, Low Power AVR 8-Bit Microcontroller Advanced RISC Architecture
logo
Microchip Technology
PIC16LF18854 MICROCHIP-PIC16LF18854 Datasheet
6Mb / 668P
   C Compiler Optimized RISC Architecture
07/14/15
logo
ATMEL Corporation
ATMEGA48 ATMEL-ATMEGA48_11 Datasheet
8Mb / 377P
   High performance, low power Atmel AVR 8-bit microcontroller Advanced RISC architecture
ATMEGA8 ATMEL-ATMEGA8_13 Datasheet
6Mb / 331P
   High-performance, Low-power Atmel AVR 8-bit Microcontroller Advanced RISC Architecture
ATA5505 ATMEL-ATA5505 Datasheet
5Mb / 294P
   High Performance, Low Power Atmel AVR 8-bit Microcontroller Advanced RISC Architecture
AT91SAM7L128PRE ATMEL-AT91SAM7L128PRE Datasheet
8Mb / 564P
    numberHigh-performance 32-bit RISC Architecture
AT91M42800A ATMEL-AT91M42800A_14 Datasheet
423Kb / 27P
   High-performance 32-bit RISC Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com