Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATMEGA163 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # ATMEGA163
Description  Nonvolatile Program and Data Memories
Download  187 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA163 Datasheet(HTML) 4 Page - ATMEL Corporation

  ATMEGA163_14 Datasheet HTML 1Page - ATMEL Corporation ATMEGA163_14 Datasheet HTML 2Page - ATMEL Corporation ATMEGA163_14 Datasheet HTML 3Page - ATMEL Corporation ATMEGA163_14 Datasheet HTML 4Page - ATMEL Corporation ATMEGA163_14 Datasheet HTML 5Page - ATMEL Corporation ATMEGA163_14 Datasheet HTML 6Page - ATMEL Corporation ATMEGA163_14 Datasheet HTML 7Page - ATMEL Corporation ATMEGA163_14 Datasheet HTML 8Page - ATMEL Corporation ATMEGA163_14 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 187 page
background image
4
ATmega163(L)
1142E–AVR–02/03
cycle. The resulting architecture is more code efficient while achieving throughputs up to
ten times faster than conventional CISC microcontrollers.
The ATmega163 provides the following features: 16K bytes of In-System Self-Program-
mable Flash, 512 bytes EEPROM, 1024 bytes SRAM, 32 general purpose I/O lines, 32
general purpose working registers, three flexible Timer/Counters with compare modes,
internal and external interrupts, a byte oriented Two-wire Serial Interface, an 8-channel,
10-bit ADC, a programmable Watchdog Timer with internal Oscillator, a programmable
serial UART, an SPI serial port, and four software selectable power saving modes. The
Idle mode stops the CPU while allowing the SRAM, Timer/Counters, SPI port, and inter-
rupt system to continue functioning. The Power-down mode saves the register contents
but freezes the Oscillator, disabling all other chip functions until the next interrupt or
Hardware Reset. In Power-save mode, the asynchronous Timer Oscillator continues to
run, allowing the user to maintain a timer base while the rest of the device is sleeping.
The ADC Noise Reduction mode stops the CPU and all I/O modules except asynchro-
nous timer and ADC, to minimize switching noise during ADC conversions.
The On-chip ISP Flash can be programmed through an SPI serial interface or a conven-
tional programmer. By installing a Self-Programming Boot Loader, the microcontroller
can be updated within the application without any external components. The Boot Pro-
gram can use any interface to download the application program in the Application Flash
memory. By combining an 8-bit CPU with In-System Self-Programmable Flash on a
monolithic chip, the Atmel ATmega163 is a powerful microcontroller that provides a
highly flexible and cost effective solution to many embedded control applications.
The ATmega163 AVR is supported with a full suite of program and system development
tools including: C compilers, macro assemblers, program debugger/simulators, In-Cir-
cuit Emulators, and evaluation kits.
Pin Descriptions
VCC
Digital supply voltage.
GND
Digital ground.
Port A (PA7..PA0)
Port A serves as the analog inputs to the A/D Converter.
Port A also serves as an 8-bit bi-directional I/O port, if the A/D Converter is not used.
Port pins can provide internal pull-up resistors (selected for each bit). The Port A output
buffers can sink 20mA and can drive LED displays directly. When pins PA0 to PA7 are
used as inputs and are externally pulled low, they will source current if the internal pull-
up resistors are activated. The Port A pins are tristated when a reset condition becomes
active, even if the clock is not running.
Port B (PB7..PB0)
Port B is an 8-bit bi-directional I/O port with internal pull-up resistors (selected for each
bit). The Port B output buffers can sink 20 mA. As inputs, Port B pins that are externally
pulled low will source current if the pull-up resistors are activated. Port B also serves the
functions of various special features of the ATmega83/163 as listed on page 117. The
Port B pins are tristated when a reset condition becomes active, even if the clock is not
running.
Port C (PC7..PC0)
Port C is an 8-bit bi-directional I/O port with internal pull-up resistors (selected for each
bit). The Port C output buffers can sink 20 mA. As inputs, Port C pins that are externally
pulled low will source current if the pull-up resistors are activated. The Port C pins are
tristated when a reset condition becomes active, even if the clock is not running.


Similar Part No. - ATMEGA163_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA163-8AC ATMEL-ATMEGA163-8AC Datasheet
2Mb / 187P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA163-8AI ATMEL-ATMEGA163-8AI Datasheet
2Mb / 187P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA163-8PC ATMEL-ATMEGA163-8PC Datasheet
2Mb / 187P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA163-8PI ATMEL-ATMEGA163-8PI Datasheet
2Mb / 187P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA163L ATMEL-ATMEGA163L Datasheet
2Mb / 187P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
More results

Similar Description - ATMEGA163_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA8535L ATMEL-ATMEGA8535L_14 Datasheet
2Mb / 321P
   Nonvolatile Program and Data Memories
AT90S8535 ATMEL-AT90S8535_14 Datasheet
2Mb / 127P
   Data and Nonvolatile Program Memories
AT90LS8535 ATMEL-AT90LS8535_14 Datasheet
2Mb / 127P
   Data and Nonvolatile Program Memories
ATMEGA644P ATMEL-ATMEGA644P_14 Datasheet
6Mb / 377P
   Nonvolatile Program and Data Memories
ATMEGA324P ATMEL-ATMEGA324P_14 Datasheet
6Mb / 377P
   Nonvolatile Program and Data Memories
ATMEGA8515L ATMEL-ATMEGA8515L_14 Datasheet
1Mb / 257P
   Nonvolatile Program and Data Memories
ATMEGA161L ATMEL-ATMEGA161L_14 Datasheet
1Mb / 159P
   Program and Data Memories
AT90S2323 ATMEL-AT90S2323_14 Datasheet
1Mb / 64P
   Data and Nonvolatile Program Memory
AT89LP3240 ATMEL-AT89LP3240_14 Datasheet
5Mb / 200P
   Nonvolatile Program and Data Memory
ATXMEGA256A3B ATMEL-ATXMEGA256A3B_14 Datasheet
3Mb / 109P
   Non-volatile Program and Data Memories
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com