Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATF1500ABV Datasheet(PDF) 4 Page - ATMEL Corporation

Part # ATF1500ABV
Description  High-density, High-performance Electrically-erasable Complex
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF1500ABV Datasheet(HTML) 4 Page - ATMEL Corporation

  ATF1500ABV_14 Datasheet HTML 1Page - ATMEL Corporation ATF1500ABV_14 Datasheet HTML 2Page - ATMEL Corporation ATF1500ABV_14 Datasheet HTML 3Page - ATMEL Corporation ATF1500ABV_14 Datasheet HTML 4Page - ATMEL Corporation ATF1500ABV_14 Datasheet HTML 5Page - ATMEL Corporation ATF1500ABV_14 Datasheet HTML 6Page - ATMEL Corporation ATF1500ABV_14 Datasheet HTML 7Page - ATMEL Corporation ATF1500ABV_14 Datasheet HTML 8Page - ATMEL Corporation ATF1500ABV_14 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
4
0723K–PLD–6/05
ATF1500ABV
The ATF1500ABV’s 100% connected global input and feedback architecture simplifies logic
placement and eliminates pinout changes due to design changes. Any Macrocell may be con-
nected to any I/O pin.
The ATF1500ABV has 32 bi-directional I/O pins and four dedicated input pins. Each dedicated
input pin can also serve as a global control signal: register clock, register reset or output enable.
Each of these control signals can be selected for use individually within each macrocell.
Each of the 32 logic macrocells generates a buried feedback, which goes to the global bus.
Each input and I/O pin also feeds into the global bus. Because of this global busing, each of
these signals is always available to all 32 macrocells in the device.
Each macrocell also generates a foldback logic term, which goes to a regional bus. All signals
within a regional bus are connected to all 16 macrocells within the region.
Cascade logic between macrocells in the ATF1500ABV allows fast, efficient generation of com-
plex logic functions. The ATF1500ABV contains four such logic chains, each capable of creating
sum term logic with a fan-in of up to 40 product terms.
4.
Bus-friendly Pin-keeper Input and I/Os
All input and I/O pins on the ATF1500ABV have programmable “data-keeper” circuits. If acti-
vated, when any pin is driven high or low and then subsequently left floating, it will stay at that
previous high or low level.
This circuitry prevents unused input and I/O lines from floating to intermediate voltage levels that
cause unnecessary power consumption and system noise. The keeper circuits eliminate the
need for external pull-up resistors and eliminate their DC power consumption.
Pin-keeper circuits can be disabled. Programming is controlled in the logic design file. Once the
pin-keeper circuits are disabled, normal termination procedures are required for unused inputs
and I/Os.
5.
Speed/Power Management
The ATF1500ABV has several built-in speed and power management features. The
ATF1500ABV contains circuitry that automatically puts the device into a low-power standby
mode when no logic transitions are occurring. This not only reduces power consumption during
inactive periods, but also provides proportional power savings for most applications running at
system speeds below 10 MHz.
All ATF1500ABVs also have an optional pin-controlled power-down mode. In this mode, current
drops to typically 2 mA. When the power-down option is selected, the PD pin is used to power-
down the part. The power-down option is selected in the design source file. When enabled, the
device goes into power-down when the PD pin is high. In the power-down mode, all internal logic
signals are latched and held, as are any enabled outputs. All pin transitions are ignored until the
PD is brought low. When the power-down feature is enabled, the PD cannot be used as a logic
input or output. However, the PD pin’s macrocell may still be used to generate buried foldback
and cascade logic signals.
Each output also has individual slew rate control. This may be used to reduce system noise by
slowing down outputs that do not need to operate at maximum speed. Outputs default to slow
switching, and may be specified as fast switching in the design file.


Similar Part No. - ATF1500ABV_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF1500ABV-12AC ATMEL-ATF1500ABV-12AC Datasheet
293Kb / 12P
   High- Performance EE PLD
ATF1500ABV-12JC ATMEL-ATF1500ABV-12JC Datasheet
293Kb / 12P
   High- Performance EE PLD
ATF1500ABV-15AC ATMEL-ATF1500ABV-15AC Datasheet
293Kb / 12P
   High- Performance EE PLD
ATF1500ABV-15AI ATMEL-ATF1500ABV-15AI Datasheet
293Kb / 12P
   High- Performance EE PLD
ATF1500ABV-15JC ATMEL-ATF1500ABV-15JC Datasheet
293Kb / 12P
   High- Performance EE PLD
More results

Similar Description - ATF1500ABV_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF1500AL ATMEL-ATF1500AL_14 Datasheet
610Kb / 19P
   High-density, High-performance Electrically-erasable Complex
ATF1508AS ATMEL-ATF1508AS_14 Datasheet
718Kb / 31P
   High-density, High-performance, Electrically-erasable Complex
ATF1508ASL ATMEL-ATF1508ASL_14 Datasheet
718Kb / 31P
   High-density, High-performance, Electrically-erasable Complex
ATF1504ASV ATMEL-ATF1504ASV_14 Datasheet
578Kb / 31P
   High-density, High-performance, Electrically-erasable Complex
ATF1504ASVL ATMEL-ATF1504ASVL_14 Datasheet
578Kb / 31P
   High-density, High-performance, Electrically-erasable Complex
ATF1500A ATMEL-ATF1500A_14 Datasheet
610Kb / 19P
   High-density, High-performance Electrically-erasable Complex
ATF1502ASV ATMEL-ATF1502ASV_14 Datasheet
378Kb / 25P
   High-density, High-performance, Electrically-erasable Complex Programmable
ATF1508RE ATMEL-ATF1508RE_14 Datasheet
792Kb / 31P
   High-density, High-performance Fully CMOS, Electrically-erasable Complex
ATF1508ASV ATMEL-ATF1508ASV_14 Datasheet
600Kb / 28P
   High-density, High-performance, Electrically-erasable
ATF1508ASVL ATMEL-ATF1508ASVL_14 Datasheet
600Kb / 28P
   High-density, High-performance, Electrically-erasable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com