Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

39538-2024 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 39538-2024
Description  5.08mm Pitch Eurostyle Vertical Dual Level PCB Header, Open Ends, 24 Circuits
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

39538-2024 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  39538-2024 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 12/19/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
39538-2024
Status:
Active
Overview:
Eurostyle™ Terminal Blocks
Description:
5.08mm Pitch Eurostyle™ Vertical Dual Level PCB Header, Open Ends, 24 Circuits
Documents:
3D Model
RoHS Certificate of Compliance (PDF)
Drawing (PDF)
General
Product Family
Terminal Blocks
Series
39538
Application
N/A
Component Type
PCB Header
Overview
Eurostyle™ Terminal Blocks
Product Name
ESE, Eurostyle™Pluggable
Type
Euro Block
UPC
822350829786
Physical
Circuits (Loaded)
24
Entry Angle
N/A
Lock to Mating Part
Yes
Number of Rows
2
Orientation
Vertical
PC Tail Length
3.50mm
PCB Thickness - Recommended
3.00mm
Panel Mount
No
Pitch - Mating Interface
5.08mm
Pitch - Termination Interface
5.08mm
Polarized to Mating Part
Yes
Shrouded
Open Ends
Stackable
Yes
Surface Mount Compatible (SMC)
N/A
Temperature Range - Operating
-40°C to +105°C
Wire Size AWG
N/A
Electrical
Current - Maximum per Contact
15A
Voltage - Maximum
300V
Material Info
Reference - Drawing Numbers
Sales Drawing
SD-39538-003
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Low-Halogen Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
39538Series
Mates With
39530 Horizontal Plug, 39533 Vertical
Plug, Most 5.08mm (.200") Pitch Industry
Standard Plugs
This document was generated on 12/19/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 39538-2024

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
39538-2020 MOLEX11-39538-2020 Datasheet
45Kb / 1P
   5.08mm Pitch Eurostyle Vertical Dual Level PCB Header, Open Ends, 20 Circuits
39538-2022 MOLEX11-39538-2022 Datasheet
45Kb / 1P
   5.08mm Pitch Eurostyle Vertical Dual Level PCB Header, Open Ends, 20 Circuits
39538-2026 MOLEX11-39538-2026 Datasheet
45Kb / 1P
   5.08mm Pitch Eurostyle Vertical Dual Level PCB Header, Open Ends, 26 Circuits
39538-2028 MOLEX11-39538-2028 Datasheet
45Kb / 1P
   5.08mm Pitch Eurostyle Vertical Dual Level PCB Header, Open Ends, 28 Circuits
More results

Similar Description - 39538-2024

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
39538-0024 MOLEX11-39538-0024 Datasheet
45Kb / 1P
   5.08mm Pitch Eurostyle Horizontal Dual Level PCB Header, Open Ends, 24 Circuits
39531-0024 MOLEX11-39531-0024 Datasheet
41Kb / 1P
   5.08mm Pitch Eurostyle Vertical PCB Header, Open Ends, 24 Circuits
39538-2020 MOLEX11-39538-2020 Datasheet
45Kb / 1P
   5.08mm Pitch Eurostyle Vertical Dual Level PCB Header, Open Ends, 20 Circuits
39538-2032 MOLEX11-39538-2032 Datasheet
45Kb / 1P
   5.08mm Pitch Eurostyle Vertical Dual Level PCB Header, Open Ends, 32 Circuits
39538-2034 MOLEX11-39538-2034 Datasheet
45Kb / 1P
   5.08mm Pitch Eurostyle Vertical Dual Level PCB Header, Open Ends, 34 Circuits
39538-2004 MOLEX11-39538-2004 Datasheet
45Kb / 1P
   5.08mm Pitch Eurostyle Vertical Dual Level PCB Header, Open Ends, 4 Circuits
39538-2046 MOLEX11-39538-2046 Datasheet
45Kb / 1P
   5.08mm Pitch Eurostyle Vertical Dual Level PCB Header, Open Ends, 46 Circuits
39538-2008 MOLEX11-39538-2008 Datasheet
45Kb / 1P
   5.08mm Pitch Eurostyle Vertical Dual Level PCB Header, Open Ends, 8 Circuits
39538-2016 MOLEX11-39538-2016 Datasheet
45Kb / 1P
   5.08mm Pitch Eurostyle Vertical Dual Level PCB Header, Open Ends, 16 Circuits
39538-2026 MOLEX11-39538-2026 Datasheet
45Kb / 1P
   5.08mm Pitch Eurostyle Vertical Dual Level PCB Header, Open Ends, 26 Circuits
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com