Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS7212-1A-F4 Datasheet(PDF) 4 Page - NEC

Part # PS7212-1A-F4
Description  4-PIN SOP 100 V BREAK DOWN VOLTAGE 1-ch Optical Coupled MOS FET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS7212-1A-F4 Datasheet(HTML) 4 Page - NEC

  PS7212-1A-F4 Datasheet HTML 1Page - NEC PS7212-1A-F4 Datasheet HTML 2Page - NEC PS7212-1A-F4 Datasheet HTML 3Page - NEC PS7212-1A-F4 Datasheet HTML 4Page - NEC PS7212-1A-F4 Datasheet HTML 5Page - NEC PS7212-1A-F4 Datasheet HTML 6Page - NEC PS7212-1A-F4 Datasheet HTML 7Page - NEC PS7212-1A-F4 Datasheet HTML 8Page - NEC PS7212-1A-F4 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Data Sheet P13927EJ4V0DS00
4
PS7212-1A
RECOMMENDED OPERATING CONDITIONS (TA = 25
°°°°C)
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
LED Operating Current
IF
210
20
mA
LED Off Voltage
VF
00.5
V
ELECTRICAL CHARACTERISTICS (TA = 25
°°°°C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Diode
Forward Voltage
VF
IF = 10 mA
1.2
1.4
V
Reverse Current
IR
VR = 5 V
5.0
µA
MOS FET
Off-state Leakage Current
ILoff
VD = 100 V
0.03
1.0
µA
Output Capacitance
Cout
VD = 0 V, f = 1 MHz
57
pF
Coupled
LED On-state Current
IFon
IL = 200 mA
2.0
mA
On-state Resistance
Ron1
IF = 10 mA, IL = 10 mA
3.0
6.0
Ron2
IF = 10 mA, IL = 200 mA, t
≤ 10 ms
Turn-on Time
*1
ton
IF = 10 mA, VO = 5 V, PW
≥ 10 ms
0.35
1.0
ms
Turn-off Time
*1
toff
0.08
0.2
Isolation Resistance
RI-O
VI-O = 1.0 kVDC
10
9
Isolation Capacitance
CI-O
V = 0 V, f = 1 MHz
0.5
pF
*1 Test Circuit for Switching Time
VL
RL
IF
Rin
Pulse Input
Input monitor
monitor
VO
ton
toff
10 %
90 %
0
VO = 5 V
50 %
Output
Input


Similar Part No. - PS7212-1A-F4

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS7212-1A-F4 CEL-PS7212-1A-F4 Datasheet
79Kb / 7P
   4 PIN SOP, 100 V BREAKDOWN VOLTAGE 1-CH OPTICAL COUPLED MOSFET
More results

Similar Description - PS7212-1A-F4

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS7241-1A CEL-PS7241-1A Datasheet
349Kb / 12P
   4-PIN SOP 400 V BREAK DOWN VOLTAGE 1-ch Optical Coupled MOS FET
logo
NEC
PS7211-2A NEC-PS7211-2A Datasheet
69Kb / 12P
   8-PIN SOP 100 V BREAK DOWN VOLTAGE 2-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7241E-1A RENESAS-PS7241E-1A Datasheet
252Kb / 15P
   4-PIN SOP 400 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 1-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7241E-1B CEL-PS7241E-1B Datasheet
349Kb / 14P
   4-PIN SOP 400 V BREAK DOWN VOLTAGE NORMALLY CLOSE TYPE 1-ch Optical Coupled MOS FET
logo
NEC
PS7221-2A NEC-PS7221-2A Datasheet
69Kb / 12P
   8-PIN SOP 200 V BREAK DOWN VOLTAGE 2-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7241E-1B RENESAS-PS7241E-1B Datasheet
261Kb / 15P
   4-PIN SOP 400 V BREAK DOWN VOLTAGE NORMALLY CLOSE TYPE 1-ch Optical Coupled MOS FET
April 1st, 2010
logo
NEC
PS7241E-1A NEC-PS7241E-1A Datasheet
121Kb / 13P
   4-PIN SOP 400 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7241-1B RENESAS-PS7241-1B Datasheet
273Kb / 16P
   4-PIN SOP, 400 V BREAK DOWN VOLTAGE NORMALLY CLOSE TYPE 1-ch Optical Coupled MOS FET
April 1st, 2010
logo
NEC
PS7241E-1B NEC-PS7241E-1B Datasheet
106Kb / 13P
   4-PIN SOP 400 V BREAK DOWN VOLTAGE NORMALLY CLOSE TYPE 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7241E-1A RENESAS-PS7241E-1A_15 Datasheet
252Kb / 15P
   4-PIN SOP 400 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 1-ch Optical Coupled MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com