Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT90S2313 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT90S2313
Description  AVR ??High-performance and Low-power RISC Architecture
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90S2313 Datasheet(HTML) 4 Page - ATMEL Corporation

  AT90S2313_14 Datasheet HTML 1Page - ATMEL Corporation AT90S2313_14 Datasheet HTML 2Page - ATMEL Corporation AT90S2313_14 Datasheet HTML 3Page - ATMEL Corporation AT90S2313_14 Datasheet HTML 4Page - ATMEL Corporation AT90S2313_14 Datasheet HTML 5Page - ATMEL Corporation AT90S2313_14 Datasheet HTML 6Page - ATMEL Corporation AT90S2313_14 Datasheet HTML 7Page - ATMEL Corporation AT90S2313_14 Datasheet HTML 8Page - ATMEL Corporation AT90S2313_14 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 92 page
background image
4
AT90S2313
0839I–AVR–06/02
Crystal Oscillator
XTAL1 and XTAL2 are input and output, respectively, of an inverting amplifier that can
be configured for use as an On-chip Oscillator, as shown in Figure 2. Either a quartz
crystal or a ceramic resonator may be used. To drive the device from an external clock
source, XTAL2 should be left unconnected while XTAL1 is driven, as shown in Figure 3.
Figure 2. Oscillator Connections
Note:
When using the MCU Oscillator as a clock for an external device, an HC buffer should be
connected as indicated in the figure.
Figure 3. External Clock Drive Configuration
XTAL2
XTAL1
GND
C2
C1
MAX 1 HC BUFFER
HC


Similar Part No. - AT90S2313_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT90S2313-10 ATMEL-AT90S2313-10 Datasheet
2Mb / 8P
   8-bit Microcontroller with 2K Bytes of In-System Programmable Flash
AT90S2313-10PC ATMEL-AT90S2313-10PC Datasheet
2Mb / 8P
   8-bit Microcontroller with 2K Bytes of In-System Programmable Flash
AT90S2313-10PC ATMEL-AT90S2313-10PC Datasheet
1Mb / 92P
   8-bit Microcontroller with 2K Bytes of In-System Programmable Flash
AT90S2313-10PI ATMEL-AT90S2313-10PI Datasheet
2Mb / 8P
   8-bit Microcontroller with 2K Bytes of In-System Programmable Flash
AT90S2313-10PI ATMEL-AT90S2313-10PI Datasheet
1Mb / 92P
   8-bit Microcontroller with 2K Bytes of In-System Programmable Flash
More results

Similar Description - AT90S2313_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA103 ATMEL-ATMEGA103_14 Datasheet
2Mb / 4P
   AVR ??High-performance and Low-power RISC Architecture
AT90LS2343 ATMEL-AT90LS2343_14 Datasheet
1Mb / 64P
   AVR ??High-performance and Low-power RISC Architecture
ATTINY2313V ATMEL-ATTINY2313V_14 Datasheet
3Mb / 226P
   AVR ??High-performance and Low-power RISC Architecture
ATTINY28L ATMEL-ATTINY28L_14 Datasheet
687Kb / 81P
   AVR ??High-performance and Low-power RISC Architecture
AT90LS2323 ATMEL-AT90LS2323_14 Datasheet
1Mb / 64P
   AVR ??High-performance and Low-power RISC Architecture
AT90S8515 ATMEL-AT90S8515_14 Datasheet
2Mb / 4P
   AVR ??High-performance and Low-power RISC Architecture
ATTINY28V ATMEL-ATTINY28V_14 Datasheet
687Kb / 81P
   AVR ??High-performance and Low-power RISC Architecture
AT90S2343 ATMEL-AT90S2343_14 Datasheet
1Mb / 64P
   AVR ??High-performance and Low-power RISC Architecture
ATTINY28L ATMEL-ATTINY28L_14 Datasheet
177Kb / 13P
   High-performance and Low-power RISC Architecture
ATTINY15L ATMEL-ATTINY15L_07 Datasheet
1Mb / 85P
   High-performance, Low-power AVR 8-bit Microcontroller Advanced RISC Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com