Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT90LS4433 Datasheet(PDF) 11 Page - ATMEL Corporation

Part # AT90LS4433
Description  Data and Non-volatile Program Memory
Download  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90LS4433 Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button AT90LS4433_14 Datasheet HTML 7Page - ATMEL Corporation AT90LS4433_14 Datasheet HTML 8Page - ATMEL Corporation AT90LS4433_14 Datasheet HTML 9Page - ATMEL Corporation AT90LS4433_14 Datasheet HTML 10Page - ATMEL Corporation AT90LS4433_14 Datasheet HTML 11Page - ATMEL Corporation AT90LS4433_14 Datasheet HTML 12Page - ATMEL Corporation AT90LS4433_14 Datasheet HTML 13Page - ATMEL Corporation AT90LS4433_14 Datasheet HTML 14Page - ATMEL Corporation AT90LS4433_14 Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 126 page
background image
11
AT90S/LS4433
1042H–AVR–04/03
In the different addressing modes, these address registers have functions as fixed dis-
placement, automatic increment and decrement (see the descriptions for the different
instructions).
ALU – Arithmetic Logic
Unit
The high-performance AVR ALU operates in direct connection with all the 32 general
purpose working registers. Within a single clock cycle, ALU operations between regis-
ters in the Register File are executed. The ALU operations are divided into three main
categories: arithmetic, logical, and bit functions.
In-System
Programmable Flash
Program Memory
The AT90S4433 contains 4K bytes of On-chip, In-System Programmable Flash memory
for program storage. Since all instructions are 16- or 32-bit words, the Flash is orga-
nized as 2K x 16. The Flash memory has an endurance of at least 1,000 write/erase
cycles. The AT90S4433 Program Counter (PC) is 11 bits wide, thus addressing the
2,048 program memory addresses. See page 93 for a detailed description of Flash data
downloading. See page 12 for the different program memory addressing modes.
Figure 9. SRAM Organization
SRAM Data Memory
Figure 9 shows how the AT90S4433 SRAM memory is organized.
The lower 224 data memory locations address the Register File, the I/O memory and
the internal data SRAM. The first 96 locations address the Register File and I/O mem-
ory, and the next 128 locations address the internal data SRAM.
The five different addressing modes for the data memory cover: Direct, Indirect with Dis-
placement, Indirect, Indirect with Pre-decrement, and Indirect with Post-increment. In
the Register File, registers R26 to R31 feature the indirect addressing pointer registers.
Register File
Data Address Space
R0
$0000
R1
$0001
R2
$0002
º
º
R29
$001D
R30
$001E
R31
$001F
I/O Registers
$00
$0020
$01
$0021
$02
$0022
……
$3D
$005D
$3E
$005E
$3F
$005F
Internal SRAM
$0060
$0061
º
$00DE
$00DF


Similar Part No. - AT90LS4433_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT90LS4433-4AC ATMEL-AT90LS4433-4AC Datasheet
323Kb / 13P
   8-bit Microcontroller with 2K/4K bytes In-System Programmable Flash
AT90LS4433-4AC ATMEL-AT90LS4433-4AC Datasheet
1Mb / 126P
   8-Bit AVR Microcontroller with 4K Bytes of In-System Programmable Flash
AT90LS4433-4AI ATMEL-AT90LS4433-4AI Datasheet
323Kb / 13P
   8-bit Microcontroller with 2K/4K bytes In-System Programmable Flash
AT90LS4433-4AI ATMEL-AT90LS4433-4AI Datasheet
1Mb / 126P
   8-Bit AVR Microcontroller with 4K Bytes of In-System Programmable Flash
AT90LS4433-4PC ATMEL-AT90LS4433-4PC Datasheet
323Kb / 13P
   8-bit Microcontroller with 2K/4K bytes In-System Programmable Flash
More results

Similar Description - AT90LS4433_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT90S1200 ATMEL-AT90S1200_14 Datasheet
1Mb / 71P
   Data and Non-volatile Program Memory
AT90S4433 ATMEL-AT90S4433_14 Datasheet
1Mb / 126P
   Data and Non-volatile Program Memory
AT90PWM81 ATMEL-AT90PWM81_14 Datasheet
3Mb / 327P
   Data and non-volatile program memory
ATMEGA169V ATMEL-ATMEGA169V_14 Datasheet
3Mb / 365P
   Non-volatile Program and Data Memories
ATMEGA8U2 ATMEL-ATMEGA8U2_14 Datasheet
4Mb / 310P
   Non-volatile Program and Data Memories
ATMEGA169 ATMEL-ATMEGA169_14 Datasheet
3Mb / 365P
   Non-volatile Program and Data Memories
ATMEGA323 ATMEL-ATMEGA323_14 Datasheet
3Mb / 247P
   Non-volatile Program and Data Memories
ATTINY44 ATMEL-ATTINY44_14 Datasheet
4Mb / 238P
   Non-Volatile Program and Data Memories
AT90CAN64 ATMEL-AT90CAN64_14 Datasheet
5Mb / 428P
   Non volatile Program and Data Memories
ATTINY43U ATMEL-ATTINY43U_14 Datasheet
5Mb / 210P
   Non-volatile Program and Data Memories
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com