Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT88SC153 Datasheet(PDF) 8 Page - ATMEL Corporation

Part # AT88SC153
Description  Programmable Chip Select
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT88SC153 Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button AT88SC153_14 Datasheet HTML 4Page - ATMEL Corporation AT88SC153_14 Datasheet HTML 5Page - ATMEL Corporation AT88SC153_14 Datasheet HTML 6Page - ATMEL Corporation AT88SC153_14 Datasheet HTML 7Page - ATMEL Corporation AT88SC153_14 Datasheet HTML 8Page - ATMEL Corporation AT88SC153_14 Datasheet HTML 9Page - ATMEL Corporation AT88SC153_14 Datasheet HTML 10Page - ATMEL Corporation AT88SC153_14 Datasheet HTML 11Page - ATMEL Corporation AT88SC153_14 Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
8
1016E–SMEM–12/07
AT88SC153
Programmable Chip Select (CS0–CS3): The four most significant bits (b4–b7) of every com-
mand comprise the chip select address. All AT88SC153 devices will respond to the default chip
select address of $B (1011). Each device will also respond to a second chip select address pro-
grammed into CS0–CS3 of the device configuration register. By programming each device to a
unique chip select address, it is possible to connect up to 15 devices on the same serial data
bus. The Write EEPROM and Verify Password commands can be used globally to all devices
sharing the bus by using the default chip select address $B.
Eight Trials Allowed (ETA): If enabled (ETA = “0”), the ETA extends the trials limit to eight
incorrect presentations allowed (passwords or authentication). If disabled (ETA = “1”), the PAC
and AAC will allow only four incorrect attempts.
Unlimited Authentication Trials (UAT): If enabled (UAT = “0”), the AAC is disabled, allowing
an unlimited number of authentication attempts. The PACs are not affected by the UAT bit.
Unlimited Checksum Reads (UCR): If enabled (UCR = “0”), the device will allow an unlimited
number of checksums without requiring a new authentication.
Supervisor Mode Enable (SME): If enabled (SME = “0”), verification of the Write 1 password
will allow the user to write and read the entire passwords zone (including the PACs).
6.13 Checksum Authentication Register
After a valid authentication has been completed, the internal pseudo-random generator (PRG)
will compute a secure checksum after one write command or several consecutive write com-
mands. This checksum certifies that the data sent by the host during the write commands were
received and therefore written in the memory. For every write command, the device clocks the
data bytes into the PRG and its output is the Checksum Authentication Register (CAR), which is
a function of Ci, Gc, Q, and the data bytes written.
After a valid authentication, any write command will enable the checksum mode and cause AAC
to become the virtual location of the 8-byte CAR. When all data have been transmitted, the host
may perform a Read CAR command by sending a read command with the AAC address ($20).
The first 8 bytes transmitted by the device form the secure checksum.
The checksum mode allows only a single Read CAR operation for each valid authentication. The
checksum mode is disabled at the end of the Read CAR command, whatever the number of
bytes transmitted, or by a read command with any other address. The checksum mode can only
be enabled once for a given authentication.
Note: During the Read CAR command, the internal address counter is incremented just as in a
normal read command. Once 8 bytes have been transmitted, the checksum mode is automati-
cally disabled, and if the host continues to request data, the device responds as to a normal read
command, from the address $28.
Table 6-2.
Device Configuration Options
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
SME
UCR
UAT
ETA
CS3
CS2
CS1
CS0


Similar Part No. - AT88SC153_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT88SC153-10CI-00 ATMEL-AT88SC153-10CI-00 Datasheet
365Kb / 24P
   3 x 64 x 8 Secure Memory with Authentication
AT88SC153-10PI-00 ATMEL-AT88SC153-10PI-00 Datasheet
365Kb / 24P
   3 x 64 x 8 Secure Memory with Authentication
AT88SC153-10SI-00 ATMEL-AT88SC153-10SI-00 Datasheet
365Kb / 24P
   3 x 64 x 8 Secure Memory with Authentication
AT88SC153-10WI-00 ATMEL-AT88SC153-10WI-00 Datasheet
365Kb / 24P
   3 x 64 x 8 Secure Memory with Authentication
More results

Similar Description - AT88SC153_14

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7PA19FU TOSHIBA-TC7PA19FU Datasheet
178Kb / 8P
   Chip Select Decoder
TC7PA19AFE TOSHIBA-TC7PA19AFE_07 Datasheet
180Kb / 7P
   Chip Select Decoder
logo
Dialog Semiconductor
SLG7NT4779 DIALOG-SLG7NT4779 Datasheet
441Kb / 7P
   Clock Divider and Chip Select Extender
logo
Renesas Technology Corp
SLG7NT4779V RENESAS-SLG7NT4779V Datasheet
349Kb / 7P
   Clock Divider and Chip Select Extender
February 25, 2022
logo
Jingjing Microelectroni...
EG1503 EGMICRO-EG1503 Datasheet
1Mb / 21P
   Programmable Power ChIp
logo
ON Semiconductor
MC10E195 ONSEMI-MC10E195 Datasheet
88Kb / 5P
   PROGRAMMABLE DELAY CHIP
REV 3
logo
Jingjing Microelectroni...
EG1501 EGMICRO-EG1501 Datasheet
1Mb / 21P
   Programmable Power ChIp
logo
Micrel Semiconductor
SY10E195 MICREL-SY10E195_06 Datasheet
77Kb / 8P
   PROGRAMMABLE DELAY CHIP
logo
ON Semiconductor
MC10E196 ONSEMI-MC10E196 Datasheet
148Kb / 7P
   PROGRAMMABLE DELAY CHIP
1996 REV 2
logo
Jingjing Microelectroni...
EG4328 EGMICRO-EG4328 Datasheet
954Kb / 18P
   Programmable Power ChIp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com