Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT34C02 Datasheet(PDF) 11 Page - ATMEL Corporation

Part # AT34C02
Description  Permanent Software Write Protection for the First-half of the Array
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT34C02 Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button AT34C02_14 Datasheet HTML 7Page - ATMEL Corporation AT34C02_14 Datasheet HTML 8Page - ATMEL Corporation AT34C02_14 Datasheet HTML 9Page - ATMEL Corporation AT34C02_14 Datasheet HTML 10Page - ATMEL Corporation AT34C02_14 Datasheet HTML 11Page - ATMEL Corporation AT34C02_14 Datasheet HTML 12Page - ATMEL Corporation AT34C02_14 Datasheet HTML 13Page - ATMEL Corporation AT34C02_14 Datasheet HTML 14Page - ATMEL Corporation AT34C02_14 Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
11
AT34C02
0958Q–SEEPR–1/07
Figure 7. Setting Write Protect Register
Read Operations
Read operations are initiated the same way as write operations with the exception that
the read/write select bit in the device address word is set to one. There are three read
operations: current address read, random address read and sequential read.
CURRENT ADDRESS READ: The internal data word address counter maintains the
last address accessed during the last read or write operation, incremented by one. This
address stays valid between operations as long as the chip power is maintained. The
address “roll over” during read is from the last byte of the last memory page to the first
byte of the first page.
Once the device address with the read/write select bit set to one is clocked in and
acknowledged by the EEPROM, the current address data word is serially clocked out.
To end the command, the microcontroller does not respond with an input zero but does
generate a following stop condition (see Figure 11 on page 13).
RANDOM READ: A random read requires a “dummy” byte write sequence to load in the
data word address. Once the device address word and data word address are clocked
WP Connected to GND or Floating
Start
R/W Bit
Write Protect Register
Acknowledgment
from Device
Action from Device
1010
R
X
ACK
Read Array
1010
W
Programmed
ACK
Can Write to Second Half (80H - FFH) Only
1010
W
Not Programmed
ACK
Can Write to Full Array
0110
R
Programmed
No ACK
Stop - Indicates Write Protect Register is Programmed
0110
R
Not Programmed
ACK
Read Out Data Don’t Care. Indicates WP Register is Not Prog
0110
W
Programmed
No ACK
Stop - Indicates Write Protect Register is Programmed
0110
W
Not Programmed
ACK
Program Write Protect Register (irreversible)
WP Connected to VCC
1010
R
X
ACK
Read Array
1010
W
Programmed
ACK
Device Write Protect
1010
W
Not Programmed
ACK
Device Write Protect
0110
R
Programmed
No ACK
Stop - Indicates Write Protect Register is Programmed
0110
R
Not Programmed
ACK
Read Out Data Don’t Care. Indicates WP Register is Not Prog
0110
W
Programmed
No ACK
Stop - Indicates Write Protect Register is Programmed
0110
W
Not Programmed
ACK
Cannot Program Write Protect Register
S
T
A
R
T
S
T
O
P
SDA LINE
WORD
ADDRESS
DATA
CONTROL
BYTE
A
C
K
01 1 0
0
A
C
K
A
C
K
= Don't Care


Similar Part No. - AT34C02_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT34C02-10PC ATMEL-AT34C02-10PC Datasheet
184Kb / 12P
   2-Wire Serial EEPROM with Permanent Software Write Protect
AT34C02-10PC-1.8 ATMEL-AT34C02-10PC-1.8 Datasheet
184Kb / 12P
   2-Wire Serial EEPROM with Permanent Software Write Protect
AT34C02-10PC-2.7 ATMEL-AT34C02-10PC-2.7 Datasheet
184Kb / 12P
   2-Wire Serial EEPROM with Permanent Software Write Protect
AT34C02-10PI ATMEL-AT34C02-10PI Datasheet
184Kb / 12P
   2-Wire Serial EEPROM with Permanent Software Write Protect
AT34C02-10PI-1.8 ATMEL-AT34C02-10PI-1.8 Datasheet
184Kb / 12P
   2-Wire Serial EEPROM with Permanent Software Write Protect
More results

Similar Description - AT34C02_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT34C02D ATMEL-AT34C02D_14 Datasheet
756Kb / 25P
   Permanent and Reversible Software Write Protection
AT34C02B ATMEL-AT34C02B_14 Datasheet
478Kb / 21P
   Hardware Write Protection for the Entire Array
AT34C02C ATMEL-AT34C02C_14 Datasheet
412Kb / 18P
   Hardware Write Protection for the Entire Array
logo
Melexis Microelectronic...
EVB90640 MELEXIS-EVB90640 Datasheet
1Mb / 7P
   Before connecting the EVB to the PC, first install the EVB software
logo
ATMEL Corporation
AT34C04 ATMEL-AT34C04_14 Datasheet
1Mb / 30P
   with Reversible Software Write Protection
AT24CS128 ATMEL-AT24CS128 Datasheet
207Kb / 12P
   2-Wire Serial EEPROMs with Permanent Software Write Protect
logo
STMicroelectronics
AN4159 STMICROELECTRONICS-AN4159 Datasheet
652Kb / 27P
   Hardware and software guidelines for use of the LPS331AP
logo
ATMEL Corporation
AT34C02 ATMEL-AT34C02 Datasheet
184Kb / 12P
   2-Wire Serial EEPROM with Permanent Software Write Protect
AT34C02 ATMEL-AT34C02_07 Datasheet
487Kb / 21P
   Two-wire Serial EEPROM with Permanent Software Write Protect
logo
NEC
GT110D NEC-GT110D Datasheet
904Kb / 2P
   The ideal first server
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com