Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSMN2R8-40BS Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PSMN2R8-40BS
Description  N-channel 40 V 2.9 m standard level MOSFET in D2PAK
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PSMN2R8-40BS Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PSMN2R8-40BS Datasheet HTML 2Page - NXP Semiconductors PSMN2R8-40BS Datasheet HTML 3Page - NXP Semiconductors PSMN2R8-40BS Datasheet HTML 4Page - NXP Semiconductors PSMN2R8-40BS Datasheet HTML 5Page - NXP Semiconductors PSMN2R8-40BS Datasheet HTML 6Page - NXP Semiconductors PSMN2R8-40BS Datasheet HTML 7Page - NXP Semiconductors PSMN2R8-40BS Datasheet HTML 8Page - NXP Semiconductors PSMN2R8-40BS Datasheet HTML 9Page - NXP Semiconductors PSMN2R8-40BS Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
PSMN2R8-40BS
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 20 March 2012
6 of 15
NXP Semiconductors
PSMN2R8-40BS
N-channel 40 V 2.9 m
Ω standard level MOSFET in D2PAK
7.
Characteristics
Table 7.
Characteristics
Tested to JEDEC standards where applicable.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Static characteristics
V(BR)DSS
drain-source breakdown
voltage
ID = 250 µA; VGS =0V; Tj = -55 °C
36
--V
ID = 250 µA; VGS =0V; Tj = 25 °C
40
--V
VGS(th)
gate-source threshold voltage
ID =1mA; VDS =VGS; Tj =-55 °C;
see Figure 10; see Figure 11
--4.6
V
ID =1mA; VDS =VGS; Tj =175 °C;
see Figure 10; see Figure 12
1
--V
ID =1mA; VDS =VGS; Tj =25 °C;
see Figure 10; see Figure 11
2.3
34V
IDSS
drain leakage current
VDS =40V; VGS =0V; Tj =25°C
-
0.3
10
µA
VDS =40V; VGS =0V; Tj = 125 °C
-
-
150
µA
IGSS
gate leakage current
VGS =20V; VDS =0V; Tj = 25 °C
-
10
100
nA
VGS =-20 V; VDS =0V; Tj = 25 °C
-
10
100
nA
RDSon
drain-source on-state
resistance
VGS =10V; ID =10A; Tj =100 °C;
see Figure 13; see Figure 14
-
3.58
4.2
m
VGS =10V; ID =10A; Tj =175 °C;
see Figure 13; see Figure 14
-
4.94
5.8
m
VGS =10V; ID =10A; Tj =25°C;
see Figure 14
-
2.47
2.9
m
RG
internal gate resistance (AC)
f = 1 MHz
-
0.7
-
Dynamic characteristics
QG(tot)
total gate charge
ID =0A; VDS =0 V; VGS =10V
-
61
-
nC
ID =10A; VDS =20V; VGS =10V; see
Figure 15; see Figure 16
-71
-nC
QGS
gate-source charge
-
21
-
nC
QGS(th)
pre-threshold gate-source
charge
-13
-nC
QGS(th-pl)
post-threshold gate-source
charge
-8.5
-nC
QGD
gate-drain charge
-
17
-
nC
VGS(pl)
gate-source plateau voltage
ID =10A; VDS = 20 V; see Figure 15;
see Figure 16
-4.7
-V
Ciss
input capacitance
VDS =20V; VGS = 0 V; f = 1 MHz;
Tj = 25 °C; see Figure 17
-
4491
-
pF
Coss
output capacitance
-
937
-
pF
Crss
reverse transfer capacitance
-
464
-
pF
td(on)
turn-on delay time
VDS =20V; RL =0.8 Ω; VGS =10 V;
RG(ext) =4.7 Ω
-28
-ns
tr
rise time
-
29
-
ns
td(off)
turn-off delay time
-
52
-
ns
tf
fall time
-
23
-
ns


Similar Part No. - PSMN2R8-40BS

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
PSMN2R8-40BS ISC-PSMN2R8-40BS Datasheet
298Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Nexperia B.V. All right...
PSMN2R8-40BS NEXPERIA-PSMN2R8-40BS Datasheet
819Kb / 15P
   N-channel 40 V 2.9 mΩ standard level MOSFET in D2PAK
Rev. 1 - 20 March 2012
More results

Similar Description - PSMN2R8-40BS

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PSMN2R8-40BS NEXPERIA-PSMN2R8-40BS Datasheet
819Kb / 15P
   N-channel 40 V 2.9 mΩ standard level MOSFET in D2PAK
Rev. 1 - 20 March 2012
logo
NXP Semiconductors
PSMN2R2-40BS PHILIPS-PSMN2R2-40BS Datasheet
220Kb / 15P
   N-channel 40 V 2.2 m standard level MOSFET in D2PAK
Rev. 1-20 March 2012
PSMN4R5-40BS PHILIPS-PSMN4R5-40BS Datasheet
220Kb / 15P
   N-channel 40 V 4.5 m standard level MOSFET in D2PAK
Rev. 1-22 March 2012
PSMN2R2-40BS PHILIPS-PSMN2R2-40BS_15 Datasheet
220Kb / 15P
   N-channel 40 V 2.2 m standard level MOSFET in D2PAK
Rev. 1-20 March 2012
PSMN4R5-40BS PHILIPS-PSMN4R5-40BS_15 Datasheet
220Kb / 15P
   N-channel 40 V 4.5 m廓 standard level MOSFET in D2PAK
Rev. 1-22 March 2012
logo
Nexperia B.V. All right...
PSMN8R0-40BS NEXPERIA-PSMN8R0-40BS Datasheet
973Kb / 14P
   N-channel 40 V 7.6 m廓 standard level MOSFET in D2PAK
logo
NXP Semiconductors
PSMN1R1-40BS PHILIPS-PSMN1R1-40BS_15 Datasheet
228Kb / 14P
   N-channel 40 V 1.3 m廓 standard level MOSFET in D2PAK
Rev. 2-29 February 2012
PSMN8R0-40BS PHILIPS-PSMN8R0-40BS_15 Datasheet
232Kb / 14P
   N-channel 40 V 7.6 m廓 standard level MOSFET in D2PAK
Rev. 2-2 March 2012
logo
Nexperia B.V. All right...
PSMN1R1-40BS NEXPERIA-PSMN1R1-40BS Datasheet
975Kb / 14P
   N-channel 40 V 1.3 m廓 standard level MOSFET in D2PAK
PSMN4R5-40BS NEXPERIA-PSMN4R5-40BS Datasheet
817Kb / 15P
   N-channel 40 V 4.5 mΩ standard level MOSFET in D2PAK
Rev. 1 - 22 March 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com