Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JAN2N1890S Datasheet(PDF) 1 Page - Microsemi Corporation

Part # JAN2N1890S
Description  NPN LOW POWER SILICON TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

JAN2N1890S Datasheet(HTML) 1 Page - Microsemi Corporation

  JAN2N1890S Datasheet HTML 1Page - Microsemi Corporation JAN2N1890S Datasheet HTML 2Page - Microsemi Corporation JAN2N1890S Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TECHNICAL DATA
NPN LOW POWER SILICON TRANSISTOR
Qualified per MIL-PRF-19500/225
Devices
Qualified Level
2N1711
2N1890
JAN
JANTX
MAXIMUM RATINGS
Ratings
Symbol
2N1711
2N1890
Unit
Collector-Base Voltage
VCBO
75
100
Vdc
Emitter-Base Voltage
VEBO
7.0
Vdc
Collector Current
IC
500
mAdc
Total Power Dissipation
@ TA = +25
0C (1)
@ TC = +25
0C (2)
PT
0.8
3.0
W
W
Operating & Storage Junction Temperature Range
TJ, Tstg
-65 to +200
0C
THERMAL CHARACTERISTICS
Characteristics
Symbol
Max.
Unit
Thermal Impedance
ZθJX
58
0C/W
1) Derate linearly 4.57 mW/
0C for TA > 250C
2) Derate linearly 17.2 mW/
0C for TC > 250C
TO-5*
*See appendix A for package
outline
ELECTRICAL CHARACTERISTICS (TA = 25
0C unless otherwise noted)
Characteristics
Symbol
Min.
Max.
Unit
OFF CHARACTERISTICS
Collector-Base Breakdown Voltage
IC = 100 µAdc
2N1711, S
2N1890, S
V(BR)CBO
75
100
Vdc
Collector-Emitter Breakdown Voltage
RBE = 10 Ω, IC = 100 mAdc
2N1711, S
2N1890, S
V(BR)CER
50
80
Vdc
Collector-Emitter Breakdown Voltage
IC = 30 mAdc
2N1711, S
2N1890, S
V(BR)CEO
30
60
Vdc
Emitter-Base Breakdown Voltage
IE = 100 µAdc
V(BR)EBO
7.0
Vdc
Collector-Base Cutoff Current
VCB = 60 Vdc
2N1711
VCB = 80 Vdc
2N1890
ICBO
10
10
ηAdc
Emitter-Base Cutoff Current
VEB = 5.0 Vdc
IEBO
5.0
ηAdc
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101
Page 1 of 2


Similar Part No. - JAN2N1890S

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
JAN2N1890 MICROSEMI-JAN2N1890 Datasheet
59Kb / 3P
   NPN LOW POWER SILICON TRANSISTOR
More results

Similar Description - JAN2N1890S

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
2N930 MICROSEMI-2N930 Datasheet
67Kb / 2P
   NPN LOW POWER SILICON TRANSISTOR
logo
Advanced Semiconductor
MRF8372 ASI-MRF8372 Datasheet
27Kb / 1P
   NPN SILICON LOW POWER TRANSISTOR
logo
Microsemi Corporation
JAN2N3440 MICROSEMI-JAN2N3440 Datasheet
312Kb / 6P
   NPN LOW POWER SILICON TRANSISTOR
JANTX2N918 MICROSEMI-JANTX2N918 Datasheet
186Kb / 4P
   NPN LOW POWER SILICON TRANSISTOR
2N2484UA MICROSEMI-2N2484UA Datasheet
51Kb / 2P
   NPN SILICON LOW POWER TRANSISTOR
2N2432 MICROSEMI-2N2432 Datasheet
56Kb / 2P
   NPN SILICON LOW POWER TRANSISTOR
2N2484 MICROSEMI-2N2484_1 Datasheet
56Kb / 2P
   NPN SILICON LOW POWER TRANSISTOR
2N718A MICROSEMI-2N718A Datasheet
59Kb / 2P
   NPN LOW POWER SILICON TRANSISTOR
JAN2N2484 MICROSEMI-JAN2N2484 Datasheet
51Kb / 2P
   NPN SILICON LOW POWER TRANSISTOR
JANS2N3440 MICROSEMI-JANS2N3440 Datasheet
312Kb / 6P
   NPN LOW POWER SILICON TRANSISTOR
2N3439 MICROSEMI-2N3439_1 Datasheet
106Kb / 2P
   NPN LOW POWER SILICON TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com