Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HBC556 Datasheet(PDF) 1 Page - Hi-Sincerity Mocroelectronics

Part # HBC556
Description  PNP EPITAXIAL PLANAR TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

HBC556 Datasheet(HTML) 1 Page - Hi-Sincerity Mocroelectronics

  HBC556 Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics HBC556 Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics HBC556 Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HE6422
Issued Date : 1992.11.25
Revised Date : 2001.06.15
Page No. : 1/3
HBC556
HSMC Product Specification
HBC556
PNP EPITAXIAL PLANAR TRANSISTOR
Description
The HBC556 is primarily intended for use in driver stage of audio
amplifiers.
Features
• High Breakdown Voltage: 65V at IC=1mA
• High AC Current Gain: 75-500 at IC=2mA,VCE=5V,f=1MHz
Absolute Maximum Ratings
• Maximum Temperatures
Storage Temperature ............................................................................................ -55 ~ +150
°C
Junction Temperature ................................................................................... +150
°C Maximum
• Maximum Power Dissipation
Total Power Dissipation (Ta=25
°C) ............................................................................... 500 mW
• Maximum Voltages and Currents (Ta=25°C)
VCBO Collector to Base Voltage ....................................................................................... -80 V
VCEO Collector to Emitter Voltage .................................................................................... -65 V
VEBO Emitter to Base Voltage ............................................................................................ -5 V
IC Collector Current ..................................................................................................... -100 mA
Characteristics (Ta=25
°C)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
-80
-
-
V
IC=-100uA, IE=0
BVCEO
-65
-
-
V
IC=-1mA, IB=0
BVEBO
-5
-
-
V
IE=-10uA, IC=0
ICBO
-
-
-15
nA
VCB=-30V, IE=0
VBE(on)1
-600
-
-750
mV
IC=-2mA, VCE=-5V
VBE(on)2
-
-
-820
mV
IC=-10mA, VCE=-5V
*VCE(sat)1
-
-
-300
mV
IC=-10mA, IB=-0.5mA
*VCE(sat)2
-
-
-650
mV
IC=-100mA, IB=-5mA
*hFE
75
-
475
VCE=-5V, IC=-2mA,
fT
-
300
-
MHZ
VCE=-5V, IC=-10mA, f=100MHz
Cob
-
4.5
-
Pf
VCB=-10V, IE=0, f=1MHz
*Pulse Test : Pulse Width
≤380us, Duty Cycle≤2%
Classification of hFE
Rank
A
B
Normal
Range
125-250
220-475
75-475


Similar Part No. - HBC556

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HBC557 HSMC-HBC557 Datasheet
36Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HBC558 HSMC-HBC558 Datasheet
34Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
More results

Similar Description - HBC556

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HI350 HSMC-HI350 Datasheet
25Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HI42C HSMC-HI42C Datasheet
32Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ2584 HSMC-HJ2584 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ350 HSMC-HJ350 Datasheet
23Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ649A HSMC-HJ649A Datasheet
27Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM1426 HSMC-HM1426 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM2907A HSMC-HM2907A Datasheet
31Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM3906 HSMC-HM3906 Datasheet
31Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM64 HSMC-HM64 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM772 HSMC-HM772 Datasheet
46Kb / 5P
   PNP EPITAXIAL PLANAR TRANSISTOR
HA8550 HSMC-HA8550 Datasheet
36Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com