Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S16C24-8 Datasheet(PDF) 3 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # S16C24-8
Description  SO-16
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

S16C24-8 Datasheet(HTML) 3 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  S16C24-8 Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd S16C24-8 Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd S16C24-8 Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd S16C24-8 Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SANGDEST
MICROELECTRONICS
Technical Data
Green Products
Data Sheet N0289, Rev. -
• Weiqi Street, Airport Development Zone, Jiangning District, Nanjing, China 211113
(86) 25-87123907
• FAX (86) 25-87123900 • World Wide Web Site - http://www.sangdest.com.cn • E-Mail Address - sales@ sangdest.com.cn •
S16C03-8
THRU
S16C24-8


Similar Part No. - S16C24-8

ManufacturerPart #DatasheetDescription
logo
Compact Technology Corp...
S16C200C CTC-S16C200C Datasheet
189Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Thinki Semiconductor Co...
S16C20A THINKISEMI-S16C20A Datasheet
641Kb / 2P
   16.0 Amperes Heatsink Dual Common Anode Schottky Half Bridge Rectifiers
logo
Compact Technology Corp...
S16C20C CTC-S16C20C Datasheet
189Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - S16C24-8

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
S16LCC03-8 SMC-S16LCC03-8 Datasheet
151Kb / 4P
   SO-16
S1603-8 SMC-S1603-8 Datasheet
129Kb / 4P
   SO-16
S16LC03-8 SMC-S16LC03-8 Datasheet
151Kb / 4P
   SO-16
logo
Silicon Microstructures...
SM9D SMI-SM9D Datasheet
934Kb / 9P
   Uncompensated SO-16 Pressure Sensor
logo
ON Semiconductor
NTMS4935N ONSEMI-NTMS4935N Datasheet
142Kb / 5P
   Power MOSFET 30 V, 16 A, N?묬hannel, SO??
September, 2009 ??Rev. 0
logo
Linear Technology
LTC1143 LINER-LTC1143_15 Datasheet
320Kb / 20P
   Dual High Efficiency SO-16 Step-Down Switching Regulator Controllers
LTC1143L-ADJ LINER-LTC1143L-ADJ_15 Datasheet
320Kb / 20P
   Dual High Efficiency SO-16 Step-Down Switching Regulator Controllers
LTC1143L LINER-LTC1143L_15 Datasheet
320Kb / 20P
   Dual High Efficiency SO-16 Step-Down Switching Regulator Controllers
logo
Diodes Incorporated
DGD2110 DIODES-DGD2110_V01 Datasheet
1Mb / 12P
   HIGH-SIDE AND LOW-SIDE GATE DRIVERS IN SO-16
Rev. 5 - 2 October 2019
logo
Linear Technology
LTC1143 LINER-LTC1143 Datasheet
372Kb / 20P
   Dual High Efficiency SO-16 Step-Down Switching Regulator Controllers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com