Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS1J-F Datasheet(PDF) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # RS1J-F
Description  SURFACE MOUNT SUPER FAST RECTIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

RS1J-F Datasheet(HTML) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  RS1J-F Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd RS1J-F Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd RS1J-F Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd RS1J-F Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd RS1J-F Datasheet HTML 5Page - Sangdest Microelectronic (Nanjing) Co., Ltd RS1J-F Datasheet HTML 6Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SANGDEST
MICROELECTRONICS
Technical Data
Green Products
Data Sheet N1006, Rev. B
• Weiqi Street, Airport Development Zone, Jiangning District, Nanjing, China 211113
(86) 25-87123907
• FAX (86) 25-87123900 • World Wide Web Site - http://www.sangdest.com.cn • E-Mail Address - sales@ sangdest.com.cn •
RS1A-F THRU RS1M-F
RS1A-F THRU RS1M-F
SURFACE MOUNT SUPER FAST RECTIFIER
Features:
The plastic package carries Underwriters Laboratory
Flammability Classification 94V-0
For surface mounted applications
Low reverse leakage
Super fast switching for high efficiency
Built-in strain relief, ideal for automated placement
High forward surge current capability
High temperature soldering guaranteed:
250 C/10 seconds at terminals
This is a Pb − Free Device
All SMC parts are traceable to the wafer lot
Additional testing can be offered upon request
Mechanical Data:
Case: JEDEC SMA(DO-214AC) molded plastic body
Terminals: Solder plated, solderable per MIL-STD-750, Method 2026
Mounting Position: Any
Weight:0.002 ounce, 0.07 grams
Mechanical Dimensions: In mm/ Inches
OPTION 1(XH)


Similar Part No. - RS1J-F

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
RS1J-13-F DIODES-RS1J-13-F Datasheet
122Kb / 4P
   1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Vishay Siliconix
RS1J-E3 VISHAY-RS1J-E3 Datasheet
85Kb / 4P
   Surface Mount Fast Switching Rectifier
Revision: 21-Aug-13
RS1J-E3-5AT VISHAY-RS1J-E3-5AT Datasheet
85Kb / 4P
   Surface Mount Fast Switching Rectifier
Revision: 21-Aug-13
RS1J-E3-61T VISHAY-RS1J-E3-61T Datasheet
85Kb / 4P
   Surface Mount Fast Switching Rectifier
Revision: 21-Aug-13
RS1J-E3/5AT VISHAY-RS1J-E3/5AT Datasheet
85Kb / 4P
   Surface Mount Fast Switching Rectifier
Revision: 21-Aug-13
More results

Similar Description - RS1J-F

ManufacturerPart #DatasheetDescription
logo
Diotech Company.
ES2BA DIOTECH-ES2BA Datasheet
729Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
logo
Shanghai Shunye Electro...
ES2A SY-ES2A Datasheet
234Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
logo
Diotech Company.
ES2A DIOTECH-ES2A Datasheet
855Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
ES3A DIOTECH-ES3A Datasheet
882Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
ES1B DIOTECH-ES1B Datasheet
838Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
logo
Sangdest Microelectroni...
ER2A SMC-ER2A Datasheet
157Kb / 4P
   SURFACE MOUNT SUPER FAST RECTIFIER
ER5A SMC-ER5A Datasheet
160Kb / 4P
   SURFACE MOUNT SUPER FAST RECTIFIER
logo
Formosa MS
ES3A FORMOSA-ES3A Datasheet
118Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
logo
List of Unclassifed Man...
ES1AF ETC2-ES1AF Datasheet
526Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
ES3AF ETC2-ES3AF Datasheet
975Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com