Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HLMP-S200-G0B02 Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

Part # HLMP-S200-G0B02
Description  2 mm x 5 mm Rectangular LED Lamps
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-S200-G0B02 Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard)

  HLMP-S200-G0B02 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-S200-G0B02 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-S200-G0B02 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-S200-G0B02 Datasheet HTML 4Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
1-156
Figure 4. Relative Efficiency
(Luminous Intensity per Unit Current)
vs. LED Peak Current.
ηv (300 mA) for
AlGaAs Red = 0.7.
Figure 2. Forward Current vs.
Forward Voltage Characteristics. V
F
(300 mA) for AlGaAs Red = 2.6 Volts
Typical.
Figure 3. Relative Luminous Intensity
vs. DC Forward Current.
Figure 5. Maximum Tolerable Peak Current vs. Peak Duration.
(I
PEAK MAX Determined from Temperature Derated IDC MAX).
Figure 6. Relative Luminous Intensity vs. Angular Displacement.


Similar Part No. - HLMP-S200-G0B02

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMP-S200 HP-HLMP-S200 Datasheet
132Kb / 9P
   2 mm x 5 mm Rectangular LED Lamps
More results

Similar Description - HLMP-S200-G0B02

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMP-S100 HP-HLMP-S100_1 Datasheet
132Kb / 9P
   2 mm x 5 mm Rectangular LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-S501-C0000 AVAGO-HLMP-S501-C0000 Datasheet
424Kb / 8P
   2 mm x 5 mm Rectangular LED Lamps
logo
Broadcom Corporation.
HLMP-S100 BOARDCOM-HLMP-S100 Datasheet
255Kb / 8P
   2 mm x 5 mm Rectangular LED Lamps
logo
Agilent(Hewlett-Packard...
HLMA-SH05 HP-HLMA-SH05 Datasheet
60Kb / 5P
   2 mm x 5 mm Rectangular AlInGaP Lamps
logo
List of Unclassifed Man...
L-117 ETC-L-117 Datasheet
119Kb / 4P
   2 X 5 MM BI COLOR RECTANGULAR LED LAMPS
L113HDT ETC-L113HDT Datasheet
179Kb / 6P
   2 X 5 MM RECTANGULAR SOLID LAMPS
logo
Fairchild Semiconductor
MV52123 FAIRCHILD-MV52123 Datasheet
432Kb / 4P
   SOLID STATE LED LAMP RECTANGULAR 2 X 5 mm LED LAMPS
logo
Agilent(Hewlett-Packard...
HLMP-08XX HP-HLMP-08XX Datasheet
159Kb / 6P
   T-1 3/4, 2 mm x 5 mm Rectangular Bicolor LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-4000 AVAGO-HLMP-4000 Datasheet
192Kb / 6P
   T-1 3/4, 2 mm x 5 mm Rectangular Bicolor LED Lamps
logo
Broadcom Corporation.
HLMP-40XX BOARDCOM-HLMP-40XX Datasheet
192Kb / 6P
   T-1 3/4, 2 mm x 5 mm Rectangular Bicolor LED Lamps
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com