Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFBR2462C Datasheet(PDF) 8 Page - Agilent(Hewlett-Packard)

Part # HFBR2462C
Description  Low Cost, Miniature Fiber Optic Components with ST, SMA, SC and FC Ports
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HFBR2462C Datasheet(HTML) 8 Page - Agilent(Hewlett-Packard)

Back Button HFBR2462C Datasheet HTML 4Page - Agilent(Hewlett-Packard) HFBR2462C Datasheet HTML 5Page - Agilent(Hewlett-Packard) HFBR2462C Datasheet HTML 6Page - Agilent(Hewlett-Packard) HFBR2462C Datasheet HTML 7Page - Agilent(Hewlett-Packard) HFBR2462C Datasheet HTML 8Page - Agilent(Hewlett-Packard) HFBR2462C Datasheet HTML 9Page - Agilent(Hewlett-Packard) HFBR2462C Datasheet HTML 10Page - Agilent(Hewlett-Packard) HFBR2462C Datasheet HTML 11Page - Agilent(Hewlett-Packard) HFBR2462C Datasheet HTML 12Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
53
Figure 1. HFBR-0400 ST Series Cross-Sectional View.
Panel Mount Hardware
Port Cap Hardware
HFBR-4402: 500 SMA Port Caps
HFBR-4120: 500 ST Port Plugs (120 psi)
HFBR-4412: 500 FC Port Caps
HFBR-4417: 500 SC Port Plugs
HOUSING
CONNECTOR PORT
HEADER
EPOXY BACKFILL
PORT GROUNDING PATH INSERT
LED OR DETECTOR IC
LENS–SPHERE
(ON TRANSMITTERS ONLY)
LENS–WINDOW
7.87
(0.310)
TYP
DIA
0.14
(0.005)
1.65
(0.065)
1/4 – 36 UNEF –
2B THREAD
HEX-NUT
DIA
6.61
(0.260)
WASHER
7,87
(0.310)
14.27
(0.563)
TYP
DIA
10.41
(0.410)
MAX
DIA
0.46
(0.018)
1.65
(0.065)
3/8 – 32 UNEF-
2B THREAD
HEX-NUT
DIA
12.70
(0.50)
WASHER
HFBR-4401: for SMA Ports
HFBR-4411: for ST Ports
(Each HFBR-4401 and HFBR-4411 kit consists of 100 nuts and 100 washers.)
3/8 - 32 UNEF - 2A THREADING
0.2 IN.
WALL
WASHER
NUT
1 THREAD AVAILABLE
DATE CODE
PART NUMBER


Similar Part No. - HFBR2462C

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HFBR2521 HP-HFBR2521 Datasheet
438Kb / 19P
   Versatile Link The Versatile Fiber Optic Connection
HFBR2522 HP-HFBR2522 Datasheet
438Kb / 19P
   Versatile Link The Versatile Fiber Optic Connection
HFBR2523 HP-HFBR2523 Datasheet
438Kb / 19P
   Versatile Link The Versatile Fiber Optic Connection
HFBR2524 HP-HFBR2524 Datasheet
438Kb / 19P
   Versatile Link The Versatile Fiber Optic Connection
HFBR2525 HP-HFBR2525 Datasheet
438Kb / 19P
   Versatile Link The Versatile Fiber Optic Connection
More results

Similar Description - HFBR2462C

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HFBR-14XXZ BOARDCOM-HFBR-14XXZ Datasheet
391Kb / 25P
   Low-Cost, 820 nm Miniature Link Fiber Optic Components with ST, SMA, SC, and FC Ports
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-2404Z AVAGO-HFBR-2404Z Datasheet
723Kb / 24P
   Low-Cost, 820 nm Miniature Link Fiber Optic Components with ST, SMA, SC and FC Ports
HFBR-1402Z AVAGO-HFBR-1402Z_13 Datasheet
716Kb / 24P
   Low-Cost, 820 nm Miniature Link Fiber Optic Components with ST짰, SMA, SC and FC Ports
HFBR-0500Z AVAGO-HFBR-0500Z Datasheet
504Kb / 18P
   Versatile Link The Versatile Fiber Optic Connection Low cost fiber optic components
logo
3M Electronics
8204 3M-8204 Datasheet
734Kb / 24P
   SC & FC/PC3 Pull-Proof Fiber Optic Connectors
logo
List of Unclassifed Man...
DK-2612-01 ETC2-DK-2612-01 Datasheet
1Mb / 1P
   DIGITUS Fiber Optic Multimode Patch Cord, ST / SC
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-2414Z AVAGO-HFBR-2414Z Datasheet
1Mb / 2P
   Threaded ST Port Option for Low Cost Miniature Link Components
logo
Broadcom Corporation.
HFBR-0400TZ BOARDCOM-HFBR-0400TZ Datasheet
382Kb / 3P
   Threaded ST Port Option for Low-Cost Miniature Link Components
June 14, 2017
logo
PANDUIT CORP.
F6D3-3M1 PANDUIT-F6D3-3M1 Datasheet
106Kb / 2P
   SC Fiber Optic Connectors
logo
List of Unclassifed Man...
147-301-901V001 ETC2-147-301-901V001 Datasheet
75Kb / 2P
   DIAMOND Fiber Optic Components
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com