Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT89LV51 Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT89LV51
Description  4K Bytes of Reprogrammable Flash Memory
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LV51 Datasheet(HTML) 3 Page - ATMEL Corporation

  AT89LV51_14 Datasheet HTML 1Page - ATMEL Corporation AT89LV51_14 Datasheet HTML 2Page - ATMEL Corporation AT89LV51_14 Datasheet HTML 3Page - ATMEL Corporation AT89LV51_14 Datasheet HTML 4Page - ATMEL Corporation AT89LV51_14 Datasheet HTML 5Page - ATMEL Corporation AT89LV51_14 Datasheet HTML 6Page - ATMEL Corporation AT89LV51_14 Datasheet HTML 7Page - ATMEL Corporation AT89LV51_14 Datasheet HTML 8Page - ATMEL Corporation AT89LV51_14 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Not
4-47
The AT89LV51 provides the following standard features:
4K bytes of Flash, 128 bytes of RAM, 32 I/O lines, two 16-
bit timer/counters, a five vector two-level interrupt architec-
ture, a full duplex serial port, on-chip oscillator and clock
circuitry. In addition, the AT89LV51 is designed with static
logic for operation down to zero frequency and supports
two software selectable power saving modes. The Idle
Mo de st ops th e CPU wh ile allo win g th e RAM,
timer/counters, serial port and interrupt system to continue
functioning. The Power Down Mode saves the RAM con-
tents but freezes the oscillator disabling all other chip func-
tions until the next hardware reset.
Pin Description
VCC
Supply voltage.
GND
Ground.
Port 0
Port 0 is an 8-bit open drain bidirectional I/O port. As an
output port each pin can sink eight TTL inputs. When 1s
are written to port 0 pins, the pins can be used as high-
impedance inputs.
Port 0 may also be configured to be the multiplexed low-
order address/data bus during accesses to external pro-
gram and data memory. In this mode P0 has internal pul-
lups.
Port 0 also receives the code bytes during Flash program-
ming, and outputs the code bytes during program verifica-
tion. External pullups are required during program verifica-
tion.
Port 1
Port 1 is an 8-bit bidirectional I/O port with internal pullups.
The Port 1 output buffers can sink/source four TTL inputs.
When 1s are written to Port 1 pins they are pulled high by
the internal pullups and can be used as inputs. As inputs,
Port 1 pins that are externally being pulled low will source
current (IIL) because of the internal pullups.
Port 1 also receives the low-order address bytes during
Flash programming and verification.
Port 2
Port 2 is an 8-bit bidirectional I/O port with internal pullups.
The Port 2 output buffers can sink/source four TTL inputs.
When 1s are written to Port 2 pins they are pulled high by
the internal pullups and can be used as inputs. As inputs,
Port 2 pins that are externally being pulled low will source
current (IIL) because of the internal pullups.
Port 2 emits the high-order address byte during fetches
from external program memory and during accesses to
external data memory that use 16-bit addresses (MOVX @
DPTR). In this application it uses strong internal pullups
when emitting 1s. During accesses to external data mem-
ory that use 8-bit addresses (MOVX @ RI), Port 2 emits the
contents of the P2 Special Function Register.
Port 2 also receives the high-order address bits and some
control signals during Flash programming and verification.
Port 3
Port 3 is an 8-bit bidirectional I/O port with internal pullups.
The Port 3 output buffers can sink/source four TTL inputs.
When 1s are written to Port 3 pins they are pulled high by
the internal pullups and can be used as inputs. As inputs,
Port 3 pins that are externally being pulled low will source
current (IIL) because of the pullups.
Port 3 also serves the functions of various special features
of the AT89LV51 as listed below:
Port 3 also receives some control signals for Flash pro-
gramming and verification.
RST
Reset input. A high on this pin for two machine cycles while
the oscillator is running resets the device.
ALE/PROG
Address Latch Enable output pulse for latching the low byte
of the address during accesses to external memory. This
pin is also the program pulse input (PROG) during Flash
programming.
In normal operation ALE is emitted at a constant rate of 1/6
the oscillator frequency, and may be used for external tim-
ing or clocking purposes. Note, however, that one ALE
pulse is skipped during each access to external Data Mem-
ory.
PSEN
Program Store Enable is the read strobe to external pro-
gram memory.
When the AT89LV51 is executing code from external pro-
gram memory, PSEN is activated twice each machine
cycle, except that two PSEN activations are skipped during
each access to external data memory.
Port Pin
Alternate Functions
P3.0
RXD (serial input port)
P3.1
TXD (serial output port)
P3.2
INT0 (external interrupt 0)
P3.3
INT1 (external interrupt 1)
P3.4
T0 (timer 0 external input)
P3.5
T1 (timer 1 external input)
P3.6
WR (external data memory write strobe)
P3.7
RD (external data memory read strobe)


Similar Part No. - AT89LV51_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89LV51-12AC ATMEL-AT89LV51-12AC Datasheet
197Kb / 16P
   8-Bit Microcontroller with 4K Bytes Flash
AT89LV51-12AC ATMEL-AT89LV51-12AC Datasheet
157Kb / 16P
   8-Bit Microcontroller with 4K Bytes Flash
AT89LV51-12AI ATMEL-AT89LV51-12AI Datasheet
197Kb / 16P
   8-Bit Microcontroller with 4K Bytes Flash
AT89LV51-12AI ATMEL-AT89LV51-12AI Datasheet
157Kb / 16P
   8-Bit Microcontroller with 4K Bytes Flash
AT89LV51-12JC ATMEL-AT89LV51-12JC Datasheet
197Kb / 16P
   8-Bit Microcontroller with 4K Bytes Flash
More results

Similar Description - AT89LV51_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89C4051 ATMEL-AT89C4051_14 Datasheet
405Kb / 19P
   4K Bytes of Reprogrammable Flash Memory
AT89C51 ATMEL-AT89C51_14 Datasheet
148Kb / 17P
   4K Bytes of In-System Reprogrammable Flash Memory
AT89LV55 ATMEL-AT89LV55_14 Datasheet
585Kb / 32P
   20K Bytes of Reprogrammable Flash Memory
AT89C2051 ATMEL-AT89C2051_14 Datasheet
398Kb / 19P
   2K Bytes of Reprogrammable Flash Memory
AT89C51RC ATMEL-AT89C51RC_14 Datasheet
541Kb / 36P
   32K Bytes of Reprogrammable Flash Memory
AT89C55WD ATMEL-AT89C55WD_14 Datasheet
523Kb / 35P
   20K Bytes of Reprogrammable Flash Memory
AT89LV52 ATMEL-AT89LV52_14 Datasheet
422Kb / 22P
   8K Bytes of Reprogrammable Flash Memory
AT89C52 ATMEL-AT89C52_14 Datasheet
204Kb / 24P
   8K Bytes of In-System Reprogrammable Flash Memory
AT89LS8252 ATMEL-AT89LS8252_14 Datasheet
797Kb / 2P
   8K Bytes of In-System Reprogrammable Downloadable Flash Memory
AT89LS53 ATMEL-AT89LS53_14 Datasheet
807Kb / 3P
   12K Bytes of In-System Reprogrammable Downloadable Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com