Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZX84C18 Datasheet(PDF) 4 Page - MAKO SEMICONDUCTOR CO.,LIMITED

Part # BZX84C18
Description  SOT-23 Plastic-Encapsulate Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAKOSEMI [MAKO SEMICONDUCTOR CO.,LIMITED]
Direct Link  http://www.makosemi.hk/
Logo MAKOSEMI - MAKO SEMICONDUCTOR CO.,LIMITED

BZX84C18 Datasheet(HTML) 4 Page - MAKO SEMICONDUCTOR CO.,LIMITED

  BZX84C18 Datasheet HTML 1Page - MAKO SEMICONDUCTOR CO.,LIMITED BZX84C18 Datasheet HTML 2Page - MAKO SEMICONDUCTOR CO.,LIMITED BZX84C18 Datasheet HTML 3Page - MAKO SEMICONDUCTOR CO.,LIMITED BZX84C18 Datasheet HTML 4Page - MAKO SEMICONDUCTOR CO.,LIMITED BZX84C18 Datasheet HTML 5Page - MAKO SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MAKOSemiconductor
4
D$uJ
6273DFNDJH2XWOLQH'LPHQVLRQV
6276XJJHVWHG3DG/D\RXW
Min
Max
Min
Max
A
0.900
1.150
0.035
0.045
A1
0.000
0.100
0.000
0.004
A2
0.900
1.050
0.035
0.041
b
0.300
0.500
0.012
0.020
c
0.080
0.150
0.003
0.006
D
2.800
3.000
0.110
0.118
E
1.200
1.400
0.047
0.055
E1
2.250
2.550
0.089
0.100
e
e1
1.800
2.000
0.071
0.079
L
L1
0.300
0.500
0.012
0.020
0°8°0°6°
0.550 REF
0.022 REF
Symbol
Dimensions In Inches
Dimensions In Millimeters
0.950 TYP
0.037 TYP


Similar Part No. - BZX84C18

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZX84C18 TSC-BZX84C18 Datasheet
594Kb / 3P
   350mW Surface Mount Zener Diode
logo
Vishay Siliconix
BZX84C18 VISHAY-BZX84C18 Datasheet
70Kb / 5P
   350 mW Surface Mount Zener Diodes
Rev. 1, 01-Apr-99
logo
TAITRON Components Inco...
BZX84C18 TAITRON-BZX84C18 Datasheet
195Kb / 1P
   SMD Zener
logo
Diodes Incorporated
BZX84C18 DIODES-BZX84C18 Datasheet
197Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
logo
Central Semiconductor C...
BZX84C18 CENTRAL-BZX84C18 Datasheet
120Kb / 2P
   SURFACE MOUNT 350mW SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS
More results

Similar Description - BZX84C18

ManufacturerPart #DatasheetDescription
logo
Jiangsu High diode Semi...
DAN202 HDSEMI-DAN202 Datasheet
2Mb / 4P
   SOT-23 Plastic-Encapsulate Diodes
logo
MAKO SEMICONDUCTOR CO.,...
BZX84C3V3 MAKOSEMI-BZX84C3V3 Datasheet
825Kb / 5P
   SOT-23 Plastic-Encapsulate Diodes
logo
Jiangsu High diode Semi...
BAS19 HDSEMI-BAS19 Datasheet
2Mb / 4P
   SOT-23 Plastic-Encapsulate Diodes
BAV23A HDSEMI-BAV23A Datasheet
2Mb / 4P
   SOT-23 Plastic-Encapsulate Diodes
logo
Nanjing International G...
BAS40-06-200MA-SOT-23 DGNJDZ-BAS40-06-200MA-SOT-23 Datasheet
338Kb / 2P
   SOT-23 Plastic-Encapsulate Diodes
logo
Kwang Myoung I.S. CO.,L...
1SS187 KISEMICONDUCTOR-1SS187 Datasheet
69Kb / 1P
   SOT-23 Plastic-Encapsulate Diodes
logo
Tiger Electronic Co.,Lt...
1SS193 TGS-1SS193 Datasheet
393Kb / 2P
   SOT-23 Plastic-Encapsulate Diodes
logo
WILLAS ELECTRONIC CORP
MMBD4148 WILLAS-MMBD4148 Datasheet
394Kb / 3P
   SOT-23 Plastic-Encapsulate Diodes
logo
Kwang Myoung I.S. CO.,L...
1SS181 KISEMICONDUCTOR-1SS181 Datasheet
60Kb / 1P
   SOT-23 Plastic-Encapsulate Diodes
1SS193 KISEMICONDUCTOR-1SS193 Datasheet
77Kb / 1P
   SOT-23 Plastic-Encapsulate Diodes
logo
Microdiode Electronics ...
MMBD4148A CHENDA-MMBD4148A Datasheet
1Mb / 3P
   SOT-23 Plastic-Encapsulate Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com