Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZX84C11 Datasheet(PDF) 3 Page - MAKO SEMICONDUCTOR CO.,LIMITED

Part # BZX84C11
Description  SOT-23 Plastic-Encapsulate Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAKOSEMI [MAKO SEMICONDUCTOR CO.,LIMITED]
Direct Link  http://www.makosemi.hk/
Logo MAKOSEMI - MAKO SEMICONDUCTOR CO.,LIMITED

BZX84C11 Datasheet(HTML) 3 Page - MAKO SEMICONDUCTOR CO.,LIMITED

  BZX84C11 Datasheet HTML 1Page - MAKO SEMICONDUCTOR CO.,LIMITED BZX84C11 Datasheet HTML 2Page - MAKO SEMICONDUCTOR CO.,LIMITED BZX84C11 Datasheet HTML 3Page - MAKO SEMICONDUCTOR CO.,LIMITED BZX84C11 Datasheet HTML 4Page - MAKO SEMICONDUCTOR CO.,LIMITED BZX84C11 Datasheet HTML 5Page - MAKO SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
12
345
6789
10
11
1
10
100
110
100
1
10
100
1000
10
15
20
25
30
35
40
45
50
1
10
100
0
4
8
12
16
20
24
28
32
36
40
44
-5
0
5
10
15
20
25
30
35
40
0
25
50
75
100
125
150
0
50
100
150
200
250
300
350
1
10
100
1
10
100
1000
0
5
10
15
20
25
30
35
40
45
1E-4
1E-3
0.01
0.1
1
10
100
0.5
P
D =300mW
T
a =25
Pulsed
0.5
Zener Characteristics(V
Z
Up to 10 V)
V
Z, ZENER VOLTAGE (V)
T
a=25
f=1MHz
BIAS AT
50% OF V
Z NOM
1V BIAS
0V BIAS
Typical Capacitance
V
Z, NOMINAL ZENER VOLTAGE (V)
P
D =300mW
Zener Characteristics(11 V to 43 V)
V
Z, ZENER VOLTAGE (V)
T
a =25
Pulsed
V
Z @ IZT
TYPICAL T
a VALUES
FOR BZX84CXXX SERIES
Temperature Coefficients
V
Z, NOMINAL ZENER VOLTAGE (V)
Power Derating Curve
AMBIENT TEMPERATURE T
a
( )
I
Z=5mA
Effect of Zener Voltage on Zener Impedance
I
Z=1mA
T
a=25
I
Z(AC)=0.1IZ(DC)
f=1kHz
V
Z, NOMINAL ZENER VOLTAGE (V)
Pulsed
Typical Leakage Current
V
Z, NOMINAL ZENER VOLTAGE (V)
T
a=25
T
a=100
ELECTRICAL CHARACTERISTICS
MAKO Semiconductor
3
D,Aug,2014


Similar Part No. - BZX84C11

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZX84C11 VISHAY-BZX84C11 Datasheet
70Kb / 5P
   350 mW Surface Mount Zener Diodes
Rev. 1, 01-Apr-99
logo
KEC(Korea Electronics)
BZX84C11 KEC-BZX84C11 Datasheet
363Kb / 3P
   SEMICONDUCTOR
logo
Taiwan Semiconductor Co...
BZX84C11 TSC-BZX84C11 Datasheet
594Kb / 3P
   350mW Surface Mount Zener Diode
logo
Diodes Incorporated
BZX84C11 DIODES-BZX84C11 Datasheet
197Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
logo
Jiangsu Changjiang Elec...
BZX84C11 JIANGSU-BZX84C11 Datasheet
134Kb / 3P
   Plastic-Encapsulate Diode
More results

Similar Description - BZX84C11

ManufacturerPart #DatasheetDescription
logo
Jiangsu High diode Semi...
DAN202 HDSEMI-DAN202 Datasheet
2Mb / 4P
   SOT-23 Plastic-Encapsulate Diodes
logo
MAKO SEMICONDUCTOR CO.,...
BZX84C3V3 MAKOSEMI-BZX84C3V3 Datasheet
825Kb / 5P
   SOT-23 Plastic-Encapsulate Diodes
logo
Jiangsu High diode Semi...
BAS19 HDSEMI-BAS19 Datasheet
2Mb / 4P
   SOT-23 Plastic-Encapsulate Diodes
BAV23A HDSEMI-BAV23A Datasheet
2Mb / 4P
   SOT-23 Plastic-Encapsulate Diodes
logo
Nanjing International G...
BAS40-06-200MA-SOT-23 DGNJDZ-BAS40-06-200MA-SOT-23 Datasheet
338Kb / 2P
   SOT-23 Plastic-Encapsulate Diodes
logo
Kwang Myoung I.S. CO.,L...
1SS187 KISEMICONDUCTOR-1SS187 Datasheet
69Kb / 1P
   SOT-23 Plastic-Encapsulate Diodes
logo
Tiger Electronic Co.,Lt...
1SS193 TGS-1SS193 Datasheet
393Kb / 2P
   SOT-23 Plastic-Encapsulate Diodes
logo
WILLAS ELECTRONIC CORP
MMBD4148 WILLAS-MMBD4148 Datasheet
394Kb / 3P
   SOT-23 Plastic-Encapsulate Diodes
logo
Kwang Myoung I.S. CO.,L...
1SS181 KISEMICONDUCTOR-1SS181 Datasheet
60Kb / 1P
   SOT-23 Plastic-Encapsulate Diodes
1SS193 KISEMICONDUCTOR-1SS193 Datasheet
77Kb / 1P
   SOT-23 Plastic-Encapsulate Diodes
logo
Microdiode Electronics ...
MMBD4148A CHENDA-MMBD4148A Datasheet
1Mb / 3P
   SOT-23 Plastic-Encapsulate Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com