Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZX84C3V3 Datasheet(PDF) 2 Page - MAKO SEMICONDUCTOR CO.,LIMITED

Part # BZX84C3V3
Description  SOT-24 Plastic-Encapsulate Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAKOSEMI [MAKO SEMICONDUCTOR CO.,LIMITED]
Direct Link  http://www.makosemi.hk/
Logo MAKOSEMI - MAKO SEMICONDUCTOR CO.,LIMITED

BZX84C3V3 Datasheet(HTML) 2 Page - MAKO SEMICONDUCTOR CO.,LIMITED

  BZX84C3V3 Datasheet HTML 1Page - MAKO SEMICONDUCTOR CO.,LIMITED BZX84C3V3 Datasheet HTML 2Page - MAKO SEMICONDUCTOR CO.,LIMITED BZX84C3V3 Datasheet HTML 3Page - MAKO SEMICONDUCTOR CO.,LIMITED BZX84C3V3 Datasheet HTML 4Page - MAKO SEMICONDUCTOR CO.,LIMITED BZX84C3V3 Datasheet HTML 5Page - MAKO SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Notes: 1. Valid provided that device terminals are kept at ambient temperature.
2. Tested with pulses, period=5ms,pulse width =300
μs.
3. f = 1
kHZ
.
ZenerVoltage Range (Note 2)
Maximum Zener
Impedance
(Note 3)
Maximum
Reverse
Current
VZ@IZT
IZT
ZZT@IZT
ZZK@IZK
IZK
IR
VR
Temperature
Coefficent of
Zener voltage
@ IZT=5mA
mV/°C
Type
Number
Code
Nom(V)
Min(V)
Max(V)
(mA)
(Ω)
(mA)
(
μA)
(V)
Min
Max
BZX84C2V4
Z11
2.4
2.20
2.60
5
100
600
1.0
50
1.0
-3.5
0
BZX84C2V7
Z12
2.7
2.5
2.9
5
100
600
1.0
20
1.0
-3.5
0
BZX84C3V0
Z13
3.0
2.8
3.2
5
95
600
1.0
10
1.0
-3.5
0
BZX84C3V3
Z14
3.3
3.1
3.5
5
95
600
1.0
5
1.0
-3.5
0
BZX84C3V6
Z15
3.6
3.4
3.8
5
90
600
1.0
5
1.0
-3.5
0
BZX84C3V9
Z16
3.9
3.7
4.1
5
90
600
1.0
3
1.0
-3.5
0
BZX84C4V3
Z17
4.3
4.0
4.6
5
90
600
1.0
3
1.0
-3.5
0
BZX84C4V7
Z1
4.7
4.4
5.0
5
80
500
1.0
3
2.0
-3.5
0.2
BZX84C5V1
Z2
5.1
4.8
5.4
5
60
480
1.0
2
2.0
-2.7
1.2
BZX84C5V6
Z3
5.6
5.2
6.0
5
40
400
1.0
1
2.0
-2.0
2.5
BZX84C6V2
Z4
6.2
5.8
6.6
5
10
150
1.0
3
4.0
0.4
3.7
BZX84C6V8
Z5
6.8
6.4
7.2
5
15
80
1.0
2
4.0
1.2
4.5
BZX84C7V5
Z6
7.5
7.0
7.9
5
15
80
1.0
1
5.0
2.5
5.3
BZX84C8V2
Z7
8.2
7.7
8.7
5
15
80
1.0
0.7
5.0
3.2
6.2
BZX84C9V1
Z8
9.1
8.5
9.6
5
15
100
1.0
0.5
6.0
3.8
7.0
BZX84C10
Z9
10
9.4
10.6
5
20
150
1.0
0.2
7.0
4.5
8.0
BZX84C11
Y1
11
10.4
11.6
5
20
150
1.0
0.1
8.0
5.4
9.0
BZX84C12
Y2
12
11.4
12.7
5
25
150
1.0
0.1
8.0
6.0
10.0
BZX84C13
Y3
13
12.4
14.1
5
30
170
1.0
0.1
8.0
7.0
11.0
BZX84C15
Y4
15
13.8
15.6
5
30
200
1.0
0.1
10.5
9.2
13.0
BZX84C16
Y5
16
15.3
17.1
5
40
200
1.0
0.1
11.2
10.4
14.0
BZX84C18
Y6
18
16.8
19.1
5
45
225
1.0
0.1
12.6
12.4
16.0
BZX84C20
Y7
20
18.8
21.2
5
55
225
1.0
0.1
14.0
14.4
18.0
BZX84C22
Y8
22
20.8
23.3
5
55
250
1.0
0.1
15.4
16.4
20.0
BZX84C24
Y9
24
22.8
25.6
5
70
250
1.0
0.1
16.8
18.4
22.0
BZX84C27
Y10
27
25.1
28.9
2
80
300
0.5
0.1
18.9
21.4
25.3
BZX84C30
Y11
30
28.0
32.0
2
80
300
0.5
0.1
21.0
24.4
29.4
BZX84C33
Y12
33
31.0
35.0
2
80
325
0.5
0.1
23.1
27.4
33.4
BZX84C36
Y13
36
34.0
38.0
2
90
350
0.5
0.1
25.2
30.4
37.4
BZX84C39
Y14
39
37.0
41.0
2
130
350
0.5
0.1
27.3
33.4
41.2
BZX84C43
Y15
43
40.0
46.0
2
100
700
1
0.1
32
10
12
MAKOSemiconductor
2
D$uJ0
ELECTRICAL CHARACTERISTICS
T
a=25unless otherwise specified


Similar Part No. - BZX84C3V3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZX84C3V3 VISHAY-BZX84C3V3 Datasheet
70Kb / 5P
   350 mW Surface Mount Zener Diodes
Rev. 1, 01-Apr-99
logo
Bruckewell Technology L...
BZX84C3V3 BWTECH-BZX84C3V3 Datasheet
287Kb / 2P
   ZENER VOLTAGE REGULATORS
logo
Central Semiconductor C...
BZX84C3V3 CENTRAL-BZX84C3V3 Datasheet
336Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 350mW, 2.4 THRU 47 VOLTS
BZX84C3V3 CENTRAL-BZX84C3V3 Datasheet
120Kb / 2P
   SURFACE MOUNT 350mW SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS
logo
DONGGUAN YOU FENG WEI E...
BZX84C3V3 YFWDIODE-BZX84C3V3 Datasheet
900Kb / 4P
   Silicon Planar Zener Diodes
More results

Similar Description - BZX84C3V3

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
1SS226 TGS-1SS226 Datasheet
443Kb / 2P
   SOT-23 Plastic-Encapsulate Diodes
logo
WILLAS ELECTRONIC CORP
BAS21X WILLAS-BAS21X Datasheet
412Kb / 3P
   SOT-23 Plastic-Encapsulate Diodes
MMBD4148TW WILLAS-MMBD4148TW Datasheet
391Kb / 3P
   SOT-363 Plastic-Encapsulate Diodes
BAV70T WILLAS-BAV70T Datasheet
374Kb / 3P
   SOT-523 Plastic-Encapsulate Diodes
DAP222M WILLAS-DAP222M Datasheet
322Kb / 2P
   SOT-723 Plastic-Encapsulate Diodes
logo
Kwang Myoung I.S. CO.,L...
BAS16LT1 KISEMICONDUCTOR-BAS16LT1 Datasheet
2Mb / 1P
   SOT-23 Plastic-Encapsulate Diodes
logo
MAKO SEMICONDUCTOR CO.,...
BZX84C4V3 MAKOSEMI-BZX84C4V3 Datasheet
825Kb / 5P
   SOT-23 Plastic-Encapsulate Diodes
logo
Nanjing International G...
BAS40-200MA-SOT-23 DGNJDZ-BAS40-200MA-SOT-23 Datasheet
338Kb / 2P
   SOT-23 Plastic-Encapsulate Diodes
logo
Jiangsu High diode Semi...
1SS344 HDSEMI-1SS344 Datasheet
1Mb / 4P
   SOT-23 Plastic-Encapsulate Diodes
BAS70 HDSEMI-BAS70 Datasheet
2Mb / 4P
   SOT-23 Plastic-Encapsulate Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com