Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT27C516 Datasheet(PDF) 10 Page - ATMEL Corporation

Part # AT27C516
Description  Low Power CMOS Operation
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT27C516 Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button AT27C516_14 Datasheet HTML 5Page - ATMEL Corporation AT27C516_14 Datasheet HTML 6Page - ATMEL Corporation AT27C516_14 Datasheet HTML 7Page - ATMEL Corporation AT27C516_14 Datasheet HTML 8Page - ATMEL Corporation AT27C516_14 Datasheet HTML 9Page - ATMEL Corporation AT27C516_14 Datasheet HTML 10Page - ATMEL Corporation AT27C516_14 Datasheet HTML 11Page - ATMEL Corporation AT27C516_14 Datasheet HTML 12Page - ATMEL Corporation AT27C516_14 Datasheet HTML 13Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10
0362E–EPROM–1/08
AT27C516
19. Ordering Information
19.1
Standard Package
t
ACC
(ns)
I
CC (mA)
Ordering Code
Package
Operation Range
Active
Standby
45
30
0.1
AT27C516-45JI
AT27C516-45VI
44J
40V(2)
Industrial
(-40
° C to 85° C)
70
AT27C516-70JI
AT27C516-70VI
44J
40V(2)
Notes:
1.
Not recommended for new designs. Use Green package option.
2.
The 40-lead VSOP package is not recommended for new designs.
19.2
Green Package Option (Pb/Halide-free)
tACC
(ns)
ICC (mA)
Ordering Code
Package
Operation Range
Active
Standby
45
30
0.1
AT27C516-45JU
44J
Industrial
(-40
° C to 85° C)
70
AT27C516-70JU
Package Type
44J
44-lead, Plastic J-leaded Chip Carrier (PLCC)
40V
40-lead, Plastic Thin Small Outline Package (VSOP)


Similar Part No. - AT27C516_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C516-10 ATMEL-AT27C516-10 Datasheet
241Kb / 8P
   512K 32K x 16 OTP CMOS EPROM
AT27C516-10JC ATMEL-AT27C516-10JC Datasheet
241Kb / 8P
   512K 32K x 16 OTP CMOS EPROM
AT27C516-10JI ATMEL-AT27C516-10JI Datasheet
241Kb / 8P
   512K 32K x 16 OTP CMOS EPROM
AT27C516-10VC ATMEL-AT27C516-10VC Datasheet
241Kb / 8P
   512K 32K x 16 OTP CMOS EPROM
AT27C516-10VI ATMEL-AT27C516-10VI Datasheet
241Kb / 8P
   512K 32K x 16 OTP CMOS EPROM
More results

Similar Description - AT27C516_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C512R ATMEL-AT27C512R_14 Datasheet
801Kb / 13P
   Low-power CMOS operation
AT27C2048 ATMEL-AT27C2048_14 Datasheet
783Kb / 12P
   Low-power CMOS operation
AT27C010 ATMEL-AT27C010_14 Datasheet
790Kb / 13P
   Low-power CMOS operation
AT27C1024 ATMEL-AT27C1024_14 Datasheet
805Kb / 13P
   Low-power CMOS operation
AT27C256R ATMEL-AT27C256R_14 Datasheet
889Kb / 13P
   Low-power CMOS operation
AT27C4096 ATMEL-AT27C4096_14 Datasheet
797Kb / 13P
   Low-power CMOS operation
AT27C020 ATMEL-AT27C020_14 Datasheet
843Kb / 14P
   Low-power CMOS operation
AT27C040 ATMEL-AT27C040_14 Datasheet
548Kb / 13P
   Low-power CMOS operation
AT27C080 ATMEL-AT27C080_14 Datasheet
792Kb / 13P
   Low-power CMOS operation
logo
CML Microcircuits
CMX631A CMLMICRO-CMX631A Datasheet
305Kb / 16P
   Low Power Operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com