Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT27C512R Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT27C512R
Description  Low-power CMOS operation
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT27C512R Datasheet(HTML) 5 Page - ATMEL Corporation

  AT27C512R_14 Datasheet HTML 1Page - ATMEL Corporation AT27C512R_14 Datasheet HTML 2Page - ATMEL Corporation AT27C512R_14 Datasheet HTML 3Page - ATMEL Corporation AT27C512R_14 Datasheet HTML 4Page - ATMEL Corporation AT27C512R_14 Datasheet HTML 5Page - ATMEL Corporation AT27C512R_14 Datasheet HTML 6Page - ATMEL Corporation AT27C512R_14 Datasheet HTML 7Page - ATMEL Corporation AT27C512R_14 Datasheet HTML 8Page - ATMEL Corporation AT27C512R_14 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
0015P–EPROM–10/11
Atmel AT27C512R
Figure 5-1.
AC waveforms for read operation
(1)
Notes:
1. Timing measurement reference level is 1.5V for -45 devices. Input AC drive levels are V
IL = 0.0V and VIH = 3.0V. Timing
measurement reference levels for all other speed grades are V
OL = 0.8V and VOH = 2.0V. Input AC drive levels are
V
IL = 0.45V and VIH = 2.4V.
2. OE/V
PP may be delayed up to tCE - tOE after the falling edge of CE without impact on tCE.
3. OE/V
PP may be delayed up to tACC - tOE after the address is valid without impact on tACC.
4. This parameter is only sampled, and is not 100% tested.
5. Output float is defined as the point when data is no longer driven.
Figure 5-2.
Input test waveforms and measurement levels
Figure 5-3.
Output test load
t
R, tF < 5ns (10% to 90%)
For -45 devices only:
t
R, tF < 20ns (10% to 90%)
For -70 devices:


Similar Part No. - AT27C512R_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C512R-12 ATMEL-AT27C512R-12 Datasheet
249Kb / 9P
   512K 64K x 8 OTP CMOS EPROM
AT27C512R-12JC ATMEL-AT27C512R-12JC Datasheet
249Kb / 9P
   512K 64K x 8 OTP CMOS EPROM
AT27C512R-12JI ATMEL-AT27C512R-12JI Datasheet
249Kb / 9P
   512K 64K x 8 OTP CMOS EPROM
AT27C512R-12PC ATMEL-AT27C512R-12PC Datasheet
249Kb / 9P
   512K 64K x 8 OTP CMOS EPROM
AT27C512R-12PI ATMEL-AT27C512R-12PI Datasheet
249Kb / 9P
   512K 64K x 8 OTP CMOS EPROM
More results

Similar Description - AT27C512R_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C2048 ATMEL-AT27C2048_14 Datasheet
783Kb / 12P
   Low-power CMOS operation
AT27C010 ATMEL-AT27C010_14 Datasheet
790Kb / 13P
   Low-power CMOS operation
AT27C1024 ATMEL-AT27C1024_14 Datasheet
805Kb / 13P
   Low-power CMOS operation
AT27C516 ATMEL-AT27C516_14 Datasheet
354Kb / 13P
   Low Power CMOS Operation
AT27C256R ATMEL-AT27C256R_14 Datasheet
889Kb / 13P
   Low-power CMOS operation
AT27C4096 ATMEL-AT27C4096_14 Datasheet
797Kb / 13P
   Low-power CMOS operation
AT27C020 ATMEL-AT27C020_14 Datasheet
843Kb / 14P
   Low-power CMOS operation
AT27C040 ATMEL-AT27C040_14 Datasheet
548Kb / 13P
   Low-power CMOS operation
AT27C080 ATMEL-AT27C080_14 Datasheet
792Kb / 13P
   Low-power CMOS operation
logo
CML Microcircuits
CMX631A CMLMICRO-CMX631A Datasheet
305Kb / 16P
   Low Power Operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com