Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS7142L-1C-E4 Datasheet(PDF) 7 Page - NEC

Part # PS7142L-1C-E4
Description  8-PIN DIP, 400 V BREAK DOWN VOLTAGE, TRANSFER TYPE 2-ch Optical Coupled MOS FET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS7142L-1C-E4 Datasheet(HTML) 7 Page - NEC

Back Button PS7142L-1C-E4 Datasheet HTML 3Page - NEC PS7142L-1C-E4 Datasheet HTML 4Page - NEC PS7142L-1C-E4 Datasheet HTML 5Page - NEC PS7142L-1C-E4 Datasheet HTML 6Page - NEC PS7142L-1C-E4 Datasheet HTML 7Page - NEC PS7142L-1C-E4 Datasheet HTML 8Page - NEC PS7142L-1C-E4 Datasheet HTML 9Page - NEC PS7142L-1C-E4 Datasheet HTML 10Page - NEC PS7142L-1C-E4 Datasheet HTML 11Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Data Sheet P13863EJ4V0DS00
7
PS7142-1C,PS7142L-1C
Normalized to 1.0 at TA = 25 ˚C,
IF = 10 mA, IL = 10 mA (N.O.),
IF = 0 mA, IL = 10 mA (N.C.)
Ambient Temperature TA (˚C)
NORMALIZED ON-STATE RESISTANCE vs.
AMBIENT TEMPERATURE
Forward Current IF (mA)
TURN-ON TIME vs. FORWARD CURRENT
Normalized to 1.0
at TA = 25 ˚C,
IF = 10 mA,
VO = 5 V
Ambient Temperature TA (˚C)
NORMALIZED TURN-OFF TIME vs.
AMBIENT TEMPERATURE
Forward Current IF (mA)
TURN-OFF TIME vs. FORWARD CURRENT
Normalized to 1.0
at TA = 25 ˚C,
IF = 10 mA,
VO = 5 V
Ambient Temperature TA (˚C)
NORMALIZED TURN-ON TIME vs.
AMBIENT TEMPERATURE
0.5
1.5
2.0
3.0
1.0
2.5
0.0
100
75
50
25
–25
0
N.C.
N.O.
30
25
20
15
10
5
0.5
1.5
2.0
3.0
1.0
2.5
0
N.C.
N.O.
VO = 5 V
30
25
20
15
10
5
0.2
0.6
0.8
1.2
0.4
1.0
0
N.C.
N.O.
VO = 5 V
100
0
–25
25
50
75
2.5
3.0
0.0
2.0
1.5
1.0
0.5
N.C.
N.O.
100
0
–25
25
50
75
2.5
3.0
0.0
2.0
1.5
1.0
0.5
N.C.
N.O.


Similar Part No. - PS7142L-1C-E4

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS7142L-1C-E4 CEL-PS7142L-1C-E4 Datasheet
54Kb / 7P
   8 PIN DIP 400 V BREAKDOWN VOLTAGE, TRANSFER TYPE 2-CH OPTICAL COUPLED MOSFET
More results

Similar Description - PS7142L-1C-E4

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS7142-1C RENESAS-PS7142-1C Datasheet
263Kb / 16P
   8-PIN DIP, 400 V BREAK DOWN VOLTAGE TRANSFER TYPE 2-ch Optical Coupled MOS FET
April 1st, 2010
logo
California Eastern Labs
PS7141-1C CEL-PS7141-1C Datasheet
368Kb / 12P
   8-PIN DIP, 400 V BREAK DOWN VOLTAGE, TRANSFER TYPE 2-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7141-1C RENESAS-PS7141-1C Datasheet
264Kb / 16P
   8-PIN DIP, 400 V BREAK DOWN VOLTAGE TRANSFER TYPE 2-ch Optical Coupled MOS FET
April 1st, 2010
logo
California Eastern Labs
PS7142-2A CEL-PS7142-2A Datasheet
339Kb / 11P
   8-PIN DIP, 400 V BREAK DOWN VOLTAGE 2-ch Optical Coupled MOS FET
PS7141-2A CEL-PS7141-2A Datasheet
345Kb / 10P
   8-PIN DIP, 400 V BREAK DOWN VOLTAGE 2-ch Optical Coupled MOS FET
logo
NEC
PS7241-1C NEC-PS7241-1C_1 Datasheet
103Kb / 13P
   8-PIN SOP, 400 V BREAK DOWN VOLTAGE TRANSFER TYPE 2-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7122A-1C RENESAS-PS7122A-1C Datasheet
263Kb / 16P
   8-PIN DIP, 250 V BREAK DOWN VOLTAGE TRANSFER TYPE 2-ch Optical Coupled MOS FET
April 1st, 2010
logo
NEC
PS7122A-1C NEC-PS7122A-1C Datasheet
74Kb / 12P
   8-PIN DIP, 250 V BREAK DOWN VOLTAGE, TRANSFER TYPE 2-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7241-1C RENESAS-PS7241-1C Datasheet
258Kb / 15P
   8-PIN SOP, 400 V BREAK DOWN VOLTAGE TRANSFER TYPE 2-ch Optical Coupled MOS FET
April 1st, 2010
logo
NEC
PS7141E-2A NEC-PS7141E-2A Datasheet
104Kb / 13P
   8-PIN DIP, 400 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 2-ch Optical Coupled MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com