Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT27C040 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT27C040
Description  Low-power CMOS operation
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT27C040 Datasheet(HTML) 2 Page - ATMEL Corporation

  AT27C040_14 Datasheet HTML 1Page - ATMEL Corporation AT27C040_14 Datasheet HTML 2Page - ATMEL Corporation AT27C040_14 Datasheet HTML 3Page - ATMEL Corporation AT27C040_14 Datasheet HTML 4Page - ATMEL Corporation AT27C040_14 Datasheet HTML 5Page - ATMEL Corporation AT27C040_14 Datasheet HTML 6Page - ATMEL Corporation AT27C040_14 Datasheet HTML 7Page - ATMEL Corporation AT27C040_14 Datasheet HTML 8Page - ATMEL Corporation AT27C040_14 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
Atmel AT27C040 [DATASHEET]
0189J–EPROM–10/2012
2.
Pin Configurations and Pinouts
3.
Switching Considerations
Switching between active and standby conditions via the Chip Enable (CE) pin may produce transient voltage
excursions. Unless accommodated by the system design, these transients may exceed datasheet limits, resulting in
device nonconformance. At a minimum, a 0.1μF, high-frequency, low inherent inductance, ceramic capacitor should be
utilized for each device. This capacitor should be connected between the VCC and ground terminals of the device — as
close to the device as possible. Additionally, to stabilize the supply voltage level on printed circuit boards with large
EPROM arrays, a 4.7μF bulk electrolytic capacitor should be utilized, again connected between the VCC and ground
terminals. This capacitor should be positioned as close as possible to the point where the power supply is connected to
the array.
4.
Block Diagram
Pin
Name
Function
VPP
Peak to Peak Voltage
A0 - A18
Address Inputs
O0 - O7
Outputs
GND
Ground
CE
Chip Enable
OE
Output Enable
VCC
Device Power Supply
5
6
7
8
9
10
11
12
13
29
28
27
26
25
24
23
22
21
A7
A6
A5
A4
A3
A2
A1
A0
O0
A14
A13
A8
A9
A11
OE
A10
CE
O7
32-lead PLCC
Top view
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
VPP
A16
A15
A12
A7
A6
A5
A4
A3
A2
A1
A0
O0
O1
O2
GND
VCC
A18
A17
A14
A13
A8
A9
A11
OE
A10
CE
O7
O6
O5
O4
O3
32-lead PDIP
Top view
VCC
GND
VPP
A0 – A18
Address
Inputs
OE
CE
OE, CE, and
Program Logic
Y Decoder
X Decoder
Data Outputs
O0 – O7
Output
Buffers
Y-Gating
Cell Matrix
Identification


Similar Part No. - AT27C040_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C040-12 ATMEL-AT27C040-12 Datasheet
194Kb / 13P
   4-Megabit 512K x 8 OTP EPROM
AT27C040-12JC ATMEL-AT27C040-12JC Datasheet
194Kb / 13P
   4-Megabit 512K x 8 OTP EPROM
AT27C040-12JI ATMEL-AT27C040-12JI Datasheet
194Kb / 13P
   4-Megabit 512K x 8 OTP EPROM
AT27C040-12PC ATMEL-AT27C040-12PC Datasheet
194Kb / 13P
   4-Megabit 512K x 8 OTP EPROM
AT27C040-12PI ATMEL-AT27C040-12PI Datasheet
194Kb / 13P
   4-Megabit 512K x 8 OTP EPROM
More results

Similar Description - AT27C040_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C512R ATMEL-AT27C512R_14 Datasheet
801Kb / 13P
   Low-power CMOS operation
AT27C2048 ATMEL-AT27C2048_14 Datasheet
783Kb / 12P
   Low-power CMOS operation
AT27C010 ATMEL-AT27C010_14 Datasheet
790Kb / 13P
   Low-power CMOS operation
AT27C1024 ATMEL-AT27C1024_14 Datasheet
805Kb / 13P
   Low-power CMOS operation
AT27C516 ATMEL-AT27C516_14 Datasheet
354Kb / 13P
   Low Power CMOS Operation
AT27C256R ATMEL-AT27C256R_14 Datasheet
889Kb / 13P
   Low-power CMOS operation
AT27C4096 ATMEL-AT27C4096_14 Datasheet
797Kb / 13P
   Low-power CMOS operation
AT27C020 ATMEL-AT27C020_14 Datasheet
843Kb / 14P
   Low-power CMOS operation
AT27C080 ATMEL-AT27C080_14 Datasheet
792Kb / 13P
   Low-power CMOS operation
logo
CML Microcircuits
CMX631A CMLMICRO-CMX631A Datasheet
305Kb / 16P
   Low Power Operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com