Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

782XDX1CT-120A Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 782XDX1CT-120A
Description  700 SERIES ICE CUBE POWER RELAYS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

782XDX1CT-120A Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  782XDX1CT-120A Datasheet HTML 1Page - List of Unclassifed Manufacturers 782XDX1CT-120A Datasheet HTML 2Page - List of Unclassifed Manufacturers 782XDX1CT-120A Datasheet HTML 3Page - List of Unclassifed Manufacturers 782XDX1CT-120A Datasheet HTML 4Page - List of Unclassifed Manufacturers 782XDX1CT-120A Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
1...13
9/04
GENER
GENERAL SPECIFIC
AL SPECIFICAATIONS (@
TIONS (@ 25
25ºC
ºC))
85
80
10
10
110
15
0.9
0.7
Class B (130 ºC)
2.55
2.3
Continuous
Silver alloy,
gold flashed
15
277
15 / 0.5
28 / 220
10 @ 240
1/2 @ 120 V
1 @ 250 V
B300
AC15
3600
360
100 @ 5 VDC
or 0.5 W
20
20
2500
1500
100 @ 500
10-55 Hz, 6 g’s,1mm
double amplitude
10
-40
+70
-40
+70
-40
+105
15 A: 100,000
20 A: 50,000
10,000,000
Any
Molded plastic
Polycarbonate
40
0.187, 0.1, 0.08 x 0.020
(4.47, 2.54, 2.03 x 0.508)
29
COIL
COIL
Pull-in Voltage AC (50/60 Hz):<
Pull-in Voltage DC:<
Dropout Voltage AC (50/60 Hz):>
Dropout Voltage DC:>
Maximum Voltage:
Resistance:
Coil Power AC (60 Hz):
Coil Power DC:
Insulation System Per UL Standard 1446:
Maximum Coil Dissipation, AC (60 Hz):
Maximum Coil Dissipation, DC:
Duty:
CONT
CONTA
ACTS
CTS
Contact Material:
Contact Rating AC Amperes (AC1):
Contact Rating AC Voltage:
Contact Rating DC Amperes (DC1):
Contact Rating DC Voltage:
General Purpose Rating (75%-80% pf):
Horse Power (AC):
Horse Power (AC):
Pilot Duty (60 Hz):
Utilization Category:
VA Rating Make:
VA Rating Break:
Minimum Recommended Load:
TIMING
Operate Time:
Release Time:
DIELECTRIC S
DIELECTRIC STRENGTH
TRENGTH
Coil to Contacts:
Across Open Contacts:
Pole to Pole:
Insulation Resistance:
VIBR
VIBRA
ATION RESIS
TION RESISTTANCE
ANCE
Functional:
SHOCK RESIS
SHOCK RESISTTANCE
ANCE
Functional:
TEMPER
TEMPERA
ATURE
TURE
Operating, AC Lower:
Operating, AC Upper:
Operating, DC Lower:
Operating, DC Upper:
Storage, Lower:
Storage, Upper:
LIFE EXPECT
LIFE EXPECTANC
ANCY
Y
Electrical @ Rated Load (AC1):
Mechanical @ no Load :
MISCELLANEOUS
Operating Position:
Insulation Material:
Enclosure Material:
Cover Protection Category:
Terminals:
Weight:
UNITS
UNITS
% of nominal
% of nominal
% of nominal
% of nominal
% of nominal
% ±
VA
W
VA
W
A
V
A
V
A @ V
HP
HP
IEC
VA
VA
ma
ms
ms
V rms
V rms
V rms
megohms
minimum @ VDC
g’s
g’s
ºC
ºC
ºC
ºC
ºC
ºC
operations
operations
94V-0
94V-0
IP
Inch (mm)
grams
781XAX
781XAX
782XAX
782XAX
783
783
784
784
782XBX
782XBX
85
80
10
10
110
15
1.2
0.9
Class B (130 ºC)
2.55
2.3
Continuous
Silver alloy,
gold flashed
20
277
20 / 0.5
28 / 220
1/2 @ 120 V
1 @ 250 V
B300
AC15
3600
360
100 @ 5 VDC
or 0.5 W
20
20
2500
1500
100 @ 500
10-55 Hz, 6g’s 1mm
double amplitude
10
-40
+70
-40
+70
-40
+105
100,000
10,000,000
Any
Molded plastic
Polycarbonate
40
0.187, 0.08 x 0.020
(4.47, 2.03 x 0.508)
36
85
80
10
10
110
15
1.2
0.9
Class B (130 ºC)
2.55
2.3
Continuous
Silver alloy,
gold flashed
15 / 12
120 / 277
12 / 0.5
28 / 220
1/2 @ 120 V
1 @ 250 V
B300
AC15
3600
360
100 @ 5 VDC
or 0.5 W
25
20
2500
1000
2500
100 @ 500
10-55 Hz, 6g’s 1mm
double amplitude
10
-40
+70
-40
+70
-40
+105
200,000
10,000,000
Any
Molded plastic
Polycarbonate
40
0.187, 0.08 x 0.020
(4.47, 2.03 x 0.508)
36
85
80
10
10
110
15
1.5
2
Class B (130 ºC)
3
2.3
Continuous
Silver alloy,
gold flashed
15 / 12
120 / 277
15 / 0.5
28 / 220
1/2 @ 120 V
3/4 @ 250 V
B300
AC15
3600
360
100 @ 5 VDC
or 0.5 W
20
20
2500
1000
2500
100 @ 500
10-55 Hz, 6g’s1mm
double amplitude
10
-40
+70
-40
+70
-40
+105
150,000
10,000,000
Any
Molded plastic
Polycarbonate
40
0.187, 0.08 x 0.020
(4.47, 2.03 x 0.508)
80
85
80
10
10
110
15
1.5
1.7
Class B (130 ºC)
3
3.4
Continuous
Silver alloy,
gold flashed
15 / 12
120 / 277
15/ 0.5
28 / 220
1/2 @ 120 V
3/4 @ 250 V
B300
AC15
3600
360
100 @ 5 VDC
or 0.5 W
25
20
2500
1000
2500
100 @ 500
10-55 Hz, 6g’s 1mm
double amplitude
10
-40
+70
-40
+70
-40
+105
150,000
10,000,000
Any
Molded plastic
Polycarbonate
40
0.187, 0.08 x 0.020
(4.47, 2.03 x 0.508)
60
PHONE: (843) 393-5778 FAX: (843) 393-4123 EMAIL: info@magnecraft.com
700 SERIES “ICE CUBE” POWER RELAYS


Similar Part No. - 782XDX1CT-120A

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
782XDXH10-110D SCHNEIDER-782XDXH10-110D Datasheet
102Kb / 4P
   Hermetically sealed plug-in relays, SE Relays, 3A, 4 CO, 110VDC
782XDXH10-120A SCHNEIDER-782XDXH10-120A Datasheet
102Kb / 4P
   Hermetically sealed plug-in relays, SE Relays, 3A, 4 CO, 120VAC
782XDXH10-12D SCHNEIDER-782XDXH10-12D Datasheet
102Kb / 4P
   Hermetically sealed plug-in relays, SE Relays, 3A, 4 CO, 12VDC
782XDXH10-240A SCHNEIDER-782XDXH10-240A Datasheet
102Kb / 4P
   Hermetically sealed plug-in relays, SE Relays, 3A, 4 CO, 240VAC
782XDXH10-24A SCHNEIDER-782XDXH10-24A Datasheet
102Kb / 4P
   Hermetically sealed plug-in relays, SE Relays, 3A, 4 CO, 24VAC
More results

Similar Description - 782XDX1CT-120A

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
781XAXRM4L-24D SCHNEIDER-781XAXRM4L-24D Datasheet
167Kb / 3P
   ICE CUBE RELAYS
logo
OEN India Limited
37D-2-12-SLDT OENINDIA-37D-2-12-SLDT Datasheet
117Kb / 2P
   ICE CUBE STYLE INDUSTRIAL RELAY
37A-4-12-SL OENINDIA-37A-4-12-SL Datasheet
93Kb / 1P
   ICE CUBE STYLE INDUSTRIAL RELAY
logo
Vishay Siliconix
NTCASRFE3C90406 VISHAY-NTCASRFE3C90406_17 Datasheet
92Kb / 3P
   NTC Thermistors, Ice Cube Sensors
Revision: 24-Mar-17
logo
OEN India Limited
38A-2-12-SL OENINDIA-38A-2-12-SL Datasheet
91Kb / 1P
   ICE CUBE STYLE INDUSTRIAL RELAY
logo
Vishay Siliconix
NTCASRFE3C90406 VISHAY-NTCASRFE3C90406_V01 Datasheet
89Kb / 3P
   NTC Thermistors, Ice Cube Sensors
01-Jan-2022
NTCASRFE3C90406 VISHAY-NTCASRFE3C90406 Datasheet
89Kb / 3P
   NTC Thermistors, Ice Cube Sensors
Revision: 09-May-11
logo
Tyco Electronics
710X MACOM-710X Datasheet
83Kb / 1P
   WILMAR??Protective Relays - 700 Series
logo
PREMO CORPORATION S.L
PB2016-1R7 PREMO-PB2016-1R7 Datasheet
137Kb / 1P
   POWER CUBE
logo
Motorola, Inc
MPM3003 MOTOROLA-MPM3003 Datasheet
818Kb / 12P
   ICE PAK POWER MODULE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com