Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H7806BJ Datasheet(PDF) 2 Page - Hi-Sincerity Mocroelectronics

Part # H7806BJ
Description  3-TERMINAL POSITIVE VOLTAGE REGULATOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

H7806BJ Datasheet(HTML) 2 Page - Hi-Sincerity Mocroelectronics

  H7806BJ Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics H7806BJ Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics H7806BJ Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HJ200207
Issued Date : 1998.08.01
Revised Date : 2002.08.09
Page No. : 2/3
H7806AJ, H7806BJ
HSMC Product Specification
Electrical Characteristics
Vin=11V, Io=500mA, 0
°C≤Tj≤125°C (unless otherwise noted)
H7806AJ
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Tj=25
°C
5.82
6
6.18
Vo
Output Voltage
PD
≤15W, 5mA≤Io≤1A
5.82
6
6.18
V
Tj=25
°C, 8V≤Vin≤21V
-4
60
∆Vo
Line Regulation
Tj=25
°C, 9V≤Vin≤21V
-1.6
25
mV
5mA
≤Io≤1A
-
-
100
∆Vo
Load Regulation
250mA
≤Io≤750mA
--
50
mV
IQ
Quiescent Current
Io
≤1A, Tj=25°C
-5.5
8
mA
5mA
≤Io≤1A
--
0.5
∆IQ
Quiescent Current
Change
9V
≤Vin≤25V
--
1.3
mA
Vn
Output Noise Voltage
Ta=25
°C, 10Hz≤f≤100KHz
-
-
200
uV
RR
Ripple Rejection
9V
≤Vin≤19V, f=120Hz
-68
-
dB
VD
Dropout Voltage
Tj=25
°C, Io=1A
-2
-
V
Isc
Short Circuit Current
Tj=25
°C
-1.5
-
A
Ipk
Peak Output Current
Tj=25
°C
1.7
-
-
A
∆Vo / ∆T
Average Tc of Vout
0
°C≤Tj≤+125°C, Io=5mA
--0.8-
mV/
°C
H7806BJ
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Tj=25
°C
5.75
6
6.25
Vo
Output Voltage
PD
≤15W, 5mA≤Io≤1A
5.75
6
6.25
V
Tj=25
°C, 8V≤Vin≤21V
-
5
120
∆Vo
Line Regulation
Tj=25
°C, 9V≤Vin≤21V
-2
60
mV
5mA
≤Io≤1A
-
-
120
∆Vo
Load Regulation
250mA
≤Io≤750mA
--
60
mV
IQ
Quiescent Current
Io
≤1A, Tj=25°C
-5.5
8
mA
5mA
≤Io≤1A
--
0.5
∆IQ
Quiescent Current
Change
9V
≤Vin≤25V
--
1.3
mA
Vn
Output Noise Voltage
Ta=25
°C, 10Hz≤f≤100KHz
-
-
300
uV
RR
Ripple Rejection
9V
≤Vin≤19V, f=120Hz
62
73
-
dB
VD
Dropout Voltage
Tj=25
°C, Io=1A
-2.5
-
V
Isc
Short Circuit Current
Tj=25
°C
-1.5
-
A
Ipk
Peak Output Current
Tj=25
°C
1.7
-
-
A
∆Vo / ∆T
Average Tc of Vout
0
°C≤Tj≤+125°C, Io=5mA
--0.8-
mV/
°C


Similar Part No. - H7806BJ

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
H7806BJ HSMC-H7806BJ Datasheet
142Kb / 12P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
More results

Similar Description - H7806BJ

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
H7805AE HSMC-H7805AE Datasheet
35Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
H7809AI HSMC-H7809AI Datasheet
37Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
H7809AJ HSMC-H7809AJ Datasheet
33Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Micro Electronics
ML7800 MICRO-ELECTRONICS-ML7800 Datasheet
431Kb / 11P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
List of Unclassifed Man...
GM78L12 ETC2-GM78L12 Datasheet
196Kb / 2P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Continental Device Indi...
CL7824DT CDIL-CL7824DT Datasheet
338Kb / 5P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
SeCoS Halbleitertechnol...
SJ78M15 SECOS-SJ78M15 Datasheet
84Kb / 2P
   3-Terminal Positive Voltage Regulator
logo
SEMTECH ELECTRONICS LTD...
78L05U SEMTECH_ELEC-78L05U Datasheet
223Kb / 2P
   3-Terminal Positive Voltage Regulator
logo
Cystech Electonics Corp...
PL7812XE3 CYSTEKEC-PL7812XE3 Datasheet
108Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
PL7818XE3 CYSTEKEC-PL7818XE3 Datasheet
108Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Hi-Sincerity Mocroelect...
H7812AA HSMC-H7812AA Datasheet
38Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com