Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC3149_2014 Datasheet(PDF) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # 2SC3149_2014
Description  Silicon NPN Power Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

2SC3149_2014 Datasheet(HTML) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  2SC3149_2014 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. 2SC3149_2014 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. 2SC3149_2014 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. 2SC3149_2014 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Product Specification
www.jmnic.com
2
Silicon NPN Power Transistors
2SC3149
CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
V(BR)CEO
Collector-emitter breakdown voltage
IC=5mA ; RBE=∞
800
V
V(BR)CBO
Collector-base breakdown voltage
IC=1mA ; IE=0
900
V
V(BR)EBO
Emitter-base breakdown voltage
IE=1mA ; IB=0
7
V
VCEsat
Collector-emitter saturation voltage
IC=0.75A; IB=0.15A
2.0
V
VBEsat
Base-emitter saturation voltage
IC=0.75A; IB=0.15A
1.5
V
ICBO
Collector cut-off current
VCB=800V ;IE=0
10
μA
IEBO
Emitter cut-off current
VEB=5V; IC=0
10
μA
hFE-1
DC current gain
IC=0.1A ; VCE=5V
10
40
hFE-2
DC current gain
IC=0.5A ; VCE=5V
8
fT
Transition frequency
IC=0.1A ; VCE=10V
15
MHz
COB
Output capacitance
f=10MHz ; VCB=10V
30
pF
Switching times
ton
Turn-on time
1.0
μs
tstg
Storage time
3.0
μs
tf
Fall time
VCC=400V; IC=1A
IB1=0.2A;IB2=-0.4A;
RL=400Ω
0.7
μs
hFE-1 classifications
K
L
M
10-20
15-30
20-40


Similar Part No. - 2SC3149_2014

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SC3149-T60-K UTC-2SC3149-T60-K Datasheet
130Kb / 2P
   NPN TEANSISTOR
2SC3149G-T60-K UTC-2SC3149G-T60-K Datasheet
130Kb / 2P
   NPN TEANSISTOR
2SC3149G-T60-K UTC-2SC3149G-T60-K Datasheet
143Kb / 2P
   NPN TRANSISTOR
2SC3149G-T60-K UTC-2SC3149G-T60-K Datasheet
143Kb / 2P
   NPN TRANSISTOR
2SC3149L-T60-K UTC-2SC3149L-T60-K Datasheet
130Kb / 2P
   NPN TEANSISTOR
More results

Similar Description - 2SC3149_2014

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJ8504 MOTOROLA-MJ8504 Datasheet
416Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Texas Instruments
TIPL751 TI-TIPL751 Datasheet
224Kb / 7P
[Old version datasheet]   NPN SILICON POWER TRANSISTORS
logo
Transys Electronics
TIPL765 TRSYS-TIPL765 Datasheet
805Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Siemens Semiconductor G...
BU208 SIEMENS-BU208 Datasheet
100Kb / 4P
   NPN SILICON POWER TRANSISTORS
BUX80 SIEMENS-BUX80 Datasheet
117Kb / 5P
   NPN SILICON POWER TRANSISTORS
BUX84 SIEMENS-BUX84 Datasheet
106Kb / 5P
   NPN SILICON POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N6676 BOCA-2N6676 Datasheet
144Kb / 3P
   NPN SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP47 ONSEMI-TIP47 Datasheet
199Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995 REV 1
2N5301 ONSEMI-2N5301 Datasheet
251Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995
2N5655 ONSEMI-2N5655 Datasheet
176Kb / 4P
   POWER TRANSISTORS NPN SILICON
April, 2002 ??Rev. 7
2N6338 ONSEMI-2N6338 Datasheet
155Kb / 4P
   POWER TRANSISTORS NPN SILICON
May, 2001 ??Rev. 10
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com