Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

782XAXC-12D Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # 782XAXC-12D
Description  700 SERIES ICE CUBE POWER RELAYS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

782XAXC-12D Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  782XAXC-12D Datasheet HTML 1Page - List of Unclassifed Manufacturers 782XAXC-12D Datasheet HTML 2Page - List of Unclassifed Manufacturers 782XAXC-12D Datasheet HTML 3Page - List of Unclassifed Manufacturers 782XAXC-12D Datasheet HTML 4Page - List of Unclassifed Manufacturers 782XAXC-12D Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
782 - 2 & 4 POLE “ICE CUBE” CONTROL RELAY
PHONE: (843) 393-5778 FAX: (843) 393-4123 EMAIL: info@magnecraft.com
Mating Sockets
70-461-1, SCREW/DIN
70-378-1: SOLDER
70-379-1: PRINTED CIRCUIT
See section 7
782XDX3M4L-24A
782XDX3M4L-120A
782XDX3M4L-220/230A
782XDX3M4L-240A
782XDX3M4L-12D
782XDX3M4L-24D
782XDX3M4L-110D
782XDX1M4L-24A
782XDX1M4L-120A
782XDX1M4L-220/230A
782XDX1M4L-240A
782XDX1M4L-12D
782XDX1M4L-24D
782XDX1M4L-110D
782XDX2M4L-24A
782XDX2M4L-120A
782XDX2M4L-220/230A
782XDX2M4L-240A
782XDX2M4L-12D
782XDX2M4L-24D
782XDX2M4L-110D
46 W
180 W
4,430 W
15,000 W
15,700 W
160 W
650 W
11,000 W
46 W
180 W
4,430 W
15,000 W
15,700 W
160 W
650 W
11,000 W
180 W
4,430 W
15,000 W
15,700 W
160 W
650 W
11,000 W
180 W
4430 W
15700 W
160 W
11,000 W
COIL MEASURED
@ 25 ºC
NOMINAL
INPUT
VOLTAGE
NOMINAL
RESISTANCE
(OHMS)
STANDARD PART NUMBERS
PLAIN COVER
WITH FLAG
W78ATCSX-2
W78ATCSX-3
W78ATCSX-5
W78ATCSX-6
W78TCSX-1
W78TCSX-2
W78TCSX-3
W78TCSX-5
W78ACSX-2
W78ACSX-3
W78ACSX-5
W78ACSX-6
W78CSX-1
W78CSX-2
W78CSX-3
W78CSX-6
W78KACSX-15
W78KACSX-17
W78KACSX-18
W78KCSX-12
W78KCSX-13
W78APCX-3
W78APCX-5
W78PCX-2
W78PCX-3
W78PCX-6
12 VAC, 50/60 Hz
24 VAC, 50/60 Hz
110/120 VAC, 50/60 Hz
220/230 VAC, 50/60 Hz
240 VAC, 50/60 Hz
6 VDC
12 VDC
24 VDC
110/125 VDC
12 VAC, 50/60 Hz
24 VAC, 50/60 Hz
110/120 VAC, 50/60 Hz
220/230 VAC, 50/60 Hz
240 VAC, 50/60 Hz
6 VDC
12 VDC
24 VDC
110/125 VDC
24 VAC, 50/60 Hz
110/120 VAC, 50/60 Hz
220/230 VAC, 50/60 Hz
240 VAC, 50/60 Hz
12 VDC
24 VDC
110/125 VDC
24 VAC, 50/60 Hz
110/120 VAC, 50/60 Hz
12 VDC
24 VDC
110/125 VDC
782XDX3C-12A
782XDX3C-24A
782XDX3C-120A
782XDX3C-220/230A
782XDX3C-240A
782XDX3C-6D
782XDX3C-12D
782XDX3C-24D
782XDX3C-110D
782XDX1C-12A
782XDX1C-24A
782XDX1C-120A
782XDX1C-220/230A
782XDX1C-240A
782XDX1C-6D
782XDX1C-12D
782XDX1C-24D
782XDX1C-110D
782XDX2C-24A
782XDX2C-120A
782XDX2C-220/230A
782XDX2C-240A
782XDX2C-12D
782XDX2C-24D
782XDX2C-110D
782XDX3CT-24A
782XDX3CT-120A
782XDX3CT-12D
782XDX3CT-24D
782XDX3CT-110D
HERMETICALLY
SEALED
782XBX3M4L-24A
782XBX3M4L-120A
782XBX3M4L-220/230A
782XBX3M4L-240A
782XBX3M4L-12D
782XBX3M4L-24D
782XBX3M4L-110D
782XBX2M4L-24A
782XBX2M4L-120A
782XBX2M4L-220/230A
782XBX2M4L-240A
782XBX2M4L-12D
782XBX2M4L-24D
782XBX2M4L-110D
FULL
FEATURED
SOLDER/PLUG -IN, CONTACTS 3 AMP
SOLDER/PLUG -IN, CONTACTS 10 AMP
PRINTED CIRCUIT BIFURCATED CONTACTS 3 AMP
4PDT
DPDT
FULL
FEATURED
SOLDER/PLUG -IN, BIFURCATED CONTACTS 3 AMP
NEW PART NUMBER
SUPERCEDES
NOTE:CLASS 782C IS AN ENHANCED VERSION OFTHE 78,IT HAS SUPERIOR
RATINGS, A FLAG INDICATOR, & DISPLAYS BOTH PART NUMBERS.
DIN ADAPTER
16-782C
FLANGE ADAPTER
16-782C1
OPTIONAL ADAPTERS
ORDERED SEPARATELY
782XDXH10-24A
782XDXH10-120A
782XDXH10-12D
782XDXH10-24D
782XDXH10-110D
782XDXH21-120A
782XDXH21-12D
782XDXH21-24D
DPDT & 4PDT, 1, 3, 5 & 10 AMPS
1...23
9/04
DUAL MARKED


Similar Part No. - 782XAXC-12D

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
782XBXC-110D SCHNEIDER-782XBXC-110D Datasheet
188Kb / 4P
   Power relay, SE Relays, 15A, DPDT, 110 VDC, clear cover
782XBXC-120A SCHNEIDER-782XBXC-120A Datasheet
195Kb / 4P
   Power relay, SE Relays, 15A, DPDT, 120 VAC, clear cover
782XBXC-12A SCHNEIDER-782XBXC-12A Datasheet
188Kb / 4P
   Power relay, SE Relays, 15A, DPDT, 12 VAC, clear cover
Jul 22, 2021
782XBXC-12D SCHNEIDER-782XBXC-12D Datasheet
201Kb / 4P
   Power relay, SE Relays, 15A, DPDT, 12 VDC, clear cover
782XBXC-240A SCHNEIDER-782XBXC-240A Datasheet
198Kb / 4P
   Power relay, SE Relays, 15A, DPDT, 240 VAC, clear cover
More results

Similar Description - 782XAXC-12D

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
781XAXRM4L-24D SCHNEIDER-781XAXRM4L-24D Datasheet
167Kb / 3P
   ICE CUBE RELAYS
logo
OEN India Limited
37D-2-12-SLDT OENINDIA-37D-2-12-SLDT Datasheet
117Kb / 2P
   ICE CUBE STYLE INDUSTRIAL RELAY
37A-4-12-SL OENINDIA-37A-4-12-SL Datasheet
93Kb / 1P
   ICE CUBE STYLE INDUSTRIAL RELAY
logo
Vishay Siliconix
NTCASRFE3C90406 VISHAY-NTCASRFE3C90406_17 Datasheet
92Kb / 3P
   NTC Thermistors, Ice Cube Sensors
Revision: 24-Mar-17
logo
OEN India Limited
38A-2-12-SL OENINDIA-38A-2-12-SL Datasheet
91Kb / 1P
   ICE CUBE STYLE INDUSTRIAL RELAY
logo
Vishay Siliconix
NTCASRFE3C90406 VISHAY-NTCASRFE3C90406_V01 Datasheet
89Kb / 3P
   NTC Thermistors, Ice Cube Sensors
01-Jan-2022
NTCASRFE3C90406 VISHAY-NTCASRFE3C90406 Datasheet
89Kb / 3P
   NTC Thermistors, Ice Cube Sensors
Revision: 09-May-11
logo
Tyco Electronics
710X MACOM-710X Datasheet
83Kb / 1P
   WILMAR??Protective Relays - 700 Series
logo
PREMO CORPORATION S.L
PB2016-1R7 PREMO-PB2016-1R7 Datasheet
137Kb / 1P
   POWER CUBE
logo
Motorola, Inc
MPM3003 MOTOROLA-MPM3003 Datasheet
818Kb / 12P
   ICE PAK POWER MODULE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com