Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS7160L-2A Datasheet(PDF) 6 Page - NEC

Part # PS7160L-2A
Description  8-PIN DIP, 600 V BREAK DOWN VOLTAGE 2-ch Optical Coupled MOS FET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS7160L-2A Datasheet(HTML) 6 Page - NEC

  PS7160L-2A Datasheet HTML 1Page - NEC PS7160L-2A Datasheet HTML 2Page - NEC PS7160L-2A Datasheet HTML 3Page - NEC PS7160L-2A Datasheet HTML 4Page - NEC PS7160L-2A Datasheet HTML 5Page - NEC PS7160L-2A Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
RECOMMENDED SOLDERING CONDITIONS
(1) Infrared reflow soldering
• Peak reflow temperature
235
°C or below (package surface temperature)
• Time of temperature higher than 210
°C
30 seconds or less
• Number of reflows
Two
• Flux
Rosin flux containing small amount of chlorine
(The flux with a maximum chlorine content of 0.2 Wt % is recommended.)
Recommended Temperature Profile of Infrared Reflow
(2) Dip soldering
• Temperature
260
°C or below (molten solder temperature)
• Time
10 seconds or less
• Number of times
One
• Flux
Rosin flux containing small amount of chlorine
(The flux with a maximum chlorine content of 0.2 Wt % is recommended.)
(3) Cautions
• Fluxes
Avoid removing the residual flux with freon-based cleaning solvent.
Time (s)
100 to 160 ˚C
60 to 120 s
(preheating)
(heating)
to 10 s
to 30 s
235 ˚C (peak temperature)
210 ˚C
PS7160-2A, PS7160L-2A
EXCLUSIVE NORTH AMERICAN AGENT FOR
RF, MICROWAVE & OPTOELECTRONIC SEMICONDUCTORS
CALIFORNIA EASTERN LABORATORIES • Headquarters • 4590 Patrick Henry Drive • Santa Clara, CA 95054-1817 • (408) 988-3500 • Telex 34-6393 • FAX (408) 988-0279
24-Hour Fax-On-Demand: 800-390-3232 (U.S. and Canada only) • Internet: http://WWW.CEL.COM
07/29/2001
DATA SUBJECT TO CHANGE WITHOUT NOTICE


Similar Part No. - PS7160L-2A

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS7160L-2A CEL-PS7160L-2A Datasheet
341Kb / 11P
   8-PIN DIP, 600V BREAK DOWN VOLTAGE 2-cH Optical Coupled MOSFET
logo
Renesas Technology Corp
PS7160L-2A RENESAS-PS7160L-2A Datasheet
221Kb / 15P
   8-PIN DIP, 600 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE
PS7160L-2A RENESAS-PS7160L-2A Datasheet
228Kb / 15P
   8-PIN DIP, 600 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 2-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7160L-2A-A CEL-PS7160L-2A-A Datasheet
341Kb / 11P
   8-PIN DIP, 600V BREAK DOWN VOLTAGE 2-cH Optical Coupled MOSFET
PS7160L-2A-E3 CEL-PS7160L-2A-E3 Datasheet
341Kb / 11P
   8-PIN DIP, 600V BREAK DOWN VOLTAGE 2-cH Optical Coupled MOSFET
More results

Similar Description - PS7160L-2A

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS7142-2A CEL-PS7142-2A Datasheet
339Kb / 11P
   8-PIN DIP, 400 V BREAK DOWN VOLTAGE 2-ch Optical Coupled MOS FET
logo
NEC
PS7111-2A NEC-PS7111-2A Datasheet
71Kb / 12P
   8-PIN DIP, 100 V BREAK DOWN VOLTAGE 2-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7141-2A CEL-PS7141-2A Datasheet
345Kb / 10P
   8-PIN DIP, 400 V BREAK DOWN VOLTAGE 2-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7160-2A RENESAS-PS7160-2A_15 Datasheet
228Kb / 15P
   8-PIN DIP, 600 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 2-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7160-1A CEL-PS7160-1A Datasheet
350Kb / 11P
   6-PIN DIP, 600 V BREAK DOWN VOLTAGE 1-ch Optical Coupled MOS FET
logo
NEC
PS7122-1A NEC-PS7122-1A Datasheet
81Kb / 12P
   6, 8-PIN DIP, 200 V BREAK DOWN VOLTAGE 1-ch, 2-ch Optical Coupled MOS FET
PS7122A-1C NEC-PS7122A-1C Datasheet
74Kb / 12P
   8-PIN DIP, 250 V BREAK DOWN VOLTAGE, TRANSFER TYPE 2-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7141-1C CEL-PS7141-1C Datasheet
368Kb / 12P
   8-PIN DIP, 400 V BREAK DOWN VOLTAGE, TRANSFER TYPE 2-ch Optical Coupled MOS FET
logo
NEC
PS7142-1C NEC-PS7142-1C Datasheet
75Kb / 12P
   8-PIN DIP, 400 V BREAK DOWN VOLTAGE, TRANSFER TYPE 2-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7122A-1C RENESAS-PS7122A-1C Datasheet
263Kb / 16P
   8-PIN DIP, 250 V BREAK DOWN VOLTAGE TRANSFER TYPE 2-ch Optical Coupled MOS FET
April 1st, 2010
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com