Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS7122L-2A Datasheet(PDF) 8 Page - NEC

Part # PS7122L-2A
Description  6, 8-PIN DIP, 200 V BREAK DOWN VOLTAGE 1-ch, 2-ch Optical Coupled MOS FET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS7122L-2A Datasheet(HTML) 8 Page - NEC

Back Button PS7122L-2A Datasheet HTML 4Page - NEC PS7122L-2A Datasheet HTML 5Page - NEC PS7122L-2A Datasheet HTML 6Page - NEC PS7122L-2A Datasheet HTML 7Page - NEC PS7122L-2A Datasheet HTML 8Page - NEC PS7122L-2A Datasheet HTML 9Page - NEC PS7122L-2A Datasheet HTML 10Page - NEC PS7122L-2A Datasheet HTML 11Page - NEC PS7122L-2A Datasheet HTML 12Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Data Sheet P11555EJ6V1DS00
8
PS7122-1A,-2A,PS7122L-1A,-2A
NORMALIZED TURN-OFF TIME vs.
AMBIENT TEMPERATURE
Ambient Temperature TA (˚C)
–25
0
25
50
75
100
3.0
2.5
2.0
1.0
0.0
0.5
1.5
Normalized to 1.0
at TA = 25 ˚C,
IF = 10 mA,
VO = 5 V
NORMALIZED TURN-ON TIME vs.
AMBIENT TEMPERATURE
Ambient Temperature TA (˚C)
–25
0
25
50
75
100
3.0
2.5
2.0
1.0
0.0
0.5
1.5
Normalized to 1.0
at TA = 25 ˚C,
IF = 10 mA,
VO = 5 V
Remark The graphs indicate nominal characteristics.


Similar Part No. - PS7122L-2A

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS7122L-2A CEL-PS7122L-2A Datasheet
72Kb / 7P
   6 AND 8 PIN DIP, 200 V BREAK DOWN VOLTAGE 1-CH, 2-CH OPTICAL COUPLED MOSFET
PS7122L-2A-E3 CEL-PS7122L-2A-E3 Datasheet
72Kb / 7P
   6 AND 8 PIN DIP, 200 V BREAK DOWN VOLTAGE 1-CH, 2-CH OPTICAL COUPLED MOSFET
PS7122L-2A-E4 CEL-PS7122L-2A-E4 Datasheet
72Kb / 7P
   6 AND 8 PIN DIP, 200 V BREAK DOWN VOLTAGE 1-CH, 2-CH OPTICAL COUPLED MOSFET
More results

Similar Description - PS7122L-2A

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS71221 CEL-PS71221 Datasheet
72Kb / 7P
   6 AND 8 PIN DIP, 200 V BREAK DOWN VOLTAGE 1-CH, 2-CH OPTICAL COUPLED MOSFET
PS7160-1A CEL-PS7160-1A Datasheet
350Kb / 11P
   6-PIN DIP, 600 V BREAK DOWN VOLTAGE 1-ch Optical Coupled MOS FET
PS7142-1A CEL-PS7142-1A_06 Datasheet
465Kb / 11P
   6-PIN DIP 400 V BREAK DOWN VOLTAGE 1-CH OPTICAL COUPLED MOS FET
logo
NEC
PS7160-2A NEC-PS7160-2A Datasheet
72Kb / 6P
   8-PIN DIP, 600 V BREAK DOWN VOLTAGE 2-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7142-2A CEL-PS7142-2A Datasheet
339Kb / 11P
   8-PIN DIP, 400 V BREAK DOWN VOLTAGE 2-ch Optical Coupled MOS FET
PS7141E-1A CEL-PS7141E-1A Datasheet
348Kb / 12P
   6-PIN DIP, 400V BREAK DOWN VOLTAGE 1-ch Optical Coupled MOS FET
logo
NEC
PS7111-2A NEC-PS7111-2A Datasheet
71Kb / 12P
   8-PIN DIP, 100 V BREAK DOWN VOLTAGE 2-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7141-2A CEL-PS7141-2A Datasheet
345Kb / 10P
   8-PIN DIP, 400 V BREAK DOWN VOLTAGE 2-ch Optical Coupled MOS FET
PS7141-1A CEL-PS7141-1A Datasheet
356Kb / 11P
   6-PIN DIP, 400V BREAK DOWN VOLTAGE 1-ch Optical Coupled MOS FET
logo
NEC
PS7221-2A NEC-PS7221-2A Datasheet
69Kb / 12P
   8-PIN SOP 200 V BREAK DOWN VOLTAGE 2-ch Optical Coupled MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com