Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFBR2426T Datasheet(PDF) 9 Page - Agilent(Hewlett-Packard)

Part # HFBR2426T
Description  Low Cost, Miniature Fiber Optic Components with ST, SMA, SC and FC Ports
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HFBR2426T Datasheet(HTML) 9 Page - Agilent(Hewlett-Packard)

Back Button HFBR2426T Datasheet HTML 5Page - Agilent(Hewlett-Packard) HFBR2426T Datasheet HTML 6Page - Agilent(Hewlett-Packard) HFBR2426T Datasheet HTML 7Page - Agilent(Hewlett-Packard) HFBR2426T Datasheet HTML 8Page - Agilent(Hewlett-Packard) HFBR2426T Datasheet HTML 9Page - Agilent(Hewlett-Packard) HFBR2426T Datasheet HTML 10Page - Agilent(Hewlett-Packard) HFBR2426T Datasheet HTML 11Page - Agilent(Hewlett-Packard) HFBR2426T Datasheet HTML 12Page - Agilent(Hewlett-Packard) HFBR2426T Datasheet HTML 13Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
54
Options
In addition to the various port
styles available for the HFBR-
0400 series products, there are
also several extra options that
can be ordered. To order an
option, simply place the corre-
sponding option number at the
end of the part number. For
instance, a metal-port option SMA
receiver would be HFBR-2406M.
You can add any number of
options in series at the end of a
part number. Please contact your
local sales office for further
information or browse HP’s fiber
optics home page at http://
www.hp.com/go/fiber
Option T (Threaded Port
Option)
• Allows ST style port com-
ponents to be panel mounted.
• Compatible with all current
makes of ST multimode
connectors
• Mechanical dimensions are
compliant with MIL-STD-
83522/13
• Maximum wall thickness when
using nuts and washers from
the HFBR-4411 hardware kit is
2.8 mm (0.11 inch)
• Available on all ST ports
Option C (Conductive Port
Receiver Option)
• Designed to withstand electro-
static discharge (ESD) of 25kV
to the port
• Significantly reduces effect of
electromagnetic interference
(EMI) on receiver sensitivity
• Allows designer to separate the
signal and conductive port
grounds
• Recommended for use in noisy
environments
• Available on SMA and threaded
ST port style receivers only
Option M (Metal Port Option)
• Nickel plated aluminum con-
nector receptacle
• Designed to withstand electro-
static discharge (ESD) of 15kV
to the port
• Significantly reduces effect of
electromagnetic interference
(EMI) on receiver sensitivity
• Allows designer to separate the
signal and metal port grounds
• Recommended for use in very
noisy environments
• Available on SMA, FC, ST, and
threaded ST ports
Option K (Kinked Lead
Option)
• Grounded outside 4 leads are
“kinked”
• Allows components to stay
anchored in the PCB during
wave solder and aqueous wash
processes
Options TA, TB, HA, HB
(Active Device Mount
Options)
(These options are unrelated to
the threaded port option T.)
• All metal, panel mountable
package with a 3 or 4 pin
receptacle end
• Available for HFBR-14X4, 24X2
and 24X6 components
• Choose from diamond or
square pinout, straight or bent
leads ADM Picture
• TA = Square pinout/straight
leads
TB = Square pinout/bent leads
HA = Diamond pinout/straight
leads
HB = Diamond pinout/bent
leads
Duplex Option
In addition to the standard
options, some HFBR-0400 series
products come in a duplex con-
figuration with the transmitter on
the left and the receiver on the
right. This option was designed
for ergonomic and efficient
manufacturing. The following
part numbers are available in the
duplex option:
HFBR-5414 (Duplex ST)
HFBR-5414T (Duplex Threaded
ST)
HFBR-54E4 (Duplex SC)
45
36
27
36
27
18
45
18


Similar Part No. - HFBR2426T

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HFBR2521 HP-HFBR2521 Datasheet
438Kb / 19P
   Versatile Link The Versatile Fiber Optic Connection
HFBR2522 HP-HFBR2522 Datasheet
438Kb / 19P
   Versatile Link The Versatile Fiber Optic Connection
HFBR2523 HP-HFBR2523 Datasheet
438Kb / 19P
   Versatile Link The Versatile Fiber Optic Connection
HFBR2524 HP-HFBR2524 Datasheet
438Kb / 19P
   Versatile Link The Versatile Fiber Optic Connection
HFBR2525 HP-HFBR2525 Datasheet
438Kb / 19P
   Versatile Link The Versatile Fiber Optic Connection
More results

Similar Description - HFBR2426T

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HFBR-14XXZ BOARDCOM-HFBR-14XXZ Datasheet
391Kb / 25P
   Low-Cost, 820 nm Miniature Link Fiber Optic Components with ST, SMA, SC, and FC Ports
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-2404Z AVAGO-HFBR-2404Z Datasheet
723Kb / 24P
   Low-Cost, 820 nm Miniature Link Fiber Optic Components with ST, SMA, SC and FC Ports
HFBR-1402Z AVAGO-HFBR-1402Z_13 Datasheet
716Kb / 24P
   Low-Cost, 820 nm Miniature Link Fiber Optic Components with ST짰, SMA, SC and FC Ports
HFBR-0500Z AVAGO-HFBR-0500Z Datasheet
504Kb / 18P
   Versatile Link The Versatile Fiber Optic Connection Low cost fiber optic components
logo
3M Electronics
8204 3M-8204 Datasheet
734Kb / 24P
   SC & FC/PC3 Pull-Proof Fiber Optic Connectors
logo
List of Unclassifed Man...
DK-2612-01 ETC2-DK-2612-01 Datasheet
1Mb / 1P
   DIGITUS Fiber Optic Multimode Patch Cord, ST / SC
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-2414Z AVAGO-HFBR-2414Z Datasheet
1Mb / 2P
   Threaded ST Port Option for Low Cost Miniature Link Components
logo
Broadcom Corporation.
HFBR-0400TZ BOARDCOM-HFBR-0400TZ Datasheet
382Kb / 3P
   Threaded ST Port Option for Low-Cost Miniature Link Components
June 14, 2017
logo
PANDUIT CORP.
F6D3-3M1 PANDUIT-F6D3-3M1 Datasheet
106Kb / 2P
   SC Fiber Optic Connectors
logo
List of Unclassifed Man...
147-301-901V001 ETC2-147-301-901V001 Datasheet
75Kb / 2P
   DIAMOND Fiber Optic Components
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com