Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H34063AS Datasheet(PDF) 4 Page - Hi-Sincerity Mocroelectronics

Part # H34063AS
Description  DC-TO-DC Converter Integrate Circuit Devices?
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

H34063AS Datasheet(HTML) 4 Page - Hi-Sincerity Mocroelectronics

  H34063AS Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics H34063AS Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics H34063AS Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics H34063AS Datasheet HTML 4Page - Hi-Sincerity Mocroelectronics H34063AS Datasheet HTML 5Page - Hi-Sincerity Mocroelectronics H34063AS Datasheet HTML 6Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HS200202
Issued Date : 2000.02.01
Revised Date : 2002.04.22
Page No. : 4/6
H34063AS
HSMC Product Specification
Application Information (Continuos)
1
8
2
3
4
5
6
7
1
8
2
3
4
5
6
7
Vout
28V / 200mA
R1
150
Cout
220
µF
CT
680
ρF
Vin
RA
2.2k
RSC
0.22
C1
100
µF
H34063AS
L1
D1
200
µH
H1N5819
RB
47k
Line Regulation : 100mV (Vin=8V~16V, @Io=200mA)
Load Regulation : 5mV (Vin=12V, @Io=80mA~200mA)
Fig.2 Step-Up Converter
1
8
2
3
4
5
6
7
H34063AS
RSC
C1
RA
R1
RB
CT
D1
L1
Q1
R2
Vin
Vout
Cout
Fig.3 Step-Up Converter With External NPN Switch
Fig.4 Step-Down Converter
Line Regulation : 40mV (Vin=10V~20V, @Io=500mA)
Load Regulation : 5mV (Vin=15V, @Io=10mA~500mA)
Short Circuit Current : 1.3A (Vin=15V, @RL=0.1
H34063AS
Vout
5V / 500mA
RSC
0.25
L1
RB
RA
1.2k
3.6k
CT
470
ρF
D1
H1N5819
200
µH
Cout
470
µF
C1
100
µF
Vin


Similar Part No. - H34063AS

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
H34063AS HSMC-H34063AS Datasheet
72Kb / 7P
   DC-TO-DC CONVERTER INTEGRATE CIRCUIT DEVICES
More results

Similar Description - H34063AS

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
H34063AP HSMC-H34063AP Datasheet
71Kb / 6P
   DC-TO-DC Converter Integrate Circuit Devices
logo
List of Unclassifed Man...
AX34063AP ETC-AX34063AP Datasheet
183Kb / 7P
   DC-to-DC Converter Integrate Circuit Devices
logo
Hi-Sincerity Mocroelect...
H34063A HSMC-H34063A Datasheet
72Kb / 7P
   DC-TO-DC CONVERTER INTEGRATE CIRCUIT DEVICES
H34063B HSMC-H34063B Datasheet
182Kb / 7P
   DC-to-DC Converter Integrate Circuit Devices
logo
Minilogic Device Corpor...
ML34063 MINILOGIC-ML34063 Datasheet
104Kb / 5P
   DC-to-DC Converter Control Circuit
logo
Cystech Electonics Corp...
LM34063AQ8 CYSTEKEC-LM34063AQ8 Datasheet
301Kb / 9P
   DC-to-DC Converter Control Circuit
logo
Advanced Monolithic Sys...
AMS34063 ADMOS-AMS34063 Datasheet
69Kb / 7P
   DC-TO-DC CONVERTER CONTROL CIRCUIT
logo
Seaward Electronics Inc...
SE34063 SEAWARD-SE34063 Datasheet
113Kb / 5P
   DC-to-DC Converter Control Circuit
logo
Cystech Electonics Corp...
PL34063AP8 CYSTEKEC-PL34063AP8 Datasheet
200Kb / 7P
   DC-to-DC Converter Control Circuit
logo
Advanced Monolithic Sys...
AMS36063 ADMOS-AMS36063 Datasheet
37Kb / 4P
   DC-TO-DC CONVERTER CONTROL CIRCUIT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com