Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

39534-0016 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 39534-0016
Description  5.08mm Pitch Eurostyle Horizontal Plug, with Retention Screws, 16 Circuits
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

39534-0016 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  39534-0016 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 12/22/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
39534-0016
Status:
Active
Overview:
Eurostyle™ Terminal Blocks
Description:
5.08mm Pitch Eurostyle™ Horizontal Plug, with Retention Screws, 16 Circuits
Documents:
3D Model
Product Specification PS-39500-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Terminal Blocks
Series
39534
Application
N/A
Component Type
Plug
Overview
Eurostyle™ Terminal Blocks
Product Name
ESE, Eurostyle™Pluggable
Type
Euro Block
UPC
822350537698
Physical
Circuits (Loaded)
16
Entry Angle
Vertical
Lock to Mating Part
Yes
Number of Rows
1
Orientation
Horizontal
Panel Mount
No
Pitch - Mating Interface
5.08mm
Pitch - Termination Interface
5.08mm
Polarized to Mating Part
Yes
Stackable
No
Temperature Range - Operating
-40°C to +105°C
Wire Size AWG
12, 14, 16, 18, 20, 22, 24, 26
Wire Size mm²
0.13 - 3.31
Electrical
Current - Maximum per Contact
18A
Voltage - Maximum
300V
Material Info
Reference - Drawing Numbers
Product Specification
PS-39500-001
Sales Drawing
SD-39534-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Low-Halogen Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
39534Series
Mates With
Most 5.08mm Pitch Industry Standard
PCB Headers, 39535 Vertical PCB Header
with Threaded Retention Inserts, 39536
Horizontal PCB Header with Threaded
Retention Inserts
This document was generated on 12/22/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 39534-0016

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
39534-0010 MOLEX11-39534-0010 Datasheet
42Kb / 1P
   5.08mm Pitch Eurostyle Horizontal Plug, with Retention Screws, 10 Circuits
39534-0011 MOLEX11-39534-0011 Datasheet
42Kb / 1P
   5.08mm Pitch Eurostyle Horizontal Plug, with Retention Screws, 11 Circuits
39534-0012 MOLEX11-39534-0012 Datasheet
42Kb / 1P
   5.08mm Pitch Eurostyle Horizontal Plug, with Retention Screws, 12 Circuits
39534-0013 MOLEX11-39534-0013 Datasheet
42Kb / 1P
   5.08mm Pitch Eurostyle Horizontal Plug, with Retention Screws, 13 Circuits
39534-0014 MOLEX11-39534-0014 Datasheet
42Kb / 1P
   5.08mm Pitch Eurostyle Horizontal Plug, with Retention Screws, 14 Circuits
More results

Similar Description - 39534-0016

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
39514-0016 MOLEX11-39514-0016 Datasheet
44Kb / 1P
   3.81mm Pitch Eurostyle Horizontal Plug, with Retention Screws, 16 Circuits
39504-0016 MOLEX11-39504-0016 Datasheet
44Kb / 1P
   3.50mm Pitch Eurostyle Horizontal Plug, with Retention Screws, 16 Circuits
39534-0007 MOLEX11-39534-0007 Datasheet
42Kb / 1P
   5.08mm Pitch Eurostyle Horizontal Plug, with Retention Screws, 7 Circuits
39534-0011 MOLEX11-39534-0011 Datasheet
42Kb / 1P
   5.08mm Pitch Eurostyle Horizontal Plug, with Retention Screws, 11 Circuits
39534-0022 MOLEX11-39534-0022 Datasheet
42Kb / 1P
   5.08mm Pitch Eurostyle Horizontal Plug, with Retention Screws, 22 Circuits
39534-0009 MOLEX11-39534-0009 Datasheet
42Kb / 1P
   5.08mm Pitch Eurostyle Horizontal Plug, with Retention Screws, 9 Circuits
39534-0013 MOLEX11-39534-0013 Datasheet
42Kb / 1P
   5.08mm Pitch Eurostyle Horizontal Plug, with Retention Screws, 13 Circuits
39534-0014 MOLEX11-39534-0014 Datasheet
42Kb / 1P
   5.08mm Pitch Eurostyle Horizontal Plug, with Retention Screws, 14 Circuits
39534-0021 MOLEX11-39534-0021 Datasheet
42Kb / 1P
   5.08mm Pitch Eurostyle Horizontal Plug, with Retention Screws, 21 Circuits
39534-0003 MOLEX11-39534-0003 Datasheet
39Kb / 1P
   5.08mm Pitch Eurostyle Horizontal Plug, with Retention Screws, 3 Circuits
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com