Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC51-0644-692 Datasheet(PDF) 3 Page - Yamaichi Electronics Co., Ltd.

Part # IC51-0644-692
Description  Series Overview QFP (Quad Flat Packages, Gullwing Leads)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAICHI [Yamaichi Electronics Co., Ltd.]
Direct Link  http://yamaichi.com
Logo YAMAICHI - Yamaichi Electronics Co., Ltd.

IC51-0644-692 Datasheet(HTML) 3 Page - Yamaichi Electronics Co., Ltd.

  IC51-0644-692 Datasheet HTML 1Page - Yamaichi Electronics Co., Ltd. IC51-0644-692 Datasheet HTML 2Page - Yamaichi Electronics Co., Ltd. IC51-0644-692 Datasheet HTML 3Page - Yamaichi Electronics Co., Ltd. IC51-0644-692 Datasheet HTML 4Page - Yamaichi Electronics Co., Ltd. IC51-0644-692 Datasheet HTML 5Page - Yamaichi Electronics Co., Ltd. IC51-0644-692 Datasheet HTML 6Page - Yamaichi Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SPECIFICATIONS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE – DIMENSIONS IN MILLIMETER
SMT Devices
44 Test & Burn-In
SPECIFICATIONS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE – DIMENSIONS IN MILLIMETER
SMT Devices
45
Test & Burn-In
Part Number
Pitch
Pin
Count
IC Dimensions
Socket
Dimensions
G X H
Body
A x B
Tip-to-Tip
C x D
Parallel
Clamp
E
1/2 - IC
height
F
Applicable Dimensions
(Quad Flat Packages, Gullwing Leads)
0.50mm Pitch
IC51-1204-1812
0.4
120
12.0 x 12.0
15.1 x 15.1
36.0 x 42.5
CL
IC234-1284-043 *
0.4
128
14.0 x 14.0
16.0 x 16.0
0.562
34.0 x 34.0
OT
IC234-1444-053 *
0.4
144
16.0 x 16.0
18.0 x 18.0
0.537
36.0 x 36.0
OT
IC234-1564-038 *
0.4
156
14.0 x 14.0
16.0 x 16.0
0.67
38.0 x 44.0
OT
IC234-1764-059 *
0.4
176
20.0 x 20.0
22.0 x 22.0
0.67
40.0 x 40.0
OT
IC51-1764-1995
0.4
176
14.0 x 20.0
22.0 x 22.0
21.3
46.0 x 50.0
CL
IC51-1764-1995-6
0.4
176
20.0 x 20.0
22.0 x 22.0
21.2
46.0 x 50.0
CL
IC234-2164-050 *
0.4
216
20.0 x 20.0
26.0 x 26.0
0.67
44.0 x 44.0
OT
IC234-2164-066-*
0.4
216
20.0 x 20.0
26.0 x 26.0
0.67
44.0 x 44.0
OT
IC234-2564-020 *
0.4
256
28.0 x 28.0
30.0 x 30.0
1.40
48.0 x 48.0
OT
IC234-2564-078 *
0.4
256
28.0 x 28.0
30.0 x 30.0
1.60
48.0 x 48.0
OT
IC51-2564-1668
0.4
256
28.0 x 28.0
31.2 x 31.2
30.0
56.0 x 62.0
CL
IC51-2564-1668-10
0.4
256
28.0 x 28.0
30.0 x 30.0
29.4
56.0 x 62.0
CL
IC51-2564-1668-6
0.4
256
27.2 x 27.2
29.8 x 29.8
30.0
56.0 x 62.0
CL
IC51-0324-805
0.5
32
5.0 x 5.0
7.0 x 7.0
6.2
28.0 x 31.0
CL
IC234-0484-034 *
0.5
48
7.0 x 7.0
9.0 x 9.0
0.47
26.6 x 26.6
OT
IC234-0484-039 *
0.5
48
5.0 x 5.0
9.0 x 9.0
0.7365
26.6 x 26.6
OT
IC51-0484-806
0.5
48
7.0 x 7.0
9.0 x 9.0
8.2
29.0 x 32.0
CL
IC51-0484-806-2
0.5
48
7.0 x 7.0
9.0 x 9.0
8.3
29.0x 32.0
CL
IC201-0644-003 *
0.5
64
10.0 x 10.0
12.0 x 12.0
0.70
30.0 x36.0
OT
IC201-0644-040 *
0.5
64
10.0 x 10.0
12.0 x 12.0
0.67
28.7 x 28.7
OT
IC234-0644-027 *
0.5
64
10.0 x 10.0
12.0 x 12.0
0.66
29.6 x 29.6
OT
IC51-0644-807
0.5
64
10.0 x 10.0
12.0 x 12.0
11.3
32.0 x 35.0
CL
IC51-807 AC-15764
0.5
64
9.95 x 9.95
13.0 x 13.0
12.0
37.0 x 44.0
CL
IC201-0804-014 *-*
0.5
80
12.0 x 12.0
14.0 x 14.0
0.62
29.0 x 29.0
OT
IC201-0804-020 *-*
0.5
80
12.0 x 12.0
13.6 x 13.6
0.50
29.0 x 29.0
OT
IC234-0804-011 *
0.5
80
12.0 x 12.0
14.0 x 14.0
0.45
29.0 x 29.0
OT
IC234-0804-026 *
0.5
80
11.95 x 11.95
14.0 x 14.0
0.67
31.6 x 31.6
OT
IC51-0804-808
0.5
80
12.0 x 12.0
14.0 x 14.0
13.3
34.0 x 37.0
CL
IC51-0804-808-2
0.5
80
12.0 x 12.0
14.0 x 14.0
13.2
34.0 x 37.0
CL
IC51-0804-808-4
0.5
80
12.0 x 12.0
14.0 x 14.0
13.4
34.0 x 37.0
CL
IC201-1004-008 *-*
0.5
100
14.0 x 14.0
16.0 x 16.0
0.66
32.2 x 31.0
OT
IC201-1004-043 *
0.5
100
14.0 x 14.0
16.0 x 16.0
0.45
31.0 x. 31.0
OT
IC216-1004-001 *-*
0.5
100
14.0 x 20.0
16.0 x 16.0
0.66
34.2 x 34.2
OT
IC234-1004-023 *
0.5
100
14.0 x 14.0
16.0 x 16.0
0.67
33.6 x 33.6
OT
IC51-1004-809
0.5
100
14.0 x 14.0
16.0 x 16.0
15.3
39.0 x 39.0
CL
Applicable Dimensions
C
A
E
H
E
E
G
G
H
Outline IC Body Dimensions
Outline Clamshell
Socket Dimensions
Outline Open Top
Socket Dimensions
0.40mm Pitch
CL = Clamshell
OT = Open Top


Similar Part No. - IC51-0644-692

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IC51-0644-1972 ETC2-IC51-0644-1972 Datasheet
469Kb / 8P
   QFP (Quad Flat Packages, Gullwing Leads)
IC51-0644-807 ETC2-IC51-0644-807 Datasheet
469Kb / 8P
   QFP (Quad Flat Packages, Gullwing Leads)
More results

Similar Description - IC51-0644-692

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IC201-1004 ETC2-IC201-1004 Datasheet
469Kb / 8P
   QFP (Quad Flat Packages, Gullwing Leads)
IC189-0162-019 ETC2-IC189-0162-019 Datasheet
444Kb / 7P
   SOP (Small Outline Packages, Gullwing Leads)
logo
Amkor Technology
LQFP AMKOR-LQFP Datasheet
656Kb / 2P
   Low Profile Quad Flat Pack (LQFP) Packages
logo
List of Unclassifed Man...
PDB-C168 ETC1-PDB-C168 Datasheet
89Kb / 1P
   Plastic Photodiode Packages with Leads
logo
Advanced Photonix, Inc.
PDB-C156 ADVANCEDPHOTONIX-PDB-C156 Datasheet
87Kb / 1P
   Plastic Photodiode Packages with Leads
PDB-C142 ADVANCEDPHOTONIX-PDB-C142 Datasheet
91Kb / 1P
   Plastic Photodiode Packages with Leads
PDB-C145 ADVANCEDPHOTONIX-PDB-C145 Datasheet
89Kb / 1P
   Plastic Photodiode Packages with Leads
PDB-C168 ADVANCEDPHOTONIX-PDB-C168 Datasheet
89Kb / 1P
   Plastic Photodiode Packages with Leads
PDB-C144 ADVANCEDPHOTONIX-PDB-C144 Datasheet
102Kb / 1P
   Plastic Photodiode Packages with Leads
PDB-C158 ADVANCEDPHOTONIX-PDB-C158 Datasheet
92Kb / 1P
   Plastic Photodiode Packages with Leads
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com