Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS7122AL-1C-E3 Datasheet(PDF) 2 Page - NEC

Part # PS7122AL-1C-E3
Description  8-PIN DIP, 250 V BREAK DOWN VOLTAGE, TRANSFER TYPE 2-ch Optical Coupled MOS FET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS7122AL-1C-E3 Datasheet(HTML) 2 Page - NEC

  PS7122AL-1C-E3 Datasheet HTML 1Page - NEC PS7122AL-1C-E3 Datasheet HTML 2Page - NEC PS7122AL-1C-E3 Datasheet HTML 3Page - NEC PS7122AL-1C-E3 Datasheet HTML 4Page - NEC PS7122AL-1C-E3 Datasheet HTML 5Page - NEC PS7122AL-1C-E3 Datasheet HTML 6Page - NEC PS7122AL-1C-E3 Datasheet HTML 7Page - NEC PS7122AL-1C-E3 Datasheet HTML 8Page - NEC PS7122AL-1C-E3 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Data Sheet P13383EJ4V0DS00
2
PS7122A-1C,PS7122AL-1C
PACKAGE DIMENSIONS (in millimeters)
9.25±0.5
0.5±0.1
2.54
1.34±0.1
0.25 M
0 to 15˚
7.62
6.5±0.5
6.5±0.5
0.9±0.25
9.60±0.4
9.25±0.5
1.34±0.1
0.25 M
2.54
TOP VIEW
TOP VIEW
PS7122AL-1C
1. LED Anode
2. LED Cathode
3. LED Anode
4. LED Cathode
5. MOS FET (N.O.)
6. MOS FET (N.O.)
7. MOS FET (N.C.)
8. MOS FET (N.C.)
12
4
3
65
87
PS7122A-1C
1. LED Anode
2. LED Cathode
3. LED Anode
4. LED Cathode
5. MOS FET (N.O.)
6. MOS FET (N.O.)
7. MOS FET (N.C.)
8. MOS FET (N.C.)
12
4
3
65
87


Similar Part No. - PS7122AL-1C-E3

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS7122AL-1C-E3 CEL-PS7122AL-1C-E3 Datasheet
201Kb / 14P
   Solid State Relay OCMOS FET
PS7122AL-1C-E3-A CEL-PS7122AL-1C-E3-A Datasheet
201Kb / 14P
   Solid State Relay OCMOS FET
More results

Similar Description - PS7122AL-1C-E3

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS7122A-1C RENESAS-PS7122A-1C Datasheet
263Kb / 16P
   8-PIN DIP, 250 V BREAK DOWN VOLTAGE TRANSFER TYPE 2-ch Optical Coupled MOS FET
April 1st, 2010
PS7142-1C RENESAS-PS7142-1C Datasheet
263Kb / 16P
   8-PIN DIP, 400 V BREAK DOWN VOLTAGE TRANSFER TYPE 2-ch Optical Coupled MOS FET
April 1st, 2010
logo
California Eastern Labs
PS7141-1C CEL-PS7141-1C Datasheet
368Kb / 12P
   8-PIN DIP, 400 V BREAK DOWN VOLTAGE, TRANSFER TYPE 2-ch Optical Coupled MOS FET
logo
NEC
PS7142-1C NEC-PS7142-1C Datasheet
75Kb / 12P
   8-PIN DIP, 400 V BREAK DOWN VOLTAGE, TRANSFER TYPE 2-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7141-1C RENESAS-PS7141-1C Datasheet
264Kb / 16P
   8-PIN DIP, 400 V BREAK DOWN VOLTAGE TRANSFER TYPE 2-ch Optical Coupled MOS FET
April 1st, 2010
PS7241-1C RENESAS-PS7241-1C Datasheet
258Kb / 15P
   8-PIN SOP, 400 V BREAK DOWN VOLTAGE TRANSFER TYPE 2-ch Optical Coupled MOS FET
April 1st, 2010
logo
NEC
PS7241-1C NEC-PS7241-1C_1 Datasheet
103Kb / 13P
   8-PIN SOP, 400 V BREAK DOWN VOLTAGE TRANSFER TYPE 2-ch Optical Coupled MOS FET
PS7160-2A NEC-PS7160-2A Datasheet
72Kb / 6P
   8-PIN DIP, 600 V BREAK DOWN VOLTAGE 2-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7142-2A CEL-PS7142-2A Datasheet
339Kb / 11P
   8-PIN DIP, 400 V BREAK DOWN VOLTAGE 2-ch Optical Coupled MOS FET
logo
NEC
PS7111-2A NEC-PS7111-2A Datasheet
71Kb / 12P
   8-PIN DIP, 100 V BREAK DOWN VOLTAGE 2-ch Optical Coupled MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com