Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS7113-2A Datasheet(PDF) 1 Page - NEC

Part # PS7113-2A
Description  6, 8-PIN DIP, 350 mA CONTINUOUS LOAD CURRENT 1-ch, 2-ch Optical Coupled MOS FET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS7113-2A Datasheet(HTML) 1 Page - NEC

  PS7113-2A Datasheet HTML 1Page - NEC PS7113-2A Datasheet HTML 2Page - NEC PS7113-2A Datasheet HTML 3Page - NEC PS7113-2A Datasheet HTML 4Page - NEC PS7113-2A Datasheet HTML 5Page - NEC PS7113-2A Datasheet HTML 6Page - NEC PS7113-2A Datasheet HTML 7Page - NEC PS7113-2A Datasheet HTML 8Page - NEC PS7113-2A Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
DATA SHEET
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
©
1996, 1999
6, 8-PIN DIP, 350 mA CONTINUOUS LOAD CURRENT
1-ch, 2-ch Optical Coupled MOS FET
Document No. P11553EJ6V0DS00 (6th edition)
Date Published October 1999 NS CP(K)
Printed in Japan
The mark
• shows major revised points.
Solid State Relay
OCMOS FET
PS7113-1A,-2A,PS7113L-1A,-2A
DESCRIPTION
The PS7113-1A, -2A and PS7113L-1A, -2A are solid state relays containing GaAs LEDs on the light emitting side
(input side) and MOS FETs on the output side.
They are suitable for analog signal control because of their low offset and high linearity.
The PS7113L-1A, -2A have a surface mount type lead.
FEATURES
• 1 channel type (1 a output) or 2 channel type (1 a + 1 a output)
• Low LED operating current (IF = 2 mA)
• Designed for AC/DC switching line changer
• Small package (6, 8-pin DIP)
• Low offset voltage
• PS7113L-1A, -2A: Surface mount type
• UL approved: File No. E72422 (S)
• BSI approved: No. 8245/8246
• CSA approved: No. CA 101391
APPLICATIONS
• Exchange equipment
• Measurement equipment
• FA/OA equipment


Similar Part No. - PS7113-2A

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS7113-2A CEL-PS7113-2A Datasheet
209Kb / 14P
   6, 8-PIN DIP, 100 V BREAK DOWN VOLTAGE 350 mA CONTINUOUS LOAD CURRENT 1-ch, 2-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7113-2A RENESAS-PS7113-2A Datasheet
234Kb / 16P
   6, 8-PIN DIP, 100 V BREAK DOWN VOLTAGE 350 mA CONTINUOUS LOAD CURRENT
PS7113-2A RENESAS-PS7113-2A Datasheet
241Kb / 16P
   6, 8-PIN DIP, 100 V BREAK DOWN VOLTAGE 350 mA CONTINUOUS LOAD CURRENT 1-ch, 2-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7113-2A-A CEL-PS7113-2A-A Datasheet
209Kb / 14P
   6, 8-PIN DIP, 100 V BREAK DOWN VOLTAGE 350 mA CONTINUOUS LOAD CURRENT 1-ch, 2-ch Optical Coupled MOS FET
More results

Similar Description - PS7113-2A

ManufacturerPart #DatasheetDescription
logo
NEC
PS7112-1A NEC-PS7112-1A Datasheet
74Kb / 12P
   6-PIN DIP, 200 mA CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7113-1A RENESAS-PS7113-1A_15 Datasheet
241Kb / 16P
   6, 8-PIN DIP, 100 V BREAK DOWN VOLTAGE 350 mA CONTINUOUS LOAD CURRENT 1-ch, 2-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7113-1A CEL-PS7113-1A Datasheet
209Kb / 14P
   6, 8-PIN DIP, 100 V BREAK DOWN VOLTAGE 350 mA CONTINUOUS LOAD CURRENT 1-ch, 2-ch Optical Coupled MOS FET
PS7113L-2A-A CEL-PS7113L-2A-A Datasheet
209Kb / 14P
   6, 8-PIN DIP, 100 V BREAK DOWN VOLTAGE 350 mA CONTINUOUS LOAD CURRENT 1-ch, 2-ch Optical Coupled MOS FET
logo
NEC
PS7522-1A NEC-PS7522-1A Datasheet
81Kb / 12P
   6, 8-PIN DIP, SLOW SWITCHING TYPE 1-ch, 2-ch Optical Coupled MOS FET
PS7141C-2A NEC-PS7141C-2A Datasheet
71Kb / 12P
   8-PIN DIP, 200 mA TYP. CURRENT LIMIT TYPE 2-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7141C-2A RENESAS-PS7141C-2A Datasheet
259Kb / 15P
   8-PIN DIP, 200 mA TYP. CURRENT LIMIT TYPE 2-ch Optical Coupled MOS FET
April 1st, 2010
logo
NEC
PS7122-1A NEC-PS7122-1A Datasheet
81Kb / 12P
   6, 8-PIN DIP, 200 V BREAK DOWN VOLTAGE 1-ch, 2-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS710A-1A CEL-PS710A-1A Datasheet
352Kb / 11P
   6-PIN DIP, 0.1 LOW ON-STATE RESISTANCE 1.8 A CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET
logo
NEC
PS710A-1A NEC-PS710A-1A Datasheet
76Kb / 7P
   6-PIN DIP, 0.1 ohm LOW ON-STATE RESISTANCE 1.8 A CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com