Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFBR1404T Datasheet(PDF) 6 Page - Agilent(Hewlett-Packard)

Part # HFBR1404T
Description  Low Cost, Miniature Fiber Optic Components with ST, SMA, SC and FC Ports
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HFBR1404T Datasheet(HTML) 6 Page - Agilent(Hewlett-Packard)

Back Button HFBR1404T Datasheet HTML 2Page - Agilent(Hewlett-Packard) HFBR1404T Datasheet HTML 3Page - Agilent(Hewlett-Packard) HFBR1404T Datasheet HTML 4Page - Agilent(Hewlett-Packard) HFBR1404T Datasheet HTML 5Page - Agilent(Hewlett-Packard) HFBR1404T Datasheet HTML 6Page - Agilent(Hewlett-Packard) HFBR1404T Datasheet HTML 7Page - Agilent(Hewlett-Packard) HFBR1404T Datasheet HTML 8Page - Agilent(Hewlett-Packard) HFBR1404T Datasheet HTML 9Page - Agilent(Hewlett-Packard) HFBR1404T Datasheet HTML 10Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
51
Mechanical Dimensions
HFBR-0400T Threaded
ST Series
HFBR-X44XT
HFBR-X46XT
HFBR-X41XT
DIA.
2.54
(0.10)
3.81
(0.15)
7.1
(0.28)
DIA
12.7
(0.50)
12.7
(0.50)
27.2
(1.07)
PIN NO. 1
INDICATOR
6.35
(0.25)
5.1
(0.20)
10.2
(0.40)
3.6
(0.14)
8.4
(0.33)
1.27
(0.05)
2.54
(0.10)
7.6
(0.30)
5.1
(0.20)
PINS 1,4,5,8
0.51 X 0.38
(0.020 X 0.015)
PINS 2,3,6,7
0.46
(0.018)
DIA
3/8 - 32 UNEF - 2A
7.6
(0.30)
ACROSS THREAD
FLATS
8.4
(0.33)
4.9
(0.19)
2.4
(0.09)
2.0
(0.08)
4.1
(0.16)
3.0
(0.12)
2.5
(0.10)
2.5
(0.10)
7.1
(0.28)
3.6
(0.14)
TYP
MIN
TYP
TYP
TYP
TYP
7.1
(0.28)
DIA
5.1
(0.20)
18.5
(0.73)
3/8 - 32 UNEF - 2A
THREAD
0.46 (0.018)
PIN DIA
NOTE 2
8.6
(0.34)
DIA
2.5
(0.10)
DIA PIN
CIRCLE
12
3
4
PART MARKING
0.46
(0.018)
7.1
(0.28)
PIN DIA
NOTE 2
2.5
(0.10)
DIA PIN
CIRCLE
8.4
(0.33)
7.6
(0.30)
ACROSS THREAD
FLATS
5.1
(0.20)
18.5
(0.73)
3/8 - 32 UNEF - 2A
THREAD
13.2
(0.52)
2.0
(0.08)
9.1
(0.36)
4.1
(0.16)
8.6
(0.34)
DIA
12
3
4
PART MARKING


Similar Part No. - HFBR1404T

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HFBR1521 HP-HFBR1521 Datasheet
438Kb / 19P
   Versatile Link The Versatile Fiber Optic Connection
HFBR1522 HP-HFBR1522 Datasheet
438Kb / 19P
   Versatile Link The Versatile Fiber Optic Connection
HFBR1523 HP-HFBR1523 Datasheet
438Kb / 19P
   Versatile Link The Versatile Fiber Optic Connection
HFBR1524 HP-HFBR1524 Datasheet
438Kb / 19P
   Versatile Link The Versatile Fiber Optic Connection
HFBR1525 HP-HFBR1525 Datasheet
438Kb / 19P
   Versatile Link The Versatile Fiber Optic Connection
More results

Similar Description - HFBR1404T

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HFBR-14XXZ BOARDCOM-HFBR-14XXZ Datasheet
391Kb / 25P
   Low-Cost, 820 nm Miniature Link Fiber Optic Components with ST, SMA, SC, and FC Ports
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-2404Z AVAGO-HFBR-2404Z Datasheet
723Kb / 24P
   Low-Cost, 820 nm Miniature Link Fiber Optic Components with ST, SMA, SC and FC Ports
HFBR-1402Z AVAGO-HFBR-1402Z_13 Datasheet
716Kb / 24P
   Low-Cost, 820 nm Miniature Link Fiber Optic Components with ST짰, SMA, SC and FC Ports
HFBR-0500Z AVAGO-HFBR-0500Z Datasheet
504Kb / 18P
   Versatile Link The Versatile Fiber Optic Connection Low cost fiber optic components
logo
3M Electronics
8204 3M-8204 Datasheet
734Kb / 24P
   SC & FC/PC3 Pull-Proof Fiber Optic Connectors
logo
List of Unclassifed Man...
DK-2612-01 ETC2-DK-2612-01 Datasheet
1Mb / 1P
   DIGITUS Fiber Optic Multimode Patch Cord, ST / SC
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-2414Z AVAGO-HFBR-2414Z Datasheet
1Mb / 2P
   Threaded ST Port Option for Low Cost Miniature Link Components
logo
Broadcom Corporation.
HFBR-0400TZ BOARDCOM-HFBR-0400TZ Datasheet
382Kb / 3P
   Threaded ST Port Option for Low-Cost Miniature Link Components
June 14, 2017
logo
PANDUIT CORP.
F6D3-3M1 PANDUIT-F6D3-3M1 Datasheet
106Kb / 2P
   SC Fiber Optic Connectors
logo
List of Unclassifed Man...
147-301-901V001 ETC2-147-301-901V001 Datasheet
75Kb / 2P
   DIAMOND Fiber Optic Components
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com