Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP40-150B13 Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # LP40-150B13
Description  Laminated Transformers
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

LP40-150B13 Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  LP40-150B13 Datasheet HTML 1Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
USA 858 674 8100 Germany 49 7032 7806 0 Singapore 65 6287 8998 Shanghai 86 21 54643211 / 2 China 86 769 85538070 Taiwan 886 3 4641811
www.pulseeng.com
38
LT2007 (12/09)
Laminated transformers
Low Frequency, Open-Style Laminated,
Low Profile, Plug-In Series
Part
Size
Secondary RMS Rating
Number
Series
Parallel
LP10-250B23
2
10V C.T. @ 250mA
5V @ 500mA
LP10-600B1
6
10V C.T. @ 600mA
5V @ 1.20A
LP10-1200B2
12
10V C.T. @ 1.20A
5V @ 2.40A
LP12-200B24
2
12.6V C.T. @ 200mA
6.3V @ 400mA
LP12-450B3
6
12.6V C.T. @ 450mA
6.3V @ 900mA
LP12-900B4
12
12.6V C.T. @ 900mA
6.3V @ 1.80A
LP16-150B25
2
16V C.T. @ 150mA
8V @ 300mA
LP16-350B5
6
16V C.T. @ 350mA
8V @ 700mA
LP16-700B6
12
16V C.T. @ 700mA
8V @ 1.40A
LP18-135B105
2
18V C.T. @ 135mA
9V @ 270mA
LP18-325B106
6
18V C.T. @ 325mA
9V @ 650mA
LP18-650B107
12
18V C.T. @ 650mA
9V @ 1.30A
LP20-125B26
2
20V C.T. @ 125mA
10V @ 250mA
LP20-300B7
6
20V C.T. @ 300mA
10V @ 600mA
LP20-600B8
12
20V C.T. @ 600mA
10V @ 1.20A
LP24-100B27
2
24V C.T. @ 100mA
12V @ 200mA
LP24-250B9
6
24V C.T. @ 250mA
12V @ 500mA
LP24-500B10
12
24V C.T. @ 500mA
12V @ 1.00A
LP28-90B115
2
28V C.T. @ 90mA
14V @ 180mA
LP28-215B116
6
28V C.T. @ 215mA
14V @ 430mA
LP28-430B117
12
28V C.T. @ 430mA
14V @ 860mA
LP30-85B125
2
30V C.T. @ 85mA
15V @ 170mA
LP30-200B126
6
30V C.T. @ 200mA
15V @ 400mA
LP30-400B127
12
30V C.T. @ 400mA
15V @ 800mA
LP34-75B28
2
34V C.T. @ 75mA
17V @ 150mA
LP34-170B11
6
34V C.T. @ 170mA
17V @ 340mA
LP34-340B12
12
34V C.T. @ 340mA
17V @ 680mA
LP40-60B29
2
40V C.T. @ 60mA
20V @ 120mA
LP40-150B13
6
40V C.T. @ 150mA
20V @ 300mA
LP40-300B14
12
40V C.T. @ 300mA
20V @ 600mA
LP56-45B30
2
56V C.T. @ 45mA
28V @ 90mA
LP56-100B15
6
56V C.T. @ 100mA
28V @ 200mA
LP56-200B16
12
56V C.T. @ 200mA
28V @ 400mA
LP88-28B31
2
88V C.T. @ 28mA
44V @ 56mA
LP88-65B17
6
88V C.T. @ 65mA
44V @ 130mA
LP88-130B18
12
88V C.T. @ 130mA
44V @ 260mA
LP120-20B32
2
120V C.T. @ 20mA
60V @ 40mA
LP120-50B19
6
120V C.T. @ 50mA
60V @ 100mA
LP120-100B20
12
120V C.T. @ 100mA
60V @ 200mA
LP230-10B33
2
230V C.T. @ 10mA
115V @ 20mA
LP230-25B21
6
230V C.T. @ 25mA
115V @ 50mA
LP230-50B22
12
230V C.T. @ 50mA
115V @ 100mA
����
����
����
���� ���
� ���
�����������
����������������
mechanical
schematic
AgeNcy
APPROvALS
n
UL, 506, File E73539
n
UL 1446, File E179499
n
CSA 22.2#66,
File LR68051-2
dimensions (inches)
Size
L
W
H
A
B
c
Wt.
Reg.
Trise
(oz.) (% TyPe) (°c TyPe)
2
1.875
1.562
.650
1.600
.375
.375
5
20
25
6
1.875
1.562
.850
1.600
.375
.375
7
18
30
12
2.500
2.000
1.065
2.000
.500
.500
11
15
30
Semi-toroidal construction reduces EMI
Low profile - Ideal for low height PC board
applications
1500VRMS HIPOT
Vacuum impregnated - withstands board
washing systems and reduces audible noise
Baked resin provides environmentally-
resistant finish
Sizes 2, 6 and 12 are available as encapsu-
lated, hermatically sealed (request drawings)


Similar Part No. - LP40-150B13

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
LP40-150B13 PULSE-LP40-150B13 Datasheet
147Kb / 4P
   IGNITION TRANSFORMERS
More results

Similar Description - LP40-150B13

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
030-7257-0 PULSE-030-7257-0 Datasheet
73Kb / 1P
   LAMINATED TRANSFORMERS
030-7273-0 PULSE-030-7273-0 Datasheet
73Kb / 1P
   LAMINATED TRANSFORMERS
030-7275-0 PULSE-030-7275-0 Datasheet
73Kb / 1P
   LAMINATED TRANSFORMERS
030-7277-0 PULSE-030-7277-0 Datasheet
73Kb / 1P
   LAMINATED TRANSFORMERS
030-7292-0 PULSE-030-7292-0 Datasheet
61Kb / 1P
   LAMINATED TRANSFORMERS
030-7293-0 PULSE-030-7293-0 Datasheet
61Kb / 1P
   LAMINATED TRANSFORMERS
030-7311-0 PULSE-030-7311-0 Datasheet
61Kb / 1P
   LAMINATED TRANSFORMERS
030-7313-0 PULSE-030-7313-0 Datasheet
61Kb / 1P
   LAMINATED TRANSFORMERS
030-7314-0 PULSE-030-7314-0 Datasheet
61Kb / 1P
   LAMINATED TRANSFORMERS
030-7329-0 PULSE-030-7329-0 Datasheet
60Kb / 1P
   LAMINATED TRANSFORMERS
030-7332-0 PULSE-030-7332-0 Datasheet
60Kb / 1P
   LAMINATED TRANSFORMERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com