Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B32335-450 Datasheet(PDF) 4 Page - TDK Electronics

Part # B32335-450
Description  Film Capacitors ??AC capacitors Motor run capacitors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B32335-450 Datasheet(HTML) 4 Page - TDK Electronics

  B32335-450 Datasheet HTML 1Page - TDK Electronics B32335-450 Datasheet HTML 2Page - TDK Electronics B32335-450 Datasheet HTML 3Page - TDK Electronics B32335-450 Datasheet HTML 4Page - TDK Electronics B32335-450 Datasheet HTML 5Page - TDK Electronics B32335-450 Datasheet HTML 6Page - TDK Electronics B32335-450 Datasheet HTML 7Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Film Capacitors – AC capacitors
B32335
Motor run capacitors
B32335 – Dual MotorCap™, 450 V
FILM AC RD
Nov 2013
Page 4 of 7
.
Approvals
TÜV
450 V / 85 °C:
10000 h (class B)
Approved
UL 810 E106388
C
US
Approved component 10000 AFC, protected
up to 450 V
Logistics
Delivery mode
EU palette as standard
Cardboard tape on palette
Pack unit, see dimension table
Dimensional drawing


Similar Part No. - B32335-450

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32335 EPCOS-B32335 Datasheet
234Kb / 7P
   AC Film Capacitors Motor run
B32335 EPCOS-B32335 Datasheet
380Kb / 7P
   Film capacitors - AC capacitors
B32335 EPCOS-B32335 Datasheet
379Kb / 7P
   Film capacitors - AC capacitors
B32335 EPCOS-B32335 Datasheet
116Kb / 8P
   Film Capacitors - AC Capacitors
B32335B1019J050 EPCOS-B32335B1019J050 Datasheet
380Kb / 7P
   Film capacitors - AC capacitors
More results

Similar Description - B32335-450

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32321 TDK-B32321 Datasheet
393Kb / 10P
   Film capacitors ??AC capacitors Motor run capacitors
B32328 TDK-B32328 Datasheet
299Kb / 8P
   Film capacitors - AC capacitors Motor run capacitors
B32333-250 TDK-B32333-250 Datasheet
151Kb / 7P
   Film Capacitors ??AC Capacitors Motor run capacitors
B32332 TDK-B32332 Datasheet
260Kb / 8P
   Film Capacitors ??AC Capacitors Motor run capacitors
B32335 TDK-B32335_16 Datasheet
258Kb / 9P
   Film Capacitors ??AC Capacitors Motor run capacitors
B32356 TDK-B32356_16 Datasheet
145Kb / 7P
   Film Capacitors ??AC Capacitors Motor run capacitors
B32330 TDK-B32330 Datasheet
731Kb / 7P
   Film capacitors - AC capacitors Motor run capacitors
B32333-450 TDK-B32333-450 Datasheet
288Kb / 7P
   Film Capacitors ??AC Capacitors Motor run capacitors
B32320 TDK-B32320 Datasheet
215Kb / 8P
   AC Film Capacitors, Motor Run Capacitors
logo
EPCOS
B32328 EPCOS-B32328 Datasheet
212Kb / 6P
   AC Film Capacitors Motor Run
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com