Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NB3N15552MNG Datasheet(PDF) 1 Page - ON Semiconductor

Part # NB3N15552MNG
Description  3.3V PureEdge VCXO Clock Generator with Differential LVPECL Outputs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB3N15552MNG Datasheet(HTML) 1 Page - ON Semiconductor

  NB3N15552MNG Datasheet HTML 1Page - ON Semiconductor NB3N15552MNG Datasheet HTML 2Page - ON Semiconductor NB3N15552MNG Datasheet HTML 3Page - ON Semiconductor NB3N15552MNG Datasheet HTML 4Page - ON Semiconductor NB3N15552MNG Datasheet HTML 5Page - ON Semiconductor NB3N15552MNG Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2012
April, 2012 − Rev. 0
1
Publication Order Number:
NB3N15552MN/D
NB3Nxxxxx - VCXO Series
3.3V PureEdge
] VCXO
Clock Generator with
Differential LVPECL Outputs
Description
The NB3NXXXXX − series voltage−controlled crystal oscillator
(VCXO) devices are designed to meet today’s requirements for 3.3 V
LVPECL clock generation applications. These devices use an external
high Q fundamental mode pullable crystal and Phase Locked Loop
(PLL) multiplier to provide a wide range of frequencies from 60 MHz
to 700 MHz (factory configurable per user specifications) with a
pullable range of
±100 ppm. The silicon−based PureEdge products
provides users with exceptional frequency stability and reliability.
They produce an ultra low jitter and phase noise LVPECL differential
out put . The NB3NXXXXX − series are members of
ON Semiconductor’s PureEdge clock family that provides accurate
and precision clock generation solutions.
Available in the industry standard 4 mm x 4 mm QFN−20 package.
Features
LVPECL Differential Output
Operating Range: 3.3 V ±10%
Ultra Low Jitter and Phase Noise − 0.5 ps (12 kHz − 20 MHz)
245 ps Typical Rise and Fall Times
Factory Configurable Frequencies from 60 MHz to 700 MHz (see
Standard Frequencies in the Ordering Information Table in page 5)
Pullable Range Minimum of ±100 ppm
Control Voltage with Positive Slope
−40°C to +85°C Ambient Operating Temperature
These Devices are Pb−Free and are RoHS Compliant
Applications
Networking
SONET
10 Gigabit Ethernet
Networking Base Stations
Broadcasting
MARKING
DIAGRAM
*For additional marking information, refer to
Application Note AND8002/D.
See detailed ordering and shipping information in the
package dimensions section on page 5 of this data sheet.
ORDERING INFORMATION
http://onsemi.com
(*Note: Microdot may be in either location)
QFN20
MN SUFFIX
CASE 485E
XXXXX = Frequency XXX.XX
A
= Assembly Location
L, WL
= Wafer Lot
Y
= Year
W, WW = Work Week
G or G = Pb−Free Package
NB3N
xxxxx
ALYWG
G
1
20
Figure 1. Simplified Block Diagram of
NB3Nxxxxx
VDD
CLK
CLK
GND
OE
VC
XIN
XOUT
PLL
Clock
Multiplier


Similar Part No. - NB3N15552MNG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3N106K ONSEMI-NB3N106K Datasheet
158Kb / 10P
   Differential 1:6 Fanout Clock Driver
April, 2012 ??Rev. 5
NB3N106KMNG ONSEMI-NB3N106KMNG Datasheet
158Kb / 10P
   Differential 1:6 Fanout Clock Driver
April, 2012 ??Rev. 5
NB3N106KMNR2G ONSEMI-NB3N106KMNR2G Datasheet
158Kb / 10P
   Differential 1:6 Fanout Clock Driver
April, 2012 ??Rev. 5
NB3N108K ONSEMI-NB3N108K Datasheet
156Kb / 9P
   3.3V Differential 1:8 Fanout Clock Data Driver
April, 2012 ??Rev. 6
NB3N108KMNG ONSEMI-NB3N108KMNG Datasheet
156Kb / 9P
   3.3V Differential 1:8 Fanout Clock Data Driver
April, 2012 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com