Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LNT1A104MSE Datasheet(PDF) 5 Page - Nichicon corporation

Part # LNT1A104MSE
Description  ALUMINUM ELECTROLYTIC CAPACITORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

LNT1A104MSE Datasheet(HTML) 5 Page - Nichicon corporation

  LNT1A104MSE Datasheet HTML 1Page - Nichicon corporation LNT1A104MSE Datasheet HTML 2Page - Nichicon corporation LNT1A104MSE Datasheet HTML 3Page - Nichicon corporation LNT1A104MSE Datasheet HTML 4Page - Nichicon corporation LNT1A104MSE Datasheet HTML 5Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
ALUMINUM ELECTROLYTIC CAPACITORS
NT
series
Frequency coefficient of rated ripple current
10 to 100V
160 to 250V
350 to 500V
60
0.90
0.88
0.82
120
1.00
1.00
1.00
360
1.08
1.08
1.20
1k
1.15
1.15
1.35
10k or more
1.15
1.20
1.40
Coeff.
Frequency (Hz)
Dimensions
220
330
470
680
1000
1500
2200
2700
3300
3900
4700
5600
6800
8200
10000
12000
15000
35
× 80
35
× 80
35
× 100
51
× 80
51
× 80
51
× 120
63.5
× 100
63.5
× 110
63.5
× 130
63.5
× 150
76.2
× 110
63.5
× 170
76.2
× 130
76.2
× 150
76.2
× 170
90
× 150
90
× 170
90
× 190
90
× 220
100
× 220
1.6
2.3
3.1
4.2
6.6
9.1
11.5
13.1
15.4
17.9
18.2
20.7
20.3
23.7
27.6
26.9
31.0
32.9
38.3
44.5
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.88
1.09
1.30
1.56
1.89
2.32
2.81
3.11
3.44
3.74
3.74
4.11
4.11
4.49
4.94
4.94
5.00
5.00
5.00
5.00
LNT2G221MSEC
LNT2G331MSEC
LNT2G471MSEC
LNT2G681MSEF
LNT2G102MSEF
LNT2G152MSEF
LNT2G222MSEG
LNT2G272MSEG
LNT2G332MSEG
LNT2G392MSEG
LNT2G392MSEH
LNT2G472MSEG
LNT2G472MSEH
LNT2G562MSEH
LNT2G682MSEH
LNT2G682MSEJ
LNT2G822MSEJ
LNT2G103MSEJ
LNT2G123MSEJ
LNT2G153MSEK
400V (2G)
Rated ripple
(Arms)
tan
δ
Leakage Current
(mA)
Code
Size
φD
× L(mm)
Cap.
(µF)
220
330
470
680
1000
1500
2200
2700
3300
3900
4700
5600
6800
8200
10000
12000
15000
35
× 80
35
× 100
51
× 80
51
× 100
51
× 100
51
× 120
63.5
× 110
63.5
× 130
76.2
× 110
63.5
× 150
76.2
× 130
63.5
× 170
76.2
× 150
76.2
× 190
90
× 150
90
× 170
90
× 190
90
× 220
90
× 230
90
× 250
1.8
2.4
3.4
4.4
7.0
9.2
11.8
13.8
14.5
16.5
17.1
18.3
21.7
26.4
24.1
28.3
32.5
35.1
39.2
45.6
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.94
1.15
1.37
1.65
2.01
2.46
2.98
3.30
3.30
3.65
3.65
3.97
4.36
4.76
4.76
5.00
5.00
5.00
5.00
5.00
LNT2W221MSEC
LNT2W331MSEC
LNT2W471MSEF
LNT2W681MSEF
LNT2W102MSEF
LNT2W152MSEF
LNT2W222MSEG
LNT2W272MSEG
LNT2W272MSEH
LNT2W332MSEG
LNT2W332MSEH
LNT2W392MSEG
LNT2W472MSEH
LNT2W562MSEH
LNT2W562MSEJ
LNT2W682MSEJ
LNT2W822MSEJ
LNT2W103MSEJ
LNT2W123MSEJ
LNT2W153MSEJ
450V (2W)
Rated ripple
(Arms)
tan
δ
Leakage Current
(mA)
Code
Size
φD
× L(mm)
Cap.
(µF)
330
470
680
1000
1500
2200
2700
3300
3900
4700
5600
6800
8200
10000
51
× 80
51
× 80
51
× 100
51
× 120
63.5
× 110
63.5
× 130
63.5
× 150
76.2
× 130
63.5
× 170
76.2
× 150
76.2
× 150
76.2
× 190
90
× 150
90
× 150
90
× 170
90
× 220
90
× 250
2.7
3.2
4.2
5.5
7.1
9.3
11.0
11.0
12.9
13.0
14.1
17.2
16.3
17.8
20.7
25.5
29.9
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
1.21
1.45
1.74
2.12
2.59
3.14
3.48
3.48
3.85
3.85
4.18
4.59
4.59
5.00
5.00
5.00
5.00
LNT2H331MSEF
LNT2H471MSEF
LNT2H681MSEF
LNT2H102MSEF
LNT2H152MSEG
LNT2H222MSEG
LNT2H272MSEG
LNT2H272MSEH
LNT2H332MSEG
LNT2H332MSEH
LNT2H392MSEH
LNT2H472MSEH
LNT2H472MSEJ
LNT2H562MSEJ
LNT2H682MSEJ
LNT2H822MSEJ
LNT2H103MSEJ
500V (2H)
Rated ripple
(Arms)
tan
δ
Leakage Current
(mA)
Code
Size
φD
× L(mm)
Cap.
(µF)
Rated ripple current (Arms) at 105°C 120Hz
CAT.8100C


Similar Part No. - LNT1A104MSE

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
LNT1A104SEG NICHICON-LNT1A104SEG Datasheet
205Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - LNT1A104MSE

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com