Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B32232S3475K500 Datasheet(PDF) 1 Page - TDK Electronics

Part # B32232S3475K500
Description  Film Capacitors Metallized Polyester Film Capacitors (MKT)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B32232S3475K500 Datasheet(HTML) 1 Page - TDK Electronics

  B32232S3475K500 Datasheet HTML 1Page - TDK Electronics B32232S3475K500 Datasheet HTML 2Page - TDK Electronics B32232S3475K500 Datasheet HTML 3Page - TDK Electronics B32232S3475K500 Datasheet HTML 4Page - TDK Electronics B32232S3475K500 Datasheet HTML 5Page - TDK Electronics B32232S3475K500 Datasheet HTML 6Page - TDK Electronics B32232S3475K500 Datasheet HTML 7Page - TDK Electronics B32232S3475K500 Datasheet HTML 8Page - TDK Electronics B32232S3475K500 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Film Capacitors
Metallized Polyester Film Capacitors (MKT)
Series/Type:
B32232
The following products presented in this data sheet are being withdrawn.
Ordering Code
Substitute Product
Date of Withdrawal Deadline Last
Orders
Last Shipments
see following page
2014-04-11
2014-07-15
2014-10-15
For further information please contact your nearest EPCOS sales office, which will also support you in selecting a
suitable substitute. The addresses of our worldwide sales network are presented at www.epcos.com/sales.


Similar Part No. - B32232S3475K500

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32232S3475K500 TDK-B32232S3475K500 Datasheet
353Kb / 17P
   Metallized Polyester Film Capacitors (MKT)
More results

Similar Description - B32232S3475K500

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32520 TDK-B32520 Datasheet
1Mb / 49P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
EPCOS
B32671L_672L EPCOS-B32671L_672L Datasheet
552Kb / 31P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32794_798 EPCOS-B32794_798 Datasheet
304Kb / 19P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32601L_602L EPCOS-B32601L_602L Datasheet
484Kb / 25P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
TDK Electronics
B32572 TDK-B32572 Datasheet
276Kb / 19P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
EPCOS
B32522C1225K EPCOS-B32522C1225K Datasheet
1Mb / 31P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32612_614 EPCOS-B32612_614 Datasheet
577Kb / 32P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32651_656 EPCOS-B32651_656 Datasheet
652Kb / 40P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32520_529 EPCOS-B32520_529 Datasheet
881Kb / 46P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
TDK Electronics
B32231 TDK-B32231 Datasheet
339Kb / 17P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32559C TDK-B32559C Datasheet
410Kb / 23P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com