Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B32232A0225K000 Datasheet(PDF) 3 Page - TDK Electronics

Part # B32232A0225K000
Description  Film Capacitors Metallized Polyester Film Capacitors (MKT)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B32232A0225K000 Datasheet(HTML) 3 Page - TDK Electronics

  B32232A0225K000 Datasheet HTML 1Page - TDK Electronics B32232A0225K000 Datasheet HTML 2Page - TDK Electronics B32232A0225K000 Datasheet HTML 3Page - TDK Electronics B32232A0225K000 Datasheet HTML 4Page - TDK Electronics B32232A0225K000 Datasheet HTML 5Page - TDK Electronics B32232A0225K000 Datasheet HTML 6Page - TDK Electronics B32232A0225K000 Datasheet HTML 7Page - TDK Electronics B32232A0225K000 Datasheet HTML 8Page - TDK Electronics B32232A0225K000 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Typical applications
Smoothing
Filtering
Climatic
Max. operating temperature: 100
°C
Climatic category (IEC 60068-1): 40/100/21
Construction
Dielectric: polyethylene terephthalate
(polyester, PET)
Cylindrical winding
Insulating sleeve
Face ends sealed with epoxy resin
Features
RoHS-compatible
Terminals
Central axial wire leads, lead-free tinned
Marking
Manufacturer, series number,
rated capacitance (coded),
capacitance tolerance (code letter),
rated DC voltage. date of manufacture (coded)
Delivery mode
Bulk (untaped)
Taped (reel)
For notes on taping, refer to chapter "Taping and packing“.
Detail specification
DIN 45910-112
Dimensional drawing
Dimensions in mm
Diameter d
Lead diameter d1
≤ 7.0
0.6
> 7.0
0.8
When bending leads take care to leave a
clearance of 1 mm to the capacitor body.
Metallized polyester film capacitors (MKT)
B32232
General purpose (wound)
Page 2 of 16
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B32232A0225K000

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32232A0225K000 TDK-B32232A0225K000 Datasheet
353Kb / 17P
   Metallized Polyester Film Capacitors (MKT)
More results

Similar Description - B32232A0225K000

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32520 TDK-B32520 Datasheet
1Mb / 49P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
EPCOS
B32671L_672L EPCOS-B32671L_672L Datasheet
552Kb / 31P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32794_798 EPCOS-B32794_798 Datasheet
304Kb / 19P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32601L_602L EPCOS-B32601L_602L Datasheet
484Kb / 25P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
TDK Electronics
B32572 TDK-B32572 Datasheet
276Kb / 19P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
EPCOS
B32522C1225K EPCOS-B32522C1225K Datasheet
1Mb / 31P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32612_614 EPCOS-B32612_614 Datasheet
577Kb / 32P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32651_656 EPCOS-B32651_656 Datasheet
652Kb / 40P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32520_529 EPCOS-B32520_529 Datasheet
881Kb / 46P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
TDK Electronics
B32231 TDK-B32231 Datasheet
339Kb / 17P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32559C TDK-B32559C Datasheet
410Kb / 23P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com