Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELJRE22NJF2 Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # ELJRE22NJF2
Description  Chip Inductors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELJRE22NJF2 Datasheet(HTML) 3 Page - Panasonic Semiconductor

  ELJRE22NJF2 Datasheet HTML 1Page - Panasonic Semiconductor ELJRE22NJF2 Datasheet HTML 2Page - Panasonic Semiconductor ELJRE22NJF2 Datasheet HTML 3Page - Panasonic Semiconductor ELJRE22NJF2 Datasheet HTML 4Page - Panasonic Semiconductor ELJRE22NJF2 Datasheet HTML 5Page - Panasonic Semiconductor ELJRE22NJF2 Datasheet HTML 6Page - Panasonic Semiconductor ELJRE22NJF2 Datasheet HTML 7Page - Panasonic Semiconductor ELJRE22NJF2 Datasheet HTML 8Page - Panasonic Semiconductor ELJRE22NJF2 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Chip Inductors
Non-Magnetic Core Types RE, ND, NC, NA
s Examples: Type 1608 (0603) RE
s Q-Frequency Characteristics
Frequency
Type: RE
Q
100 M
1 G
10 G
10 M
0
20
40
60
80
Frequency
Type: ND
Q
100 M
1 G
3 G
10 M
0
40
80
120
160
2.2nH
10 nH
47 nH
100 nH
10 nH
15 nH
47 nH
100 nH
Part No.
nH
(100 MHz)
Tolerance
Q*
1 min.
(100 MHz)
Inductance
Q*
2 Typical
(800 MHz)
SRF*
3 min.
(MHz)
DCR
*4 max.
(
Ω)
Rated DC
Current max.
(mA)
ELJRE1N5DF2
1.5
8
47
6000
0.07
500
ELJRE1N8DF2
1.8
8
45
6000
0.08
500
ELJRE2N2DF2
2.2
8
35
6000
0.09
500
ELJRE2N7DF2
2.7
8
35
6000
0.10
500
ELJRE3N3DF2
3.3
9
35
5500
0.12
500
ELJRE3N9JF2
3.9
9
36
5500
0.15
450
ELJRE4N7JF2
4.7
9
36
4800
0.17
450
ELJRE5N6JF2
5.6
9
36
4600
0.18
430
ELJRE6N8JF2
6.8
9
36
3550
0.20
430
ELJRE8N2JF2
8.2
9
36
3500
0.28
400
ELJRE10NJF2
10
10
37
2800
0.32
400
ELJRE12NJF2
12
10
37
2800
0.35
400
ELJRE15NJF2
15
10
38
2500
0.41
350
ELJRE18NJF2
18
10
39
2300
0.45
350
ELJRE22NJF2
22
10
40
2000
0.50
300
ELJRE27NJF2
27
10
41
2000
0.55
300
ELJRE33NJF2
33
10
40
1800
0.60
300
ELJRE39NJF2
39
11
39
1800
0.80
300
ELJRE47NJF2
47
11
38
1800
0.95
250
ELJRE56NJF3
56
12
35
1800
1.20
250
ELJRE68NJF3
68
12
35
1500
1.30
250
ELJRE82NJF3
82
12
33
1500
1.50
250
ELJRER10JF3
100
12
30
1300
1.80
200
± 5%
*Test instrument * 1 HP4191A * 2 HP4291A * 3 Self-resonant frequency * 4 DC resistance
±0.3 nH
Design and specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety issues arises from this product, please inform us immediately for technical consultation.


Similar Part No. - ELJRE22NJF2

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELJRE22NJF2 PANASONIC-ELJRE22NJF2 Datasheet
1Mb / 15P
   Chip Inductors
More results

Similar Description - ELJRE22NJF2

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DFE32CAHR47MR0L MURATA1-DFE32CAHR47MR0L Datasheet
511Kb / 9P
   CHIP COIL(CHIP INDUCTORS) Inductors
logo
Panasonic Semiconductor
ELJ-NA4R7JF PANASONIC-ELJ-NA4R7JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJ-ND1R0JF PANASONIC-ELJ-ND1R0JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJ-NA2R2JF PANASONIC-ELJ-NA2R2JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJSA100KF PANASONIC-ELJSA100KF Datasheet
112Kb / 3P
   Fixed Inductors (Chip Inductors)
ELJ-RE3N9ZFA PANASONIC-ELJ-RE3N9ZFA Datasheet
162Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJFCR22F PANASONIC-ELJFCR22F Datasheet
96Kb / 4P
   Fixed Inductors Chip Inductors
ELJPF2N2DFB PANASONIC-ELJPF2N2DFB_13 Datasheet
134Kb / 7P
   Fixed Inductors Chip Inductors
ELJ-FA151JF PANASONIC-ELJ-FA151JF Datasheet
240Kb / 9P
   Fixed Inductors (Chip Inductors)
ELJFQF1N0JF PANASONIC-ELJFQF1N0JF Datasheet
83Kb / 3P
   Fixed Inductors (Chip Inductors)
logo
Panasonic Battery Group
ELJ-RE39NJFA PANASONICBATTERY-ELJ-RE39NJFA Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com