Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELJRE12NJF2 Datasheet(PDF) 7 Page - Panasonic Semiconductor

Part # ELJRE12NJF2
Description  Chip Inductors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELJRE12NJF2 Datasheet(HTML) 7 Page - Panasonic Semiconductor

Back Button ELJRE12NJF2 Datasheet HTML 3Page - Panasonic Semiconductor ELJRE12NJF2 Datasheet HTML 4Page - Panasonic Semiconductor ELJRE12NJF2 Datasheet HTML 5Page - Panasonic Semiconductor ELJRE12NJF2 Datasheet HTML 6Page - Panasonic Semiconductor ELJRE12NJF2 Datasheet HTML 7Page - Panasonic Semiconductor ELJRE12NJF2 Datasheet HTML 8Page - Panasonic Semiconductor ELJRE12NJF2 Datasheet HTML 9Page - Panasonic Semiconductor ELJRE12NJF2 Datasheet HTML 10Page - Panasonic Semiconductor ELJRE12NJF2 Datasheet HTML 11Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Chip Inductors
s Examples: Type 2520 (1008) FC
Part No.
µH
Tolerance
Q
min.
Inductance
L • Q
Test–Frequency
MHz
SRF*
MHz (min.)
DCR**
Ω max.
Rated DC
Current mA max.
ELJFCR22M/KF
0.22
230
0.70
190
ELJFCR27M/KF
0.27
210
0.75
180
ELJFCR33M/KF
0.33
190
0.85
170
ELJFCR39M/KF
0.39
175
0.95
160
ELJFCR47M/KF
0.47
160
1.0
155
ELJFCR56M/KF
0.56
150
1.1
150
ELJFCR68M/KF
0.68
135
1.25
140
ELJFCR82M/KF
0.82
125
1.4
130
ELJFC1R0K/JF
1.0
115
0.65
195
ELJFC1R2K/JF
1.2
100
0.75
180
ELJFC1R5K/JF
1.5
90
0.85
170
ELJFC1R8K/JF
1.8
85
0.95
160
ELJFC1R2K/JF
2.2
80
1.05
155
ELJFC2R7K/JF
2.7
75
1.2
145
ELJFC3R3K/JF
3.3
65
1.3
135
ELJFC3R9K/JF
3.9
60
1.4
130
ELJFC4R7K/JF
4.7
55
1.55
125
ELJFC5R6K/JF
5.6
50
1.75
120
ELJFC6R8K/JF
6.8
45
1.95
115
ELJFC8R2K/JF
8.2
40
2.2
105
ELJFC100K/JF
10
32
3.5
80
ELJFC120K/JF
12
30
3.8
75
ELJFC150K/JF
15
28
4.4
70
ELJFC180K/JF
18
25
5.0
65
ELJFC220K/JF
22
22
5.8
60
ELJFC270K/JF
27
21
6.3
115
ELJFC330K/JF
33
20
7.1
110
ELJFC390K/JF
39
18
9.5
90
ELJFC470K/JF
47
17
11.0
80
ELJFC560K/JF
56
16
12.1
75
ELJFC680K/JF
68
15
16.6
70
ELJFC820K/JF
82
13
19.0
65
ELJFC101K/JF
100
12
21.0
60
*Self-Resonant Frequency ** DC Resistance
±20%
±10%
25
20
12
15
0.796
7.95
2.52
25.2
± 10%
±5%
Design and specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety issues arises from this product, please inform us immediately for technical consultation.


Similar Part No. - ELJRE12NJF2

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELJRE12NJF2 PANASONIC-ELJRE12NJF2 Datasheet
1Mb / 15P
   Chip Inductors
More results

Similar Description - ELJRE12NJF2

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DFE32CAHR47MR0L MURATA1-DFE32CAHR47MR0L Datasheet
511Kb / 9P
   CHIP COIL(CHIP INDUCTORS) Inductors
logo
Panasonic Semiconductor
ELJ-NA4R7JF PANASONIC-ELJ-NA4R7JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJ-ND1R0JF PANASONIC-ELJ-ND1R0JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJ-NA2R2JF PANASONIC-ELJ-NA2R2JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJSA100KF PANASONIC-ELJSA100KF Datasheet
112Kb / 3P
   Fixed Inductors (Chip Inductors)
ELJ-RE3N9ZFA PANASONIC-ELJ-RE3N9ZFA Datasheet
162Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJFCR22F PANASONIC-ELJFCR22F Datasheet
96Kb / 4P
   Fixed Inductors Chip Inductors
ELJPF2N2DFB PANASONIC-ELJPF2N2DFB_13 Datasheet
134Kb / 7P
   Fixed Inductors Chip Inductors
ELJ-FA151JF PANASONIC-ELJ-FA151JF Datasheet
240Kb / 9P
   Fixed Inductors (Chip Inductors)
ELJFQF1N0JF PANASONIC-ELJFQF1N0JF Datasheet
83Kb / 3P
   Fixed Inductors (Chip Inductors)
logo
Panasonic Battery Group
ELJ-RE39NJFA PANASONICBATTERY-ELJ-RE39NJFA Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com