Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EETHC1C273KJ Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # EETHC1C273KJ
Description  Aluminum Electrolytic Capacitors/ HC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EETHC1C273KJ Datasheet(HTML) 3 Page - Panasonic Semiconductor

  EETHC1C273KJ Datasheet HTML 1Page - Panasonic Semiconductor EETHC1C273KJ Datasheet HTML 2Page - Panasonic Semiconductor EETHC1C273KJ Datasheet HTML 3Page - Panasonic Semiconductor EETHC1C273KJ Datasheet HTML 4Page - Panasonic Semiconductor EETHC1C273KJ Datasheet HTML 5Page - Panasonic Semiconductor EETHC1C273KJ Datasheet HTML 6Page - Panasonic Semiconductor EETHC1C273KJ Datasheet HTML 7Page - Panasonic Semiconductor EETHC1C273KJ Datasheet HTML 8Page - Panasonic Semiconductor EETHC1C273KJ Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors/ HC
– EEE-137 –
Standard Products
W.V.
Cap.
(120 Hz)
(±20 %)
Case size
Part No.
Specification
Min. Packaging Q'ty
Dia.
Length
PET sleeve
Terminal Length
4.0 mm
(Without Top Plate)
Ripple
Current
(120 Hz)
(+105 °C)
tan d
(120 Hz)
(+20 °C)
max.
(V. DC)
(μF)
(mm)
(mm)
(A r.m.s.)
(pcs)
25
6800
22
25
EETHC1E682HJ
2.40
0.40
200
8200
22
30
EETHC1E822HJ
2.70
0.40
200
25
25
EETHC1E822JJ
2.70
0.40
200
10000
22
35
EETHC1E103HJ
3.00
0.40
200
12000
22
40
EETHC1E123HJ
3.20
0.40
200
25
30
EETHC1E123JJ
3.20
0.40
200
15000
22
45
EETHC1E153HJ
3.60
0.40
200
25
35
EETHC1E153JJ
3.60
0.40
200
30
25
EETHC1E153KJ
3.60
0.40
100
18000
22
50
EETHC1E183HJ
3.90
0.40
200
25
40
EETHC1E183JJ
3.90
0.40
200
30
30
EETHC1E183KJ
3.90
0.40
100
35
25
EETHC1E183LJ
3.90
0.40
100
22000
25
45
EETHC1E223JJ
4.30
0.40
200
30
35
EETHC1E223KJ
4.30
0.40
100
35
30
EETHC1E223LJ
4.30
0.40
100
27000
30
40
EETHC1E273KJ
4.80
0.40
100
35
35
EETHC1E273LJ
4.80
0.40
100
33000
30
45
EETHC1E333KJ
5.50
0.40
100
35
40
EETHC1E333LJ
5.50
0.40
100
39000
30
50
EETHC1E393KJ
5.80
0.46
100
35
45
EETHC1E393LJ
5.80
0.46
100
47000
35
50
EETHC1E473LJ
6.30
0.54
100
35
4700
22
25
EETHC1V472HJ
2.20
0.35
200
5600
22
30
EETHC1V562HJ
2.40
0.35
200
25
25
EETHC1V562JJ
2.40
0.35
200
6800
22
35
EETHC1V682HJ
2.60
0.35
200
8200
22
40
EETHC1V822HJ
2.90
0.35
200
25
30
EETHC1V822JJ
2.90
0.35
200
10000
22
45
EETHC1V103HJ
3.20
0.35
200
25
35
EETHC1V103JJ
3.20
0.35
200
30
25
EETHC1V103KJ
3.20
0.35
100
12000
22
50
EETHC1V123HJ
3.50
0.35
200
25
40
EETHC1V123JJ
3.50
0.35
200
30
30
EETHC1V123KJ
3.50
0.35
100
35
25
EETHC1V123LJ
3.50
0.35
100
15000
25
45
EETHC1V153JJ
3.90
0.35
200
30
35
EETHC1V153KJ
3.90
0.35
100
35
30
EETHC1V153LJ
3.90
0.35
100
18000
30
40
EETHC1V183KJ
4.30
0.35
100
35
35
EETHC1V183LJ
4.30
0.35
100
22000
30
45
EETHC1V223KJ
5.00
0.35
100
35
40
EETHC1V223LJ
5.00
0.35
100
27000
35
45
EETHC1V273LJ
5.30
0.35
100
33000
35
50
EETHC1V333LJ
5.90
0.35
100
✽When capacitors of 035×45L and 035×50L are mounted on PWB, reinforce them with mounting clamp or adhesives.
(Avoid using adhesives including halogenated compositions.)
Endurance : 105 °C 2000 h
01 Sep. 2013
Discontinued


Similar Part No. - EETHC1C273KJ

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EETHC1C273KJ PANASONIC-EETHC1C273KJ Datasheet
555Kb / 13P
   Snap-in Type
EETHC1C273KJ PANASONIC-EETHC1C273KJ Datasheet
180Kb / 13P
   Aluminum Electrolytic Capacitors/ HC
More results

Similar Description - EETHC1C273KJ

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EET-HC2E182LF PANASONIC-EET-HC2E182LF Datasheet
180Kb / 13P
   Aluminum Electrolytic Capacitors/ HC
EEE-HC0J470R PANASONIC-EEE-HC0J470R Datasheet
61Kb / 2P
   Aluminum Electrolytic Capacitors/ HC
EEE-HC1V221P PANASONIC-EEE-HC1V221P Datasheet
109Kb / 3P
   Aluminum Electrolytic Capacitors/ HC
EEEHC0J220R PANASONIC-EEEHC0J220R Datasheet
61Kb / 2P
   Aluminum Electrolytic Capacitors HC
EEE-HC1C100R PANASONIC-EEE-HC1C100R Datasheet
61Kb / 2P
   Aluminum Electrolytic Capacitors/ HC
EET-HC2V102LF PANASONIC-EET-HC2V102LF Datasheet
656Kb / 13P
   Alumincum Electrolytic Capacitors/HC
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com