Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E2E2-X18MB1-M1 Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # E2E2-X18MB1-M1
Description  Long Barrel Inductive Prox
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E2E2-X18MB1-M1 Datasheet(HTML) 7 Page - Omron Electronics LLC

  E2E2-X18MB1-M1 Datasheet HTML 1Page - Omron Electronics LLC E2E2-X18MB1-M1 Datasheet HTML 2Page - Omron Electronics LLC E2E2-X18MB1-M1 Datasheet HTML 3Page - Omron Electronics LLC E2E2-X18MB1-M1 Datasheet HTML 4Page - Omron Electronics LLC E2E2-X18MB1-M1 Datasheet HTML 5Page - Omron Electronics LLC E2E2-X18MB1-M1 Datasheet HTML 6Page - Omron Electronics LLC E2E2-X18MB1-M1 Datasheet HTML 7Page - Omron Electronics LLC E2E2-X18MB1-M1 Datasheet HTML 8Page - Omron Electronics LLC E2E2-X18MB1-M1 Datasheet HTML 9Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
E2E2 3-Wire DC
E2E2 3-Wire DC
8
Installation
J
PIN ARRANGEMENT
E2E2-XjBj-M1 DC 3-wire Models
Output configuration
Applicable models
Pin arrangement
NO
E2E2-XjB1-M1
Note:
Terminal 2 is not used.
Load
E2E2-XjC1-M1
Note:
Terminal 2 is not used.
Load
NC
E2E2-XjB2-M1
Note:
Terminal 4 is not used.
Load
E2E2-XjC2-M1
Note:
Terminal 4 is not used.
Load
Precautions
J
MOUNTING
Do not tighten the nut with excessive force. A washer must be
used with the nut.
Shielded Model
Unshielded Model
Part B Part A
Part B Part A
Note:
The table below shows the tightening torques for part A and
part B nuts. In the previous examples, the nut is on the sen-
sor head side (part B) and hence the tightening torque for
part B applies. If this nut is in part A, the tightening torque for
part A applies instead.
Type
Torque
M12
30 N S m (310 kgf S cm)
M18
70 N S m (710 kgf S cm)
M30
180 N S m (1,800 kgf S cm)


Similar Part No. - E2E2-X18MB1-M1

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E2E2-X18MB1-M1 OMRON-E2E2-X18MB1-M1 Datasheet
1Mb / 48P
   A New Series of Easy-to-use and Tough E2E/E2E2 Models Long-size E2E2 Proximity Sensor Conforms to CENELEC
More results

Similar Description - E2E2-X18MB1-M1

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E2E-X10MY2-US OMRON-E2E-X10MY2-US Datasheet
520Kb / 16P
   Short Barrel Inductive Prox
E2E-X5E1-M1 OMRON-E2E-X5E1-M1 Datasheet
270Kb / 5P
   Short Barrel Inductive Prox
E2E-X5Y1-53-US OMRON-E2E-X5Y1-53-US Datasheet
520Kb / 16P
   Short Barrel Inductive Prox
TL-W OMRON-TL-W Datasheet
223Kb / 8P
   Miniature Inductive Prox
E2C-C1A OMRON-E2C-C1A Datasheet
396Kb / 15P
   Miniature Inductive Prox
TL-Q2MC1 OMRON-TL-Q2MC1 Datasheet
119Kb / 9P
   Compact Rectangular Inductive Prox
E2EVX5C1 OMRON-E2EVX5C1 Datasheet
300Kb / 6P
   All Metal Sensing Inductive Prox
logo
List of Unclassifed Man...
KTH-2258 ETC2-KTH-2258 Datasheet
1Mb / 2P
   Long Barrel BNC Connectors
logo
PANDUIT CORP.
LCC350-12-X PANDUIT-LCC350-12-X Datasheet
96Kb / 1P
   Copper Lug-Two-Hole, Long Barrel
logo
Molex Electronics Ltd.
191640019 MOLEX-191640019 Datasheet
63Kb / 1P
   PERMA-SEAL QD MALE TERMINAL LONG BARREL
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com