Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XMT5360A-155-ST Datasheet(PDF) 8 Page - Agilent(Hewlett-Packard)

Part # XMT5360A-155-ST
Description  622 Mb/s Logic Interface Laser Transmitter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

XMT5360A-155-ST Datasheet(HTML) 8 Page - Agilent(Hewlett-Packard)

Back Button XMT5360A-155-ST Datasheet HTML 4Page - Agilent(Hewlett-Packard) XMT5360A-155-ST Datasheet HTML 5Page - Agilent(Hewlett-Packard) XMT5360A-155-ST Datasheet HTML 6Page - Agilent(Hewlett-Packard) XMT5360A-155-ST Datasheet HTML 7Page - Agilent(Hewlett-Packard) XMT5360A-155-ST Datasheet HTML 8Page - Agilent(Hewlett-Packard) XMT5360A-155-ST Datasheet HTML 9Page - Agilent(Hewlett-Packard) XMT5360A-155-ST Datasheet HTML 10Page - Agilent(Hewlett-Packard) XMT5360A-155-ST Datasheet HTML 11Page - Agilent(Hewlett-Packard) XMT5360A-155-ST Datasheet HTML 12Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
449
VCC
MONITOR
PHOTODIODE
200
3 k
PIN 19
PIN 17
3 k
TO LASER BIAS
CONTROL CIRCUITRY
VCC
LASER
10
3 k
PIN 2
PIN 4
3 k
VEE
MODULATION
CURRENT
IBIAS
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
NC
LASER BIAS MONITOR (+)
NC
LASER BIAS MONITOR (–)
VEE
VCC
TRANSMIT DISABLE
VCC
VCC
NC
NC
LASER BACK FACET MONITOR (+)
VCC
LASER BACK FACET MONITOR (–)
DATA
DATA
VEE
CASE GROUND (SEE NOTE BELOW)
VCC
CASE GROUND (SEE NOTE BELOW)
FIBER PIGTAIL
Pins 15, 16, DATA, DATA:
These are differential ECL inputs.
If open circuited they float to VBB
(VCC –1.3 V).
Pin 17, Laser Back Facet
Monitor (–):
See Figure 2.
Pin 19, Laser Back Facet
Monitor (+):
See Figure 2.
Connection Diagram
Top View
Pin Descriptions
Pins 1, 3, 10, 20, NC:
These pins should not be con-
nected and should be left open
circuit on the application PCB.
Pin 2, Laser Bias Monitor (+):
See Figure 1.
Pin 4, Laser Bias Monitor (–):
See Figure 1.
Pins 5, 14, VEE:
These pins are connected to
ground in +5 V systems and –5 V
in negative supply systems.
Pins 6, 8, 9, 12, 18, VCC:
These pins are connected to +5 V
for positive supply systems and
ground for –5.2 V systems.
Pin 7, Transmit Disable:
Pin 7 floats to VEE when open
circuited, enabling the
transmitter. It must be biased
within 3 V of VCC to disable.
Pins 11, 13, Ground:
These pins connect to the case.
They should always be connected
to circuit ground.
Figure 1. Laser Bias Monitor Circuitry.
Figure 2. Back Facet Monitor Circuitry.


Similar Part No. - XMT5360A-155-ST

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
XMT5370-155 HP-XMT5370-155 Datasheet
100Kb / 6P
   155 Mb/s Logic Interface Laser Transmitter for OC3/STM1
XMT5370155 HP-XMT5370155 Datasheet
169Kb / 6P
   155 Mb/s Logic Interface Laser Transmitter for OC3/STM1
XMT5370622 HP-XMT5370622 Datasheet
161Kb / 6P
   622 Mb/s Logic Interface Laser Transmitter
XMT5370A-155-FP HP-XMT5370A-155-FP Datasheet
100Kb / 6P
   155 Mb/s Logic Interface Laser Transmitter for OC3/STM1
XMT5370A-155-SC HP-XMT5370A-155-SC Datasheet
100Kb / 6P
   155 Mb/s Logic Interface Laser Transmitter for OC3/STM1
More results

Similar Description - XMT5360A-155-ST

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
XMT5370622 HP-XMT5370622 Datasheet
161Kb / 6P
   622 Mb/s Logic Interface Laser Transmitter
XMT5170-622 HP-XMT5170-622 Datasheet
124Kb / 6P
   622 Mb/s Logic Interface DFB Laser Transmitter
XMT5370-155 HP-XMT5370-155 Datasheet
100Kb / 6P
   155 Mb/s Logic Interface Laser Transmitter for OC3/STM1
XMT5370155 HP-XMT5370155 Datasheet
169Kb / 6P
   155 Mb/s Logic Interface Laser Transmitter for OC3/STM1
XMT5170-155 HP-XMT5170-155 Datasheet
100Kb / 6P
   155 Mb/s Logic Interface Laser Transmitter for OC3/STM1
logo
California Eastern Labs
NX6511GH CEL-NX6511GH Datasheet
967Kb / 6P
   LASER DIODE IN COAXIAL PACKAGE FOR 155 Mb/s AND 622 Mb/s APPLICATIONS
NX7301BA CEL-NX7301BA Datasheet
101Kb / 4P
   LASER DIODE IN COAXIAL PACKAGE FOR 155 Mb/s AND 622 Mb/s APPLICATIONS
NX5322 CEL-NX5322 Datasheet
190Kb / 7P
   1 310 nm FOR 156 Mb/s, 622 Mb/s, 1.25 Gb/s, InGaAsP MQW-FP LASER DIODE
NX5312 CEL-NX5312_06 Datasheet
285Kb / 7P
   1 310 nm FOR 156 Mb/s, 622 Mb/s, 1.25 Gb/s, InGaAsP MQW-FP LASER DIODE
logo
NEC
NX5322 NEC-NX5322 Datasheet
94Kb / 7P
   1 310 nm FOR 156 Mb/s, 622 Mb/s, 1.25 Gb/s, InGaAsP MQW-FP LASER DIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com